Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCX1047A Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # FCX1047A
Description  NPN SILICON POWER (SWITCHING) TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

FCX1047A Datasheet(HTML) 2 Page - Zetex Semiconductors

  FCX1047A Datasheet HTML 1Page - Zetex Semiconductors FCX1047A Datasheet HTML 2Page - Zetex Semiconductors FCX1047A Datasheet HTML 3Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated).
PARAMETER
SYMBOL
Min
Typ
Max
UNIT
CONDITIONS.
Collector-Base
Breakdown Voltage
V(BR)CBO
35
V
IC=100µA
Collector-Emitter
Breakdown Voltage
VCES
35
V
IC=100µA
Collector-Emitter
Breakdown Voltage
VCEO
10
V
IC=10mA
Collector-Emitter
Breakdown Voltage
VCEV
35
V
IC=100µA, VEB=1V
Emitter-Base
Breakdown Voltage
V(BR)EBO
5V
IE=100µA
Collector Cut-Off Current
ICBO
0.3
10
nA
VCB=20V
Emitter Cut-Off Current
IEBO
0.3
10
nA
VEB=4V
Collector Emitter Cut-Off
Current
ICES
0.3
10
nA
VCES=20V
Collector-Emitter
Saturation Voltage
VCE(sat)
25
50
140
160
220
40
70
200
240
350
mV
mV
mV
mV
mV
IC=0.5A, IB=10mA*
IC=1A, IB=10mA*
IC=3A, IB=15mA*
IC=4A, IB=50mA*
IC=5A, IB=25mA*
Base-Emitter
Saturation Voltage
VBE(sat)
920
1000
mV
IC=4A, IB=50mA*
Base-Emitter Turn-On
Voltage
VBE(on)
860
950
mV
IC=4A, VCE=2V*
Static Forward Current
Transfer Ratio
hFE
280
290
300
200
200
60
430
440
450
350
330
110
1200
IC=10mA, VCE=2V*
IC=0.5A, VCE=2V*
IC=1A, VCE=2V*
IC=4A, VCE=2V*
IC=5A, VCE=2V*
IC=20A, VCE=2V*
Transition Frequency
fT
150
MHz
IC=50mA, VCE=10V
f=50MHz
Output Capacitance
Cobo
85
pF
VCB=10V, f=1MHz
Switching Times
ton
130
ns
IC=4A, IB=40mA, VCC=10V
toff
230
ns
IC=4A, IB=±40mA,
VCC=10V
*Measured under pulsed conditions. Pulse width=300
µs. Duty cycle ≤ 2%
FCX1047A


Similar Part No. - FCX1047A

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
FCX1047A KEXIN-FCX1047A Datasheet
52Kb / 2P
   NPN Silicon Power Switching Transistor
logo
Diodes Incorporated
FCX1047A DIODES-FCX1047A Datasheet
68Kb / 3P
   SOT89 NPN SILICON POWER (SWITCHING) TRANSISTOR
logo
List of Unclassifed Man...
FCX1047A ETC2-FCX1047A Datasheet
68Kb / 3P
   SOT89 NPN SILICON POWER (SWITCHING) TRANSISTOR
FCX1047ATA ETC2-FCX1047ATA Datasheet
68Kb / 3P
   SOT89 NPN SILICON POWER (SWITCHING) TRANSISTOR
logo
Diodes Incorporated
FCX1047A DIODES-FCX1047A_15 Datasheet
446Kb / 7P
   10V NPN MEDIUM POWER TRANSISTOR IN SOT89
More results

Similar Description - FCX1047A

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZUMT619 ZETEX-ZUMT619 Datasheet
123Kb / 3P
   NPN SILICON POWER (SWITCHING) TRANSISTOR
FCX1051A ZETEX-FCX1051A Datasheet
49Kb / 3P
   NPN SILICON POWER (SWITCHING) TRANSISTOR
FCX617 ZETEX-FCX617 Datasheet
82Kb / 3P
   NPN SILICON POWER (SWITCHING) TRANSISTOR
ZUMT617 ZETEX-ZUMT617 Datasheet
128Kb / 3P
   NPN SILICON POWER (SWITCHING) TRANSISTOR
FCX690B ZETEX-FCX690B Datasheet
83Kb / 3P
   NPN SILICON POWER (SWITCHING) TRANSISTOR
logo
Microsemi Corporation
2N3996 MICROSEMI-2N3996 Datasheet
65Kb / 2P
   NPN POWER SWITCHING SILICON TRANSISTOR
logo
TT Electronics.
BUX45X TTELEC-BUX45X Datasheet
203Kb / 3P
   SILICON NPN POWER SWITCHING TRANSISTOR
logo
Seme LAB
2N5667N1 SEME-LAB-2N5667N1 Datasheet
347Kb / 3P
   NPN POWER SILICON SWITCHING TRANSISTOR
logo
Microsemi Corporation
2N5339 MICROSEMI-2N5339 Datasheet
56Kb / 2P
   NPN POWER SILICON SWITCHING TRANSISTOR
JANS2N5339 MICROSEMI-JANS2N5339 Datasheet
184Kb / 4P
   NPN POWER SILICON SWITCHING TRANSISTOR
logo
Guangdong Kexin Industr...
FCX1047A KEXIN-FCX1047A Datasheet
52Kb / 2P
   NPN Silicon Power Switching Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com