Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCB4F-617DB1654 Datasheet(PDF) 11 Page - Token Electronics Industry Co., Ltd.

Part # TCB4F-617DB1654
Description  Balun Transformer General Information
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TCB4F-617DB1654 Datasheet(HTML) 11 Page - Token Electronics Industry Co., Ltd.

Back Button TCB4F-617DB1654 Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. TCB4F-617DB1654 Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. TCB4F-617DB1654 Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. TCB4F-617DB1654 Datasheet HTML 10Page - Token Electronics Industry Co., Ltd. TCB4F-617DB1654 Datasheet HTML 11Page - Token Electronics Industry Co., Ltd. TCB4F-617DB1654 Datasheet HTML 12Page - Token Electronics Industry Co., Ltd. TCB4F-617DB1654 Datasheet HTML 13Page - Token Electronics Industry Co., Ltd. TCB4F-617DB1654 Datasheet HTML 14Page - Token Electronics Industry Co., Ltd. TCB4F-617DB1654 Datasheet HTML 15Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
09 of 21
Surface Mount RF
Balun Transformers
TCB5F RF Balun Transformer
Surface Mount RF Balun Transformer
(TCB5F) Common Mode
Preview
Token utilizes the latest winding technology using paired wires for high uniformity and enabling the most cost-
effective designs in manufacturing common mode surface mount RF balun transformer products.
Base pins are end proccessed to allow direct mounting on PCB. Ideal for use in double balanced mixers, and as
broad band transformers, transistors and for impedance conversion.
Token RF Balun Transformer TCB5F series are primarily designed for choking power lines and conform to the
RoHS compliant and Lead-free. SMD TCB5F feature with ultra-compact size, wide inductance selection, and
low-resistance coils. SMD choke coils can be customed designs and tighter tolerances available on request.
Application of Balun Transformer specific designs also available including different inductance values and Q
specifications adjusted to frequency requirements.
Token is equipped to design and produce custom components to meet many design and reliability demands.
Custom parts are available on request. Token will also produce devices outside these specifications to meet
specific customer requirements, please contact our sales for more information.
Features :
- Pair wire coil for high stability.
Applications :
- Double Balance Mixers, Broad-Band Transformers;
- Impedance Transformers, Balun Transformers.
Version 2010
http://www.token.com.tw/
rfq token.com.tw
TOKEN


Similar Part No. - TCB4F-617DB1654

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TCB AVX-TCB Datasheet
535Kb / 4P
   COTS-Plus Polymer Capacitor
logo
Stackpole Electronics, ...
TCB SEI-TCB Datasheet
235Kb / 4P
   Ceramic Housed Current Sensing Resistor with 4 Leads
11/30/2020
logo
Toshiba Semiconductor
TCB001FNG TOSHIBA-TCB001FNG Datasheet
787Kb / 27P
   CDMOS Linear Integrated Circuit Silicon Monolithic
TCB001HQ TOSHIBA-TCB001HQ Datasheet
1Mb / 25P
   Maximum Power 45W BTL x 4-ch Audio Power IC
TCB010FNG TOSHIBA-TCB010FNG Datasheet
671Kb / 26P
   CMOS Linear Integrated Circuit Silicon Monolithic
More results

Similar Description - TCB4F-617DB1654

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
CX2155NL PULSE-CX2155NL Datasheet
115Kb / 1P
   BALUN TRANSFORMER
CX2049LNL PULSE-CX2049LNL Datasheet
100Kb / 1P
   BALUN TRANSFORMER
logo
Raltron Electronics Cor...
RBL-5400-2012-W-TR RALTRON-RBL-5400-2012-W-TR Datasheet
224Kb / 3P
   BALUN TRANSFORMER
logo
LinkCom Manufacturing C...
LRT1236-50R LINKCOM-LRT1236-50R Datasheet
84Kb / 1P
   Balun Transformer
logo
SJM Prewell. All Rights...
PBI21S SJM-PBI21S Datasheet
339Kb / 2P
   Transformer / Balun
PB411C SJM-PB411C Datasheet
267Kb / 3P
   Transformer /Balun
PBR11S SJM-PBR11S Datasheet
341Kb / 2P
   Transformer /Balun
PB1T1A SJM-PB1T1A Datasheet
266Kb / 2P
   Transformer / Balun
PBI11S SJM-PBI11S Datasheet
335Kb / 2P
   Transformer /Balun
logo
Pulse A Technitrol Comp...
CX2045LNL PULSE-CX2045LNL Datasheet
153Kb / 2P
   BALUN TRANSFORMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com