Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSF303D875B-S4 Datasheet(PDF) 7 Page - Token Electronics Industry Co., Ltd.

Part # TSF303D875B-S4
Description  Front End Filters
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TSF303D875B-S4 Datasheet(HTML) 7 Page - Token Electronics Industry Co., Ltd.

Back Button TSF303D875B-S4 Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TSF303D875B-S4 Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TSF303D875B-S4 Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TSF303D875B-S4 Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TSF303D875B-S4 Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. TSF303D875B-S4 Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. TSF303D875B-S4 Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. TSF303D875B-S4 Datasheet HTML 10Page - Token Electronics Industry Co., Ltd. TSF303D875B-S4 Datasheet HTML 11Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
07 of 14
Version 2010
Saw RF Filters for Cellular Phone
Part Number
Center Freq.
(MHz)
BW
(MHz)
IL
(dB)
System
Package
SMD Type
DIP Type
TSF452D50-S7
452.5
5.0
2.1
CDMA450 TX
DCC6
TSF462D50-S7
462.5
4.6
2.5
CDMA450 RX
DCC6
TSF455D00-S7
455.0
5.0
2.1
CDMA450 TX
DCC6
TSF465D00-S7
465.0
4.6
2.5
CDMA450 RX
DCC6
TSF481D25-S7
481.25
4.5
1.8
CDMA450 TX
DCC6
TSF491D25-S7
491.25
4.5
2.4
CDMA450 RX
DCC6
TSF836D50-S9
836.5
25
2.7
AMPS / CDMA TX
DCC6C
TSF881D50-S9
881.5
25
2.7
AMPS / CDMA RX
DCC6C
TSF897D50A-S7
897.5
26
3.0
EGSM TX
DCC6
TSF897D50B-S7
897.5
30
2.7
EGSM TX
DCC6
TSF942D50-S7
942.5
30
2.7
EGSM RX
DCC6
TSF900D00A-S7
900
30
2.7
EGSM TX
DCC6
TSF900D00B-S9
900
30
2.7
EGSM TX
DCC6C
TSF945D00A-S7
945
30
2.7
EGSM RX
DCC6
TSF945D00B-S9
945
30
2.7
EGSM RX
DCC6C
TSF902D50A-S9
902.5
30
2.7
GSM TX
DCC6C
TSF902D50B-S7
902.5
25
3.0
GSM TX
DCC6
TSF947D50A-S9
947.5
30
2.7
GSM RX
DCC6C
TSF947D50B-S7
947.5
25
3.0
GSM RX
DCC6
TSF1747D50-S9
1747.5
75
3.5
PCN / DCS TX
DCC6C
TSF1842D50-S9
1842.5
75
3.5
PCN / DCS RX
DCC6C
TSF1855D00-S9
1855.0
30
3.0
K-PCS RX
DCC6C
Typical Specification
http://www.token.com.tw/
rfq token.com.tw
TOKEN


Similar Part No. - TSF303D875B-S4

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSF30H100C TSC-TSF30H100C Datasheet
241Kb / 5P
   Trench Schottky Rectifier
TSF30H120C TSC-TSF30H120C Datasheet
181Kb / 3P
   Trench MOS Barrier Schottky Rectifier
TSF30H120C TSC-TSF30H120C Datasheet
241Kb / 5P
   Trench Schottky Rectifier
TSF30H150C TSC-TSF30H150C Datasheet
241Kb / 5P
   Trench Schottky Rectifier
TSF30H200C TSC-TSF30H200C Datasheet
241Kb / 5P
   Trench Schottky Rectifier
More results

Similar Description - TSF303D875B-S4

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
2133C MTRONPTI-2133C Datasheet
52Kb / 1P
   Front End Crystal Filters
2133 MTRONPTI-2133 Datasheet
332Kb / 1P
   Front-End Filters: 10.0MHz to 220 MHz
logo
Intersil Corporation
EL4501 INTERSIL-EL4501 Datasheet
477Kb / 19P
   Video Front End
logo
Elantec Semiconductor
EL4501C ELANTEC-EL4501C Datasheet
183Kb / 10P
   Video Front End
logo
STMicroelectronics
TDA7521 STMICROELECTRONICS-TDA7521 Datasheet
95Kb / 11P
   Analog Front End
logo
Toshiba Semiconductor
TA7358AP TOSHIBA-TA7358AP Datasheet
239Kb / 8P
   FM FRONT-END
logo
Texas Instruments
PCM1865-Q1 TI1-PCM1865-Q1 Datasheet
5Mb / 108P
[Old version datasheet]   Universal Front End
logo
DATEL, Inc.
ADCDS-1801LC-C DATEL-ADCDS-1801LC-C Datasheet
138Kb / 1P
   Analog Front End
logo
Samsung semiconductor
S1A0497X01 SAMSUNG-S1A0497X01 Datasheet
174Kb / 10P
   FM FRONT END
logo
Unisonic Technologies
A6058 UTC-A6058 Datasheet
197Kb / 6P
   FM FRONT-END
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com