Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSF302D00B-S7 Datasheet(PDF) 3 Page - Token Electronics Industry Co., Ltd.

Part # TSF302D00B-S7
Description  Front End Filters
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TSF302D00B-S7 Datasheet(HTML) 3 Page - Token Electronics Industry Co., Ltd.

  TSF302D00B-S7 Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TSF302D00B-S7 Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TSF302D00B-S7 Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TSF302D00B-S7 Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TSF302D00B-S7 Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TSF302D00B-S7 Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TSF302D00B-S7 Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. TSF302D00B-S7 Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. TSF302D00B-S7 Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
03 of 14
Version 2010
Front End Filters
SAW Filters for Automotive Electronics & Remote Control - Front end filters are key components which
transmit in the USA typically at 315 or 915 MHz and in Europe at 433.92 MHz or 868-870 MHz In modern
remote control applications.
Part Number
Center Freq.
(MHz)
IL
(dB)
3dB BW
(MHz)
Package
SMD Type
DIP Type
TSF295D00-D1
295
3.0
0.6
TO-39
TSF302D00A-S4
302
2.5
0.75
QCC8C
TSF302D00B-S7
302
2.5
0.75
DCC6
TSF303D825A-D1
303.825
3.0
0.6
TO-39
TSF303D825B-S4
303.825
3.0
0.6
QCC8C
TSF303D875A-D1
303.875
3.0
0.6
TO-39
TSF303D875B-S4
303.875
3.0
0.6
QCC8C
TSF310D00-S4
310
3.0
0.8
QCC8C
TSF315D00A-D1
315
3.0
0.6
TO-39
TSF315D00B-D2
315
3.0
0.6
F-11
TSF315D00C-S4
315
3.0
0.6
QCC8C
TSF315D00D-S4
315
2.5
1.3
QCC8C
TSF315D00E-S6
315
2.5
1.3
QCC8B
TSF315D50-D1
315.5
3.0
0.6
TO-39
TSF318D00-D1
318
3.0
0.6
TO-39
TSF319D50-D1
319.5
2.5
0.7
TO-39
TSF345D00A-S6
345
2.5
4.5
QCC8B
TSF345D00B-S4
345
3.0
0.9
QCC8C
TSF372D50-D1
372.5
3.0
0.6
TO-39
TSF390D00-S4
390
3.0
1.0
QCC8C
TSF391D25-D1
391.25
2.5
0.6
TO-39
TSF395D00-S4
395
3.0
1.0
QCC8C
TSF401D65-S4
401.65
3.0
0.6
QCC8C
TSF401D90-D1
401.9
3.0
0.6
TO-39
TSF418D00A-D1
418
3.0
0.6
TO-39
TSF418D00B-S4
418
3.0
0.6
QCC8C
TSF419D20-S4
419.2
3.0
1.2
QCC8C
TSF430D50A-D1
430.5
3.0
0.6
TO-39
TSF430D50B-D2
430.5
3.0
0.6
F-11
TSF431D50A-D2
431.5
2.5
0.58
F-11
TSF431D50B-S4
431.5
2.5
0.58
QCC8C
TSF433D42A-S4
433.42
3.5
0.6
QCC8C
TSF433D42B-S7
433.42
3.0
0.9
DCC6
TSF433D92A-D1
433.92
3.0
0.6
TO-39
TSF433D92B-D1
433.92
2.0
0.73
TO-39
TSF433D92C-D2
433.92
3.0
0.6
F-11
TSF433D92D-S4
433.92
3.0
0.6
QCC8C
TSF433D92E-S4
433.92
2.0
0.73
QCC8C
TSF433D92F-S4
433.92
2.5
0.6
QCC8C
SAW for Automotive Electronics & Remote Control Typical Specification
http://www.token.com.tw/
rfq token.com.tw
TOKEN


Similar Part No. - TSF302D00B-S7

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSF30H100C TSC-TSF30H100C Datasheet
241Kb / 5P
   Trench Schottky Rectifier
TSF30H120C TSC-TSF30H120C Datasheet
181Kb / 3P
   Trench MOS Barrier Schottky Rectifier
TSF30H120C TSC-TSF30H120C Datasheet
241Kb / 5P
   Trench Schottky Rectifier
TSF30H150C TSC-TSF30H150C Datasheet
241Kb / 5P
   Trench Schottky Rectifier
TSF30H200C TSC-TSF30H200C Datasheet
241Kb / 5P
   Trench Schottky Rectifier
More results

Similar Description - TSF302D00B-S7

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
2133C MTRONPTI-2133C Datasheet
52Kb / 1P
   Front End Crystal Filters
2133 MTRONPTI-2133 Datasheet
332Kb / 1P
   Front-End Filters: 10.0MHz to 220 MHz
logo
Intersil Corporation
EL4501 INTERSIL-EL4501 Datasheet
477Kb / 19P
   Video Front End
logo
Elantec Semiconductor
EL4501C ELANTEC-EL4501C Datasheet
183Kb / 10P
   Video Front End
logo
STMicroelectronics
TDA7521 STMICROELECTRONICS-TDA7521 Datasheet
95Kb / 11P
   Analog Front End
logo
Toshiba Semiconductor
TA7358AP TOSHIBA-TA7358AP Datasheet
239Kb / 8P
   FM FRONT-END
logo
Texas Instruments
PCM1865-Q1 TI1-PCM1865-Q1 Datasheet
5Mb / 108P
[Old version datasheet]   Universal Front End
logo
DATEL, Inc.
ADCDS-1801LC-C DATEL-ADCDS-1801LC-C Datasheet
138Kb / 1P
   Analog Front End
logo
Samsung semiconductor
S1A0497X01 SAMSUNG-S1A0497X01 Datasheet
174Kb / 10P
   FM FRONT END
logo
Unisonic Technologies
A6058 UTC-A6058 Datasheet
197Kb / 6P
   FM FRONT-END
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com