Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RMG30JTF10K Datasheet(PDF) 2 Page - Token Electronics Industry Co., Ltd.

Part # RMG30JTF10K
Description  RMG30 TO-Style Power-Film Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

RMG30JTF10K Datasheet(HTML) 2 Page - Token Electronics Industry Co., Ltd.

  RMG30JTF10K Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. RMG30JTF10K Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. RMG30JTF10K Datasheet HTML 3Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
02 of 03
RMG30 TO-Style Power-Film Resistors
Dimensions (Unit: mm)
Electrical Characteristics Specifications
Power Derating Curve
W
D1
T
T1
T2
C
D
R
Type
W
H
T
T1
T2
B
B1
C
D
D1
G
R
RMG30
10.15
~
10.67
16.00
~
16.52
2.92
~
3.44
0.40
~
0.60
1.52
~
2.04
11.43
~
13.97
2.54
~
4.06
4.82
~
5.34
0.66
~
0.86
1.14
~
1.40
2.92
~
3.44
3.08
~
3.28
Resistance Range
Resistance Tolerance
TCR(PPM/°C)
0.05Ω~1Ω
±5.00%
±10.0%
-
2Ω~5Ω
±1.00%
±5.00%
±10.0%
±200
5Ω~10Ω
±1.00%
±5.00%
±10.0%
±100
±200
11Ω~10KΩ
±0.50%
±1.00%
±5.00%
±10.0%
±50
±100
±200
Note: Operating Voltage:350V Max. Dielectric Strength: 1800VAC Insulation Resistance: 10GΩmin.
Working Temperature Range:-65°C to +150°C. Resistance Value < 1Ω is Available
Case Temperature (°C)
100
80
60
40
20
0
25
50
75
150
125
100
0
175
Derating Curve
http://www.token.com.tw/
rfq token.com.tw
TOKEN
Version 2010


Similar Part No. - RMG30JTF10K

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
RMG35DP0R1 TOKEN-RMG35DP0R1 Datasheet
389Kb / 3P
   RMG35 Power TO-Style Resistors
RMG35DP10K TOKEN-RMG35DP10K Datasheet
389Kb / 3P
   RMG35 Power TO-Style Resistors
RMG35DP10R TOKEN-RMG35DP10R Datasheet
389Kb / 3P
   RMG35 Power TO-Style Resistors
RMG35DP1K TOKEN-RMG35DP1K Datasheet
389Kb / 3P
   RMG35 Power TO-Style Resistors
RMG35DPD0R1 TOKEN-RMG35DPD0R1 Datasheet
389Kb / 3P
   RMG35 Power TO-Style Resistors
More results

Similar Description - RMG30JTF10K

ManufacturerPart #DatasheetDescription
logo
Caddock Electronics, In...
MP915 CADDOCK-MP915_17 Datasheet
532Kb / 2P
   Power Film Resistors TO-126, TO-220 and TO-247 Style
MP915 CADDOCK-MP915 Datasheet
249Kb / 2P
   Power Film Resistors TO-126, TO-220 and TO-247 Style
logo
Token Electronics Indus...
RMG50DTD0R1 TOKEN-RMG50DTD0R1 Datasheet
383Kb / 3P
   RMG50 To-Style Power Resistors
RMG35DTD0R1 TOKEN-RMG35DTD0R1 Datasheet
389Kb / 3P
   RMG35 Power TO-Style Resistors
logo
Riedon Powertron
PF2470 RIEDON-PF2470_16 Datasheet
239Kb / 3P
   TO-247 Power Film Resistors
PF2472-0R05J1 RIEDON-PF2472-0R05J1 Datasheet
226Kb / 3P
   TO-247 Power Film Resistors
PF2200 RIEDON-PF2200_11 Datasheet
246Kb / 2P
   TO-220 Power Film Resistors
PF1260 RIEDON-PF1260_11 Datasheet
226Kb / 2P
   TO-126 Power Film Resistors
PF2200 RIEDON-PF2200 Datasheet
238Kb / 2P
   TO-220 Power Film Resistors
PF2472-30RF1 RIEDON-PF2472-30RF1 Datasheet
226Kb / 3P
   TO-247 Power Film Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com