Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSF295D00-D1 Datasheet(PDF) 1 Page - Token Electronics Industry Co., Ltd.

Part # TSF295D00-D1
Description  Front End Filters
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TSF295D00-D1 Datasheet(HTML) 1 Page - Token Electronics Industry Co., Ltd.

  TSF295D00-D1 Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TSF295D00-D1 Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TSF295D00-D1 Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TSF295D00-D1 Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TSF295D00-D1 Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TSF295D00-D1 Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TSF295D00-D1 Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. TSF295D00-D1 Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. TSF295D00-D1 Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
01 of 14
Version 2010
SAW Filters (TSF)
SAW Filters (TSF) Make New Waves
in The Wireless World
Preview
With the growth of wireless communications, SAW filters have become a critical component for electronics
manufacturers. Token develops and manufactures a complete line of our frequency control products utilizing
industry standard packages in both Surface Mount and Through Hole designs.
Token provides innovative low-cost, space-saving and energy-efficient designs with high volume off-shore
manufacturing, leading technology and superior engineering resources in design and process manufacturing.
Token’s SAW filters support all the major standards: EGSM, DCS,
AMPS/CDMA/GSM850, PCS, WCDMA, WLAN, GPS, within the
standard range of devices, offering a cost-effective solution for all
applications.
A new compact range of RF SAW filters uses chip-scale
packaging specifically to address the demanding miniaturisation
and performance requirements for new generations of mobile
phones. Key features of the range include compatibility with lead-free (high-temperature) solder reflow
while achieving high reliability against moisture, temperature, mechanical vibrations and shocks.
In modern remote control applications, SAW resonators and front end filters are key components which
transmit in the USA typically at 315 or 915 MHz and in Europe at 433.92 MHz or 868-870 MHz. These
remote controls are used in systems for Remote Keyless Entry (RKE, wireless operation of a car’s
central locking system), security alarms and garage door openers, electronic toll, RFID, short range data
transmission, wireless Tire Pressure Monitoring (TPMS).
Token SAW components provide stable frequencies for the RF carrier signal to transmit data over
a range for the local oscillators of superhet receivers. The front-end filter in the receiver eliminates
interference from the incoming RF signal, thus increasing selectivity and sensitivity in short-range
devices.
Our experienced engineering team can support your SAW application from the initial design through
production. Custom designs are available utilizing high technology mask designs, wafer fabrication,
assembly and complete reliability testing.
For marketing discontinuations or second sourcing activities concerning RF Filter and IF Filter
products, you are encouraged to contact our Sales Department so the request can be properly directed
within Token.
http://www.token.com.tw/
rfq token.com.tw
SAW
RF / IF Filters
Technology
TOKEN


Similar Part No. - TSF295D00-D1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSF2 ETC1-TSF2 Datasheet
534Kb / 4P
   EURO TERMINAL BLOCKS
TSF20 ETC1-TSF20 Datasheet
534Kb / 4P
   EURO TERMINAL BLOCKS
logo
MORNSUN Science& Techno...
TSF202-EX MORNSUN-TSF202-EX Datasheet
464Kb / 3P
   Switch Output isolation safety barrier
logo
Taiwan Semiconductor Co...
TSF2080C TSC-TSF2080C Datasheet
186Kb / 3P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier
TSF20H100C TSC-TSF20H100C Datasheet
212Kb / 3P
   Trench MOS Barrier Schottky Rectifier
More results

Similar Description - TSF295D00-D1

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
2133C MTRONPTI-2133C Datasheet
52Kb / 1P
   Front End Crystal Filters
2133 MTRONPTI-2133 Datasheet
332Kb / 1P
   Front-End Filters: 10.0MHz to 220 MHz
logo
Intersil Corporation
EL4501 INTERSIL-EL4501 Datasheet
477Kb / 19P
   Video Front End
logo
Elantec Semiconductor
EL4501C ELANTEC-EL4501C Datasheet
183Kb / 10P
   Video Front End
logo
STMicroelectronics
TDA7521 STMICROELECTRONICS-TDA7521 Datasheet
95Kb / 11P
   Analog Front End
logo
Toshiba Semiconductor
TA7358AP TOSHIBA-TA7358AP Datasheet
239Kb / 8P
   FM FRONT-END
logo
Texas Instruments
PCM1865-Q1 TI1-PCM1865-Q1 Datasheet
5Mb / 108P
[Old version datasheet]   Universal Front End
logo
DATEL, Inc.
ADCDS-1801LC-C DATEL-ADCDS-1801LC-C Datasheet
138Kb / 1P
   Analog Front End
logo
Samsung semiconductor
S1A0497X01 SAMSUNG-S1A0497X01 Datasheet
174Kb / 10P
   FM FRONT END
logo
Unisonic Technologies
A6058 UTC-A6058 Datasheet
197Kb / 6P
   FM FRONT-END
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com