Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RMG50KPE10K Datasheet(PDF) 3 Page - Token Electronics Industry Co., Ltd.

Part # RMG50KPE10K
Description  RMG50 To-Style Power Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

RMG50KPE10K Datasheet(HTML) 3 Page - Token Electronics Industry Co., Ltd.

  RMG50KPE10K Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. RMG50KPE10K Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. RMG50KPE10K Datasheet HTML 3Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
03 of 03
RMG50 To-Style Power Resistors
Environmental Characteristics
How to Order
50
J
P
RMG
D
10R
Part Number
Power Rating
Resistance
Code
Resistance
0R1
0.1Ω
10R
10Ω
1K
1KΩ
10K
10KΩ
Resistance Tolerance (%)
Code
Resistance Tolerance
D
±0.5%
F
±1%
G
±2%
J
±5%
K
±10%
Package
Code
Package
T
Tube
P
Bulk
TCR (PPM/°C)
Code
TCR
D
±50PPM/°C
E
±100PPM/°C
F
±200PPM/°C
-
No specified
Back to 1st Page - TO-220 Power Resistors (RMG50)
Test Item
Specification
Test Method
Temperature Coefficient of
Resistance
10Ω and above, ±50ppm/°C
1Ω and 10Ω, (±100ppm)/°C Referenced to 25°C, ΔR taken at +105°C
Short Time Overload
Δ R±0.3%
2 times rated power with applied voltage not to exceed
1.5 times maximum continuous operating voltage for 5
seconds.
Load Life
Δ R±1.0%
MIL-R-39009,2,000 hours at rated power.
Humidity (Steady State)
Δ R±0.5%
MIL-STD-202F, Method 103B
40°C, 90~95%RH, RCWV 1.5hours ON, 0.5hours
OFF. total 1000~1048 hours.
Thermal Shock
Δ R±0.3%
MIL-STD-202, Method 107G.
-65°C~150°C,100 cycle
Terminal Strength
Δ R±0.2%
MIL-STD-202, Method 211, Cond.A(Pull Test) 2.4N.
Vibration, High Frequency Δ R±0.2%
MIL-STD-202, Method 204, Cond.D.
Note: 1.Lead Material: Tinned Copper. Maximum Torque: 0.9 Nm.
2.Without a Heat Sink, When in Free Air at 25°C, the RMG50 is Rated for 3W.
3.The Case Temperature is to be used for the Definition of the Applied Power Limit.
4. The Case Temperature Measurement Must be Made with a Thermocouple Contacting the Center of the Component
Mounted on the Designed Heat Sink.
5.Thermal Grease Should be Applied Properly.
http://www.token.com.tw/
rfq token.com.tw
TOKEN
Version 2010


Similar Part No. - RMG50KPE10K

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
RMG100DP0R1 TOKEN-RMG100DP0R1 Datasheet
379Kb / 3P
   RMG100 TO-247 Power Resistors
RMG100DP10K TOKEN-RMG100DP10K Datasheet
379Kb / 3P
   RMG100 TO-247 Power Resistors
RMG100DP10R TOKEN-RMG100DP10R Datasheet
379Kb / 3P
   RMG100 TO-247 Power Resistors
RMG100DP1K TOKEN-RMG100DP1K Datasheet
379Kb / 3P
   RMG100 TO-247 Power Resistors
RMG100DPD0R1 TOKEN-RMG100DPD0R1 Datasheet
379Kb / 3P
   RMG100 TO-247 Power Resistors
More results

Similar Description - RMG50KPE10K

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
RMG35DTD0R1 TOKEN-RMG35DTD0R1 Datasheet
389Kb / 3P
   RMG35 Power TO-Style Resistors
RMG30DTD0R1 TOKEN-RMG30DTD0R1 Datasheet
375Kb / 3P
   RMG30 TO-Style Power-Film Resistors
logo
Caddock Electronics, In...
MP915 CADDOCK-MP915 Datasheet
249Kb / 2P
   Power Film Resistors TO-126, TO-220 and TO-247 Style
MP915 CADDOCK-MP915_17 Datasheet
532Kb / 2P
   Power Film Resistors TO-126, TO-220 and TO-247 Style
logo
UNIOHM CORPORATION
CR-25S UNIOHM-CR-25S Datasheet
1,022Kb / 1P
   Miniature Style Resistors
logo
Caddock Electronics, In...
MP900 CADDOCK-MP900 Datasheet
532Kb / 2P
   MP900 and MP9000 Series Kool-Pak짰 Power Film Resistors TO-126, TO-220 and TO-247 Style
logo
Ohmite Mfg. Co.
AP101 OHMITE-AP101 Datasheet
333Kb / 2P
   TO-247 style power package
logo
List of Unclassifed Man...
CFR ETC1-CFR Datasheet
52Kb / 2P
   Carbon Film Resistors Normal & Miniature Style
MFR ETC1-MFR Datasheet
36Kb / 2P
   Metal Film Resistors Normal & Miniature Style
logo
Riedon Powertron
PF2470 RIEDON-PF2470_16 Datasheet
239Kb / 3P
   TO-247 Power Film Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com