Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X28HC256E-15 Datasheet(PDF) 2 Page - Xicor Inc.

Part # X28HC256E-15
Description  5 Volt, Byte Alterable E2PROM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X28HC256E-15 Datasheet(HTML) 2 Page - Xicor Inc.

  X28HC256E-15 Datasheet HTML 1Page - Xicor Inc. X28HC256E-15 Datasheet HTML 2Page - Xicor Inc. X28HC256E-15 Datasheet HTML 3Page - Xicor Inc. X28HC256E-15 Datasheet HTML 4Page - Xicor Inc. X28HC256E-15 Datasheet HTML 5Page - Xicor Inc. X28HC256E-15 Datasheet HTML 6Page - Xicor Inc. X28HC256E-15 Datasheet HTML 7Page - Xicor Inc. X28HC256E-15 Datasheet HTML 8Page - Xicor Inc. X28HC256E-15 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
X28HC256
2
PIN DESCRIPTIONS
Addresses (A0–A14)
The Address inputs select an 8-bit memory location
during a read or write operation.
Chip Enable (
CE)
The Chip Enable input must be LOW to enable all read/
write operations. When
CE is HIGH, power consumption
is reduced.
Output Enable (
OE)
The Output Enable input controls the data output buffers
and is used to initiate read operations.
Data In/Data Out (I/O0–I/O7)
Data is written to or read from the X28HC256 through
the I/O pins.
Write Enable (
WE)
The Write Enable input controls the writing of data to the
X28HC256.
3859 FHD F01
FUNCTIONAL DIAGRAM
PIN NAMES
Symbol
Description
A0–A14
Address Inputs
I/O0–I/O7
Data Input/Output
WE
Write Enable
CE
Chip Enable
OE
Output Enable
VCC
+5V
VSS
Ground
NC
No Connect
3859 PGM T01
11
I/O0
10
A0
14
VSS
9
A1
8
A2
7
A3
6
A4
5
A5
2
A12
28
VCC
12
I/O1
13
I/O2
15
I/O3
4
A6
3
A7
1
16
I/O4
20
CE
22
OE
24
A9
17
I/O5
27
WE
19
I/O7
21
A10
23
A11
25
A8
18
I/O6
26
A13
X28HC256
(BOTTOM VIEW)
A14
PGA
PIN CONFIGURATION
3859 FHD F04
X BUFFERS
LATCHES AND
DECODER
I/O BUFFERS
AND LATCHES
3859 FHD F01
Y BUFFERS
LATCHES AND
DECODER
CONTROL
LOGIC AND
TIMING
256K-BIT
E2PROM
ARRAY
I/O0–I/O7
DATA INPUTS/OUTPUTS
CE
OE
VCC
VSS
A0–A14
ADDRESS
INPUTS
WE


Similar Part No. - X28HC256E-15

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X28HC256EI-12 INTERSIL-X28HC256EI-12 Datasheet
286Kb / 15P
   5 Volt, Byte Alterable EEPROM
X28HC256EI-12 INTERSIL-X28HC256EI-12 Datasheet
410Kb / 20P
   5V, Byte Alterable EEPROM
logo
Rochester Electronics
X28HC256EI-12 ROCHESTER-X28HC256EI-12 Datasheet
977Kb / 21P
   LOW POWER CMOS EEPROM with hi-speed page write capability 256K EEPROM
logo
Intersil Corporation
X28HC256EM-12 INTERSIL-X28HC256EM-12 Datasheet
286Kb / 15P
   5 Volt, Byte Alterable EEPROM
X28HC256EM-12 INTERSIL-X28HC256EM-12 Datasheet
410Kb / 20P
   5V, Byte Alterable EEPROM
More results

Similar Description - X28HC256E-15

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
XM28C040 XICOR-XM28C040 Datasheet
76Kb / 17P
   5 Volt, Byte Alterable E2PROM
X28HC64 XICOR-X28HC64 Datasheet
112Kb / 24P
   5 Volt, Byte Alterable E2PROM
X28VC256 XICOR-X28VC256 Datasheet
109Kb / 24P
   5 Volt, Byte Alterable E2PROM
XM28C020 XICOR-XM28C020 Datasheet
74Kb / 16P
   5 Volt, Byte Alterable E2PROM
X28C010 XICOR-X28C010 Datasheet
127Kb / 25P
   5 Volt, Byte Alterable E2PROM
X28C256 XICOR-X28C256 Datasheet
113Kb / 24P
   5 Volt, Byte Alterable E2PROM
X28C64 XICOR-X28C64 Datasheet
110Kb / 25P
   5 Volt, Byte Alterable E2PROM
X2804C XICOR-X2804C Datasheet
54Kb / 13P
   5 Volt, Byte Alterable E2PROM
X2816C XICOR-X2816C Datasheet
72Kb / 16P
   5 Volt, Byte Alterable E2PROM
X28C512 XICOR-X28C512 Datasheet
126Kb / 25P
   5 Volt, Byte Alterable E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com