Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RE500.5W10RDC3P Datasheet(PDF) 1 Page - Token Electronics Industry Co., Ltd.

Part # RE500.5W10RDC3P
Description  RE High Precision Low TCR Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

RE500.5W10RDC3P Datasheet(HTML) 1 Page - Token Electronics Industry Co., Ltd.

  RE500.5W10RDC3P Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. RE500.5W10RDC3P Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. RE500.5W10RDC3P Datasheet HTML 3Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
01 of 03
Version 2010
Preview
The RE Series from Token Electronics is capped ultra precision metal-film resistors, as well as a complete
selection of MIL-PRF-55182 and GJB244A-2001 quality standards. Token offers a low-cost alternative to
traditional solutions for precision applications.
The RE is available in a resistance range of 10Ω ~ 15MΩ with a precision tolerance of ±0.02% and a temperature
coefficient of resistance (TCR) of ±5PPM/°C, although other tolerances and TCRs are available.
The resistance element in these devices is a precisely controlled thin film of metal alloy deposited on a high
quality alumina substrate. Plated caps are force-fitted before the assembly is trimmed using advanced laser
techniques to ensure excellent performance and low electrical noise. Leads are welded to the end caps prior to the
resistor being coated with epoxy.
Products equate Vishay, Ohmite, Caddock, IRC, EBG, Panasonic Precision Devices with more competitive price
and fast delivery. Detailed precision RE specifications, both mechanical and electrical, please contact our sales
representative for more information.
Production Standard :
Which is made referencing to Chinese National Quality Standard GJB244A-2001 standards, and USA
Military/Established Reliability MIL-PRF-55182 in environmental and dimensional requirements.
RE High Precision Low TCR Resistors
Token Ultra Precision Ten-Times More Accurate
High Precision
Low TCR Resistors
Features :
- Power rating from 0.125W to 1.5W.
- Covers all general type precision resistors.
- Military/Established Reliability and Stability.
- Extreme precision tolerance tight to ±0.02%.
- Temperature coefficient narrowed to ±5PPM/°C.
- Industrial grades, RoHS Compliant, metal film lacquer coated.
Applications :
- Measuring and calibration equipment,
- Telecom, Industrial process control systems,
- Test and measurement, Space and aircraft electronics.
Power Rating :
Power ratings are based on the following two conditions,
- ± 2.0 % maximum ΔR in 10 000 h load life.
- + 175 °C maximum operating temperature.
TOKEN
http://www.token.com.tw/
rfq token.com.tw


Similar Part No. - RE500.5W10RDC3P

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
RE50 SCHNEIDER-RE50 Datasheet
3Mb / 64P
   Manual Motor Starters, Controllers, and Protectors Type GV2, GV3, and GV7
10/02
logo
Nichicon corporation
RE50E561MDN1 NICHICON-RE50E561MDN1 Datasheet
668Kb / 2P
   Ultra-low ESR, Low Profile
RE50E561MDN1XX NICHICON-RE50E561MDN1XX Datasheet
757Kb / 2P
   FUNCTIONAL POLYMER ALUNMINUM SOLID ELECTROLYTIC CAPACITORS
RE50E821MDN1 NICHICON-RE50E821MDN1 Datasheet
668Kb / 2P
   Ultra-low ESR, Low Profile
RE50E821MDN1XX NICHICON-RE50E821MDN1XX Datasheet
757Kb / 2P
   FUNCTIONAL POLYMER ALUNMINUM SOLID ELECTROLYTIC CAPACITORS
More results

Similar Description - RE500.5W10RDC3P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
300144Z VISHAY-300144Z Datasheet
130Kb / 5P
   Ultra High Precision Z-Foil Voltage Divider Resistors with TCR
Revision: 21-Nov-07
logo
C&B ELECTRONICS (SHENZH...
PEWF2512 RESI-PEWF2512 Datasheet
596Kb / 2P
   High-Precision Low-TCR Alloy Current Sensing Resistor
Date 2022.11.26
logo
Token Electronics Indus...
UAR1810RA2C5P TOKEN-UAR1810RA2C5P Datasheet
322Kb / 3P
   UAR Low Noise High Precision Resistors
logo
List of Unclassifed Man...
TG931 ETC2-TG931 Datasheet
147Kb / 1P
   Low TC Precision High Voltage Resistors
logo
Vishay Siliconix
CNS020 VISHAY-CNS020 Datasheet
52Kb / 1P
   high precision resistors
Data sheet E 2/4.936
CNS020 VISHAY-CNS020 Datasheet
68Kb / 3P
   high precision resistors
PLTT VISHAY-PLTT Datasheet
109Kb / 4P
   Precision Low TCR High Temperature Thin Film Resistor, Surface Mount Chip
Revision: 01-Jun-15
PLTT VISHAY-PLTT_V01 Datasheet
137Kb / 5P
   Precision Low TCR High Temperature Thin Film Resistor, Surface Mount Chip, ± 5 ppm/°C TCR, 0.02 % Tolerance
01-Jan-2022
PLTT VISHAY-PLTT Datasheet
101Kb / 4P
   Precision Low TCR High Temperature Thin Film Resistor, Surface Mount Chip, ± 5 ppm/°C TCR, 0.02 % Tolerance
Revision: 01-Jun-15
logo
Welwyn Components Limit...
3812-10TGI WELWYN-3812-10TGI Datasheet
391Kb / 2P
   Precision Resistors Precision Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com