Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RMG100DTF1K Datasheet(PDF) 1 Page - Token Electronics Industry Co., Ltd.

Part # RMG100DTF1K
Description  RMG100 TO-247 Power Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

RMG100DTF1K Datasheet(HTML) 1 Page - Token Electronics Industry Co., Ltd.

  RMG100DTF1K Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. RMG100DTF1K Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. RMG100DTF1K Datasheet HTML 3Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
01 of 03
RMG100 TO-247 Power Resistors
Preview
Providing design engineers with a high-power resistive device in a stable transistor style package, Token
Electronics RMG100 Series TO-247 power resistors are available in 100W.
The resistors are specified for applications that require accuracy and stability. The RMG100 Series resistors are
designed with an alumina ceramic layer that separates the resistance element and mounting tab.
This construction provides very low thermal resistance while ensuring high insulation resistance between the
terminals and the metal back plate. As a result, the resistors feature a very low inductance, making them ideal for
high frequency and high-speed pulse applications.
Additional applications for the RMG100 Series TO-247 resistors include automation test equipment, high
frequency snubber and pulse handling circuits, motor control and drive circuits, switch mode power supplies,
load resistors, automotive electronics, industrial power equipment, UPS systems and industrial computers.
RMG100 Series 100W resistors feature a resistance range of 0.1Ω to 10KΩ and operating temperature range is
-65°C to +175°C.
Token will also produce devices outside these specifications to meet customer requirements. The RMG100 Series
power resistors are RoHS-compliant with Pb-free Terminations. Contact us with your specific needs.
TO-247 Power Resistors handle high-speed pulses
To-247
Power Resistors
Applications
- Low Energy Pulse Loading.
- Gate Resistors in Power Supplies.
- UPS, Snubbers, Voltage Regulation.
- Terminal Resistance in RF Power Amplifiers.
- Load and Dumping Resistors in CRT Monitors.
Features
- TO-247 Style Power Package.
- Single M3 Screw Mounting to Heat Sink.
- Molded Case for Protection and Easy to Mount.
- Non-Inductive Design, Electrically Isolated Case.
- 100 Watts at 25°C Case Temperature Heat Sink Mounted.
Version 2010
http://www.token.com.tw/
rfq token.com.tw
TOKEN


Similar Part No. - RMG100DTF1K

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
RMG1C1.5 BELDEN-RMG1C1.5 Datasheet
140Kb / 2P
   RailTuff™ Medium wall cable 1800V 1 C 1.5 mm² Str TC,XLPO Ins
11-27-2023
RMG1C10 BELDEN-RMG1C10 Datasheet
139Kb / 2P
   RailTuff™ Medium wall cable 1800V 1 C 10 mm² Str TC,XLPO Ins
11-27-2023
RMG1C120 BELDEN-RMG1C120 Datasheet
140Kb / 2P
   RailTuff™ Medium wall cable 1800V 1 C 120 mm² Str TC,XLPO Ins
11-27-2023
RMG1C150 BELDEN-RMG1C150 Datasheet
142Kb / 2P
   RailTuff™ Medium wall cable 1800V 1 C 150 mm² Str TC,XLPO Ins
11-27-2023
RMG1C16 BELDEN-RMG1C16 Datasheet
140Kb / 2P
   RailTuff™ Medium wall cable 1800V 1 C 16 mm² Str TC,XLPO Ins
11-27-2023
More results

Similar Description - RMG100DTF1K

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
PF2470 RIEDON-PF2470_16 Datasheet
239Kb / 3P
   TO-247 Power Film Resistors
PF2472-0R05J1 RIEDON-PF2472-0R05J1 Datasheet
226Kb / 3P
   TO-247 Power Film Resistors
PF2472-30RF1 RIEDON-PF2472-30RF1 Datasheet
226Kb / 3P
   TO-247 Power Film Resistors
PF2470 RIEDON-PF2470 Datasheet
222Kb / 2P
   TO-247 Power Film Resistors
PF2472-15RF1 RIEDON-PF2472-15RF1 Datasheet
226Kb / 3P
   TO-247 Power Film Resistors
PF2472-0R2F1 RIEDON-PF2472-0R2F1 Datasheet
226Kb / 3P
   TO-247 Power Film Resistors
logo
Bi technologies
MHP140 BITECH-MHP140 Datasheet
909Kb / 2P
   140W TO-247 HIGH POWER RESISTORS
logo
Riedon Powertron
PF2470 RIEDON-PF2470_13 Datasheet
206Kb / 2P
   TO-247 Power Thin Film Resistors
logo
List of Unclassifed Man...
MHP100 ETC1-MHP100 Datasheet
876Kb / 2P
   100W TO-247 HIGH POWER RESISTORS
logo
Ohmite Mfg. Co.
AP101 OHMITE-AP101_15 Datasheet
338Kb / 2P
   100W TO-247 High Power Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com