Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJM74P1MJC5P Datasheet(PDF) 1 Page - Token Electronics Industry Co., Ltd.

Part # RJM74P1MJC5P
Description  RJM Metal Film Precision Melf Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

RJM74P1MJC5P Datasheet(HTML) 1 Page - Token Electronics Industry Co., Ltd.

  RJM74P1MJC5P Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. RJM74P1MJC5P Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. RJM74P1MJC5P Datasheet HTML 3Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
01 of 03
RJM Metal Film Precision Melf Resistors
Metal Film Precision
Melf Resistors
Metal-Film (MELF RJM) Resistors
Offer More Design Options
Preview
RJM professional thin film MELF resistors (Cylindrical Resistors) are the perfect choice for most fields of
modern professional electronics where reliability and stability is of major concern.
RJM resistors combine the proven reliability of professional MELF products with a most advanced level of
precision and stability first achieved with axial thin film high precision resistors.
This unique combination makes the product perfectly suited for all applications with outstanding requirements
towards reliable precision and stability. The typical applications in the fields of telecommunication, automotive
and medical equipment reflect the outstanding level of proven reliability.
RJM MELF equate Vishay, Ohmite, Caddock, IRC, EBG, KAO, Panasonic Precision Devices with more
competitive price and fast delivery.
Contact us with your specific needs.
Features
- DIN: 0102, 0204, 0207, 0411.
- Pure Sn termination on Ni barrier layer.
- Very high ratio of performance to price.
- High precision tolerance down to ± 0.05 %.
- Force fitted steel caps, tin plated on nickel barrier.
- Superior overall stability, most advanced thin film technology.
- TCR down to ± 5ppm/°C, wide resistance range: 0.1Ω to 22MΩ.
- ompatible with lead (Pb)-free and lead containing soldering
Applications :
- Telecom.
- Medical electronics.
- Test and measurement.
- Space and aircraft electronics.
- Industrial process control systems.
- Measuring and calibration equipment.
Version 2010
http://www.token.com.tw/
rfq token.com.tw
TOKEN


Similar Part No. - RJM74P1MJC5P

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
RJM72P0R1A5C1P TOKEN-RJM72P0R1A5C1P Datasheet
494Kb / 5P
   Metal Film Ultra Precision Melf Resistors
RJM72P0R1A5C1TR TOKEN-RJM72P0R1A5C1TR Datasheet
494Kb / 5P
   Metal Film Ultra Precision Melf Resistors
RJM72P0R1A5C2P TOKEN-RJM72P0R1A5C2P Datasheet
494Kb / 5P
   Metal Film Ultra Precision Melf Resistors
RJM72P0R1A5C2TR TOKEN-RJM72P0R1A5C2TR Datasheet
494Kb / 5P
   Metal Film Ultra Precision Melf Resistors
RJM72P0R1A5C3P TOKEN-RJM72P0R1A5C3P Datasheet
494Kb / 5P
   Metal Film Ultra Precision Melf Resistors
More results

Similar Description - RJM74P1MJC5P

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MFMP MERITEK-MFMP Datasheet
314Kb / 2P
   Metal Film Precision MELF Resistors
logo
Token Electronics Indus...
RJM TOKEN-RJM Datasheet
494Kb / 5P
   Metal Film Ultra Precision Melf Resistors
logo
RCD COMPONENTS INC.
MGP50S-R100-F RCD-MGP50S-R100-F Datasheet
40Kb / 1P
   METAL FILM MELF RESISTORS
logo
NIC-Components Corp.
NFR NIC-NFR Datasheet
96Kb / 6P
   Metal Film MELF Resistors
logo
KOA Speer Electronics, ...
RN41 KOA-RN41 Datasheet
562Kb / 3P
   fixed metal film melf resistors
logo
Vishay Siliconix
MMB0207 VISHAY-MMB0207 Datasheet
188Kb / 13P
   Precision Thin Film MELF Resistors
01-Jan-2022
logo
KOA Speer Electronics, ...
RN412BTTE1002J50 KOA-RN412BTTE1002J50 Datasheet
256Kb / 2P
   fixed metal film melf resistors
RN412AT KOA-RN412AT Datasheet
99Kb / 2P
   fixed metal film melf resistors
logo
WALSIN TECHNOLOGY CORPO...
WM07B_Q WALSIN-WM07B_Q Datasheet
1Mb / 12P
   High Precision Thin Film MELF Resistors
WMXXB WALSIN-WMXXB Datasheet
8Mb / 12P
   High Precision Thin Film MELF Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com