Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X28HC256J-15 Datasheet(PDF) 6 Page - Xicor Inc.

Part # X28HC256J-15
Description  5 Volt, Byte Alterable E2PROM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X28HC256J-15 Datasheet(HTML) 6 Page - Xicor Inc.

Back Button X28HC256J-15 Datasheet HTML 2Page - Xicor Inc. X28HC256J-15 Datasheet HTML 3Page - Xicor Inc. X28HC256J-15 Datasheet HTML 4Page - Xicor Inc. X28HC256J-15 Datasheet HTML 5Page - Xicor Inc. X28HC256J-15 Datasheet HTML 6Page - Xicor Inc. X28HC256J-15 Datasheet HTML 7Page - Xicor Inc. X28HC256J-15 Datasheet HTML 8Page - Xicor Inc. X28HC256J-15 Datasheet HTML 9Page - Xicor Inc. X28HC256J-15 Datasheet HTML 10Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
X28HC256
6
circuits by employing the software data protection fea-
ture. The internal software data protection circuit is
enabled after the first write operation utilizing the soft-
ware algorithm. This circuit is nonvolatile and will remain
set for the life of the device unless the reset command
is issued.
Once the software protection is enabled, the X28HC256
is also protected from inadvertent and accidental writes
in the powered-up state. That is, the software algorithm
must be issued prior to writing additional data to the
device.
SOFTWARE ALGORITHM
Selecting the software data protection mode requires
the host system to precede data write operations by a
series of three write operations to three specific ad-
dresses. Refer to Figure 6 and 7 for the sequence. The
three-byte sequence opens the page write window
enabling the host to write from one to one hundred
twenty-eight bytes of data. Once the page load cycle has
been completed, the device will automatically be re-
turned to the data protected state.
HARDWARE DATA PROTECTION
The X28HC256 provides two hardware features that
protect nonvolatile data from inadvertent writes.
Default VCC Sense—All write functions are inhibited
when VCC is ≤ 3.5V Typically.
Write Inhibit—Holding either OE LOW, WE HIGH, or
CE HIGH will prevent an inadvertent write cycle during
power-up and power-down, maintaining data integrity.
SOFTWARE DATA PROTECTION
The X28HC256 offers a software controlled data protec-
tion feature. The X28HC256 is shipped from Xicor with
the software data protection NOT ENABLED; that is, the
device will be in the standard operating mode. In this
mode data should be protected during power-up/down
operations through the use of external circuits. The host
would then have open read and write access of the
device once VCC was stable.
The X28HC256 can be automatically protected during
power-up and power-down without the need for external


Similar Part No. - X28HC256J-15

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X28HC256J-15 INTERSIL-X28HC256J-15 Datasheet
286Kb / 15P
   5 Volt, Byte Alterable EEPROM
X28HC256J-15 INTERSIL-X28HC256J-15 Datasheet
410Kb / 20P
   5V, Byte Alterable EEPROM
More results

Similar Description - X28HC256J-15

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
XM28C040 XICOR-XM28C040 Datasheet
76Kb / 17P
   5 Volt, Byte Alterable E2PROM
X28HC64 XICOR-X28HC64 Datasheet
112Kb / 24P
   5 Volt, Byte Alterable E2PROM
X28VC256 XICOR-X28VC256 Datasheet
109Kb / 24P
   5 Volt, Byte Alterable E2PROM
XM28C020 XICOR-XM28C020 Datasheet
74Kb / 16P
   5 Volt, Byte Alterable E2PROM
X28C010 XICOR-X28C010 Datasheet
127Kb / 25P
   5 Volt, Byte Alterable E2PROM
X28C256 XICOR-X28C256 Datasheet
113Kb / 24P
   5 Volt, Byte Alterable E2PROM
X28C64 XICOR-X28C64 Datasheet
110Kb / 25P
   5 Volt, Byte Alterable E2PROM
X2804C XICOR-X2804C Datasheet
54Kb / 13P
   5 Volt, Byte Alterable E2PROM
X2816C XICOR-X2816C Datasheet
72Kb / 16P
   5 Volt, Byte Alterable E2PROM
X28C512 XICOR-X28C512 Datasheet
126Kb / 25P
   5 Volt, Byte Alterable E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com