Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPV-RM4-1S-6PD-Z Datasheet(PDF) 1 Page - Ferroxcube International Holding B.V.

Part # CPV-RM4-1S-6PD-Z
Description  RM cores and accessories
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

CPV-RM4-1S-6PD-Z Datasheet(HTML) 1 Page - Ferroxcube International Holding B.V.

  CPV-RM4-1S-6PD-Z Datasheet HTML 1Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ferrxocube
RM cores and accessories
RM4/I
COIL FORMERS
General data
PARAMETER
SPECIFICATION
Coil former material
liquid crystal polymer (LCP), glass-reinforced, flame retardant in
accordance with „UL 94V-0“; UL file number E54075
Pin material
copper-tin alloy (CuSn), tin (Sn) plated
Maximum operating temperature
155
°C, “IEC 60085”, class F
Resistance to soldering heat
“IEC 60068-220”, Part 2, Test Tb, method 1B: 350
°C, 3.5 s
Solderability
“IEC 60068-220”, Part 2, Test Ta, method 1: 235
°C, 2 s
Winding data
NUMBER OF
SECTIONS
WINDING AREA
(mm
2)
MINIMUM
WINDING WIDTH
(mm)
AVERAGE
LENGTH OF
TURN
(mm)
TYPE NUMBER
1
8.4
5.75
19.8
CPVS-RM4-1S-6P
1
8.4
5.75
19.8
CPV-RM4-1S-6PD-Z


Similar Part No. - CPV-RM4-1S-6PD-Z

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
CPV-RM10-1S-12PD FERROXCUBE-CPV-RM10-1S-12PD Datasheet
83Kb / 1P
   CPV-RM10/ILP-1S-12PD
CPV-RM10-1S-12PD-TZ FERROXCUBE-CPV-RM10-1S-12PD-TZ Datasheet
9Kb / 1P
   RM cores and accessories
CPV-RM12-1S-12PD FERROXCUBE-CPV-RM12-1S-12PD Datasheet
87Kb / 1P
   CPV-RM12/I-1S-12PD
CPV-RM12-1S-12PD-TZ FERROXCUBE-CPV-RM12-1S-12PD-TZ Datasheet
9Kb / 1P
   RM cores and accessories
CPV-RM14-1S-12PD FERROXCUBE-CPV-RM14-1S-12PD Datasheet
43Kb / 1P
   RM cores and accessories
More results

Similar Description - CPV-RM4-1S-6PD-Z

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
CSV-RM4-1S-6P-TZ FERROXCUBE-CSV-RM4-1S-6P-TZ Datasheet
9Kb / 1P
   RM cores and accessories
CLI-RM6 FERROXCUBE-CLI-RM6 Datasheet
27Kb / 1P
   RM cores and accessories
CSV-RM5-1S-6P-T FERROXCUBE-CSV-RM5-1S-6P-T Datasheet
81Kb / 1P
   RM cores and accessories
CSV-RM6S-1S-4P-IZ FERROXCUBE-CSV-RM6S-1S-4P-IZ Datasheet
10Kb / 1P
   RM cores and accessories
CSV-RM8-1S-12P FERROXCUBE-CSV-RM8-1S-12P Datasheet
44Kb / 1P
   RM cores and accessories
CSVS-RM6S-1S-8P-T FERROXCUBE-CSVS-RM6S-1S-8P-T Datasheet
29Kb / 1P
   RM cores and accessories
CPV-RM6S-1S-8PD-TZ FERROXCUBE-CPV-RM6S-1S-8PD-TZ Datasheet
9Kb / 1P
   RM cores and accessories
CSV-RM4-1S-6P FERROXCUBE-CSV-RM4-1S-6P Datasheet
10Kb / 1P
   RM cores and accessories
CLI-RM10 FERROXCUBE-CLI-RM10 Datasheet
42Kb / 1P
   RM cores and accessories
CPV-PQ35-1S-2PZ-Z FERROXCUBE-CPV-PQ35-1S-2PZ-Z Datasheet
9Kb / 1P
   RM cores and accessories
CPV-RM10-1S-12PD-TZ FERROXCUBE-CPV-RM10-1S-12PD-TZ Datasheet
9Kb / 1P
   RM cores and accessories
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com