Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X25646V14I-1.8 Datasheet(PDF) 11 Page - Xicor Inc.

Part # X25646V14I-1.8
Description  Programmable Watchdog Timer w/Serial E 2 PROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X25646V14I-1.8 Datasheet(HTML) 11 Page - Xicor Inc.

Back Button X25646V14I-1.8 Datasheet HTML 7Page - Xicor Inc. X25646V14I-1.8 Datasheet HTML 8Page - Xicor Inc. X25646V14I-1.8 Datasheet HTML 9Page - Xicor Inc. X25646V14I-1.8 Datasheet HTML 10Page - Xicor Inc. X25646V14I-1.8 Datasheet HTML 11Page - Xicor Inc. X25646V14I-1.8 Datasheet HTML 12Page - Xicor Inc. X25646V14I-1.8 Datasheet HTML 13Page - Xicor Inc. X25646V14I-1.8 Datasheet HTML 14Page - Xicor Inc. X25646V14I-1.8 Datasheet HTML 15Page - Xicor Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
X25644/46
X25324/26
X25164/66
11
CS vs. RESET/RESET Timing
7029 FRM 11
Power Up and Down Timing Diagram
7029 FRM 12
RESET/RESET Output Timing
7029 FRM T15
Symbol
Parameter
Min.
Typ.
Max.
Units
tWDO
Watchdog Timeout Period,
WD1 = 1, WD0 = 0
WD1 = 0, WD0 = 1
WD1 = 0, WD0 = 0
100
450
1
200
600
1.4
300
800
2
ms
ms
sec
tCST
CS Pulse Width to Reset the Watchdog
400
ns
tRST
Reset Timeout
100
200
300
ms
tPURST
Power Up Reset Timeout
100
350
ms
VRST
Reset Valid Voltage
1.0
V
CS
t
CST
RESET
t
WDO
t
RST
RESET
t
WDO
t
RST
VCC
RESET
VRST
RESET
tPURST


Similar Part No. - X25646V14I-1.8

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
X2564 AMPHENOL-X2564 Datasheet
444Kb / 8P
   RF Mesh Networking technology provides reliable real time process data. Uses global 2.4 GHz RF frequencies
logo
Xicor Inc.
X25640 XICOR-X25640 Datasheet
64Kb / 14P
   Advanced SPI Serial E2PROM With Block LockTM Protection
X25642 XICOR-X25642 Datasheet
76Kb / 16P
   Advanced SPI Serial E 2 PROM with Block Lock TM Protection
logo
IC MICROSYSTEMS
X25642 ICMIC-X25642 Datasheet
135Kb / 16P
   Advanced SPI Serial E2PROM with Block Lock Protection
X25642F ICMIC-X25642F Datasheet
135Kb / 16P
   Advanced SPI Serial E2PROM with Block Lock Protection
More results

Similar Description - X25646V14I-1.8

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X25643 XICOR-X25643 Datasheet
76Kb / 16P
   Programmable Watchdog Timer & V CC Supervisory Circuit w/Serial E 2 PROM
X25648 XICOR-X25648 Datasheet
73Kb / 16P
   V CC Supervisory Circuit w/Serial E 2 PROM
logo
STMicroelectronics
SPC560P34L1 STMICROELECTRONICS-SPC560P34L1 Datasheet
830Kb / 103P
   Programmable watchdog timer
September 2013 Rev 7
logo
OKI electronic componet...
MSM16911 OKI-MSM16911 Datasheet
329Kb / 8P
   1024-BIT SERIAL E-2 PROM
logo
Xicor Inc.
X24641 XICOR-X24641 Datasheet
66Kb / 13P
   400 KHz 2-Wire Serial E 2 PROM
X24640 XICOR-X24640 Datasheet
85Kb / 17P
   400KHz 2-Wire Serial E 2 PROM with Block Lock
logo
Texas Instruments
TPS3431 TI1-TPS3431 Datasheet
1Mb / 30P
[Old version datasheet]   Standard Programmable Watchdog Timer with Enable
logo
IC MICROSYSTEMS
X25170 ICMIC-X25170 Datasheet
131Kb / 15P
   SPI Serial E 2 PROM with Block Lock ??Protection
logo
Hitachi Semiconductor
HA16103 HITACHI-HA16103 Datasheet
106Kb / 21P
   Watchdog Timer
logo
Texas Instruments
TPS3430 TI1-TPS3430 Datasheet
2Mb / 26P
[Old version datasheet]   Window Watchdog Timer with Programmable Reset Delay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com