Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAXQ61CA Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAXQ61CA
Description  16-Bit Microcontroller with Infrared Module
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ61CA Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAXQ61CA Datasheet HTML 3Page - Maxim Integrated Products MAXQ61CA Datasheet HTML 4Page - Maxim Integrated Products MAXQ61CA Datasheet HTML 5Page - Maxim Integrated Products MAXQ61CA Datasheet HTML 6Page - Maxim Integrated Products MAXQ61CA Datasheet HTML 7Page - Maxim Integrated Products MAXQ61CA Datasheet HTML 8Page - Maxim Integrated Products MAXQ61CA Datasheet HTML 9Page - Maxim Integrated Products MAXQ61CA Datasheet HTML 10Page - Maxim Integrated Products MAXQ61CA Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
16-Bit Microcontroller with Infrared Module
_______________________________________________________________________________________ 7
Pin Configurations
TQFN
(5mm × 5mm)
TOP VIEW
29
30
28
27
12
11
13
14
1
2
P1.6/INT6
4
5
6
7
23
24
22
20 19 18
P1.7/INT7
GND
HFXOUT
HFXIN
GND
REGOUT
3
+
21
31
10
IRTX
EP
VDD
32
9
IRRX
RESET
P1.5/INT5
26
15 N.C.
P1.4/INT4
25
16 N.C.
8
17
P1.3/INT3
MAXQ61C
LQFP
(7mm × 7mm)
TOP VIEW
29
30
28
27
12
11
13
14
1
2
P1.6/INT6
4
5
6
7
23
24
22
20
19
18
P1.7/INT7
GND
HFXOUT
HFXIN
GND
REGOUT
3
21
31
10
IRTX
VDD
32
9
IRRX
RESET
RESET
P1.5/INT5
26
15 N.C.
P1.4/INT4
25
16 N.C.
8
17
P1.3/INT3
MAXQ61C
+
P1.3/INT3
P1.4/INT4
P1.5/INT5
P1.6/INT6
P1.7/INT7
GND
IRTX
IRRX
P0.0/IRTXM
P1.2/INT2
P1.1/INT1
34
35
36
37
38
39
40
41
42
43
44
P3.2/INT10
P3.1/INT9
P3.0/INT8
HFXOUT
HFXIN
GND
REGOUT
VDD
P3.3/INT11
P3.4/INT12
22
21
20
19
18
17
16
15
14
13
12
TQFN
(7mm × 7mm)
TOP VIEW
+
EP
MAXQ61C


Similar Part No. - MAXQ61CA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAXQ610 MAXIM-MAXQ610 Datasheet
2Mb / 28P
   16-Bit Microcontroller with Infrared Module
Rev 1; 11/08
MAXQ610 MAXIM-MAXQ610 Datasheet
294Kb / 28P
   16-Bit Microcontroller with Infrared Module
Rev 3; 7/09
MAXQ610 MAXIM-MAXQ610 Datasheet
344Kb / 29P
   16-Bit Microcontroller with Infrared Module
Rev 5; 2/10
MAXQ610-KIT MAXIM-MAXQ610-KIT Datasheet
847Kb / 20P
   MAXQ610 Evaluation Kit
19-5765; Rev 3; 10/13
MAXQ610-KIT# MAXIM-MAXQ610-KIT# Datasheet
847Kb / 20P
   MAXQ610 Evaluation Kit
19-5765; Rev 3; 10/13
More results

Similar Description - MAXQ61CA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAXQ610 MAXIM-MAXQ610 Datasheet
2Mb / 28P
   16-Bit Microcontroller with Infrared Module
Rev 1; 11/08
MAXQ61H MAXIM-MAXQ61H_10 Datasheet
226Kb / 23P
   16-BIt Microcontroller with Infrared Module
19-4604; Rev 2; 5/10
MAXQ61H MAXIM-MAXQ61H_12 Datasheet
255Kb / 23P
   16-Bit Microcontroller with Infrared Module
Rev 3; 3/12
MAXQ618 MAXIM-MAXQ618 Datasheet
1Mb / 26P
   16-Bit Microcontroller with Infrared Module
Rev 1; 7/12
MAXQ614 MAXIM-MAXQ614 Datasheet
1Mb / 22P
   16-Bit Microcontroller with Infrared Module
Rev 2; 10/12
MAXQ610 MAXIM-MAXQ610_10 Datasheet
344Kb / 29P
   16-Bit Microcontroller with Infrared Module
Rev 5; 2/10
MAXQ613 MAXIM-MAXQ613 Datasheet
1Mb / 28P
   16-Bit Microcontroller with Infrared Module
Rev 4; 7/12
MAXQ61H MAXIM-MAXQ61H Datasheet
257Kb / 23P
   16-Bit Microcontroller with Infrared Module
Rev 1; 7/09
MAXQ610 MAXIM-MAXQ610_09 Datasheet
294Kb / 28P
   16-Bit Microcontroller with Infrared Module
Rev 3; 7/09
MAXQ610 MAXIM-MAXQ610_11 Datasheet
1Mb / 29P
   16-Bit Microcontroller with Infrared Module 1.70V to 3.6V Operating Voltage Range
Rev 6; 7/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com