Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX97001EWP+ Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX97001EWP+
Description  Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifiers
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX97001EWP+ Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX97001EWP+ Datasheet HTML 1Page - Maxim Integrated Products MAX97001EWP+ Datasheet HTML 2Page - Maxim Integrated Products MAX97001EWP+ Datasheet HTML 3Page - Maxim Integrated Products MAX97001EWP+ Datasheet HTML 4Page - Maxim Integrated Products MAX97001EWP+ Datasheet HTML 5Page - Maxim Integrated Products MAX97001EWP+ Datasheet HTML 6Page - Maxim Integrated Products MAX97001EWP+ Datasheet HTML 7Page - Maxim Integrated Products MAX97001EWP+ Datasheet HTML 8Page - Maxim Integrated Products MAX97001EWP+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
________________________________________________________________ _Maxim Integrated Products_ _ 1
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
Audio Subsystem with Mono Class D Speaker
and Class H Headphone Amplifiers
19-5130; Rev 0; 1/10
Simplified Block Diagram
General Description
The MAX97001 mono audio subsystem combines a
mono speaker amplifier with a stereo headphone ampli-
fier and an analog DPST switch. The headphone and
speaker amplifiers have independent volume control and
on/off control. The 4 inputs are configurable as 2 differ-
ential inputs or 4 single-ended inputs.
The entire subsystem is designed for maximum effi-
ciency. The high-efficiency, 700mW, Class D speaker
amplifier operates directly from the battery and con-
sumes no more than 1FA in shutdown mode. The Class
H headphone amplifier utilizes a dual-mode charge
pump to maximize efficiency while outputting a ground-
referenced signal that does not require output coupling
capacitors.
The speaker amplifier incorporates a distortion limiter to
automatically reduce the volume level when excessive
clipping occurs. This allows high gain for low-level sig-
nals without compromising the quality of large signals.
All control is performed using the 2-wire I2C interface.
The MAX97001 operates over the extended -40NC to
+85NC temperature range, and is available in the 2mm x
2.5mm, 20-bump, WLP package (0.5mm pitch).
Applications
Cell Phones
Portable Multimedia Players
Features
S
2.7V_to_5.5V_Speaker_Supply_Voltage
S
1.6V_to_2V_Headphone_Supply_Voltage
S
700mW_Speaker_Output_(VPVDD_=_3.7V,_ZSPK_=_8ω
+_68µH)
S
37mW/Channel_Headphone_Output_(RHP_=_16I)
S
Low-Emission_Class_D_Amplifier
S
Efficient_Class_H_Headphone_Amplifier
S
Ground-Referenced_Headphone_Outputs
S
2_Stereo_Single-Ended/Mono_Differential_Inputs
S
Integrated_Distortion_Limiter_(Speaker_Outputs)
S
Integrated_DPST_Analog_Switch
S
No_Clicks_and_Pops
S
TDMA_Noise_Free
S
2mm_x_2.5mm,_20-Bump,_0.5mm_Pitch_WLP_
Package
Ordering Information
+Denotes a lead(Pb)-free/RoHS-compliant package.
EVALUATION
_KIT
AVAILABLE
PART
TEMP_RANGE
PIN-PACKAGE
MAX97001EWP+
-40NC to +85NC
20 WLP
STEREO/
MONO
INPUT
STEREO/
MONO
INPUT
VOLUME
CLASS D
AMPLIFIER
CLASS H
AMPLIFIER
CHARGE
PUMP
BYPASS
VOLUME
POWER SUPPLY
BATTERY
1.8V
CONTROL
I2C
LIMITER
MAX97001


Similar Part No. - MAX97001EWP+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX97001EVKIT MAXIM-MAX97001EVKIT Datasheet
1Mb / 12P
   MAX97001 Evaluation Kit
19-5082; Rev 0; 12/09
MAX97001EVKIT++ MAXIM-MAX97001EVKIT+ Datasheet
1Mb / 12P
   MAX97001 Evaluation Kit
19-5082; Rev 0; 12/09
More results

Similar Description - MAX97001EWP+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX97002 MAXIM-MAX97002 Datasheet
3Mb / 36P
   Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifiers
Rev 0; 1/10
MAX97000 MAXIM-MAX97000_V01 Datasheet
3Mb / 34P
   Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifier
19-5004; Rev 1; 6/10
MAX97000 MAXIM-MAX97000 Datasheet
3Mb / 33P
   Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifier
Rev 0; 11/09
logo
Fairchild Semiconductor
FAB2200 FAIRCHILD-FAB2200 Datasheet
962Kb / 33P
   Audio Subsystem with Stereo Class-G Headphone Amplifier and 1.2W Mono Class-D Speaker Amplifier
logo
Texas Instruments
LM49153 TI1-LM49153_15 Datasheet
2Mb / 31P
[Old version datasheet]   Mono Audio Subsystem with Class G Headphone Amplifier, Class D Speaker Amplifier, Noise Gate and Speaker Protection
logo
National Semiconductor ...
LM4930 NSC-LM4930_04 Datasheet
994Kb / 35P
   Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
logo
Fairchild Semiconductor
FAB2210 FAIRCHILD-FAB2210 Datasheet
1Mb / 35P
   Audio Subsystem with Class-G Headphone and 3.3W Mono Class-D Speaker with Dynamic Range Compression
logo
National Semiconductor ...
LM4930 NSC-LM4930 Datasheet
966Kb / 33P
   Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
logo
Texas Instruments
LM49153 TI1-LM49153 Datasheet
1Mb / 32P
[Old version datasheet]   LM49153 Mono Audio Subsystem with Class G Headphone Amplifier, Class D SpeakerAmplifier, Noise Gate and Speaker Protection
LM49251 TI1-LM49251_15 Datasheet
8Mb / 41P
[Old version datasheet]   Stereo Audio Subsystem with Class G Headphone Amplifier and Class D Speaker Amplifier with Speaker Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com