Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RE500.5W100RBC6P Datasheet(PDF) 3 Page - Token Electronics Industry Co., Ltd.

Part # RE500.5W100RBC6P
Description  RE High Precision Low TCR Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

RE500.5W100RBC6P Datasheet(HTML) 3 Page - Token Electronics Industry Co., Ltd.

  RE500.5W100RBC6P Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. RE500.5W100RBC6P Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. RE500.5W100RBC6P Datasheet HTML 3Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
How to Order
0.5W
10R
D
RE60
C5
03 of 03
P
Part Number: RE50, RE55,
RE60, RE65,
RE70, RE75.
Rated Power (W)
Resistance Value (Ω):
Code
Temperature
Rated Power (W)
RE50
70 °C
0.125
RE55
0.25
RE60
0.5
RE65
0.75
RE70
1.0
RE75
1.5
RE50
125 °C
0.05
RE55
0.10
RE60
0.125
RE65
0.25
RE70
0.5
RE75
1.0
Code
Resistance Tolerance (%)
B
±0.10
C
±0.25
D
±0.50
F
±1.00
Resistance Tolerance (%)
Code
Temperature Coefficient
(ppm/°C)
C6
±10 ppm/°C
C5
±15 ppm/°C
C3
±25 ppm/°C
C2
±50 ppm/°C
Temperature Coefficient (ppm/°C)
Packaging: P (Bulk)
Code
Resistance Value (Ω)
10R
10Ω
100R
100Ω
1K1
1.1KΩ
1M
1MΩ
10M
10MΩ
Version 2010
RE High Precision Low TCR Resistors
TOKEN
http://www.token.com.tw/
rfq token.com.tw
Back to 1st Page - High Precision Resistors (RE)


Similar Part No. - RE500.5W100RBC6P

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
RE50 SCHNEIDER-RE50 Datasheet
3Mb / 64P
   Manual Motor Starters, Controllers, and Protectors Type GV2, GV3, and GV7
10/02
logo
Nichicon corporation
RE50E561MDN1 NICHICON-RE50E561MDN1 Datasheet
668Kb / 2P
   Ultra-low ESR, Low Profile
RE50E561MDN1XX NICHICON-RE50E561MDN1XX Datasheet
757Kb / 2P
   FUNCTIONAL POLYMER ALUNMINUM SOLID ELECTROLYTIC CAPACITORS
RE50E821MDN1 NICHICON-RE50E821MDN1 Datasheet
668Kb / 2P
   Ultra-low ESR, Low Profile
RE50E821MDN1XX NICHICON-RE50E821MDN1XX Datasheet
757Kb / 2P
   FUNCTIONAL POLYMER ALUNMINUM SOLID ELECTROLYTIC CAPACITORS
More results

Similar Description - RE500.5W100RBC6P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
300144Z VISHAY-300144Z Datasheet
130Kb / 5P
   Ultra High Precision Z-Foil Voltage Divider Resistors with TCR
Revision: 21-Nov-07
logo
C&B ELECTRONICS (SHENZH...
PEWF2512 RESI-PEWF2512 Datasheet
596Kb / 2P
   High-Precision Low-TCR Alloy Current Sensing Resistor
Date 2022.11.26
logo
Token Electronics Indus...
UAR1810RA2C5P TOKEN-UAR1810RA2C5P Datasheet
322Kb / 3P
   UAR Low Noise High Precision Resistors
logo
List of Unclassifed Man...
TG931 ETC2-TG931 Datasheet
147Kb / 1P
   Low TC Precision High Voltage Resistors
logo
Vishay Siliconix
CNS020 VISHAY-CNS020 Datasheet
52Kb / 1P
   high precision resistors
Data sheet E 2/4.936
CNS020 VISHAY-CNS020 Datasheet
68Kb / 3P
   high precision resistors
PLTT VISHAY-PLTT Datasheet
109Kb / 4P
   Precision Low TCR High Temperature Thin Film Resistor, Surface Mount Chip
Revision: 01-Jun-15
PLTT VISHAY-PLTT_V01 Datasheet
137Kb / 5P
   Precision Low TCR High Temperature Thin Film Resistor, Surface Mount Chip, ± 5 ppm/°C TCR, 0.02 % Tolerance
01-Jan-2022
PLTT VISHAY-PLTT Datasheet
101Kb / 4P
   Precision Low TCR High Temperature Thin Film Resistor, Surface Mount Chip, ± 5 ppm/°C TCR, 0.02 % Tolerance
Revision: 01-Jun-15
logo
Welwyn Components Limit...
3812-10TGI WELWYN-3812-10TGI Datasheet
391Kb / 2P
   Precision Resistors Precision Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com