Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX15046BAEE+ Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX15046BAEE+
Description  40V, High-Performance, Synchronous Buck Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15046BAEE+ Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX15046BAEE+ Datasheet HTML 3Page - Maxim Integrated Products MAX15046BAEE+ Datasheet HTML 4Page - Maxim Integrated Products MAX15046BAEE+ Datasheet HTML 5Page - Maxim Integrated Products MAX15046BAEE+ Datasheet HTML 6Page - Maxim Integrated Products MAX15046BAEE+ Datasheet HTML 7Page - Maxim Integrated Products MAX15046BAEE+ Datasheet HTML 8Page - Maxim Integrated Products MAX15046BAEE+ Datasheet HTML 9Page - Maxim Integrated Products MAX15046BAEE+ Datasheet HTML 10Page - Maxim Integrated Products MAX15046BAEE+ Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
40V, High-Performance, Synchronous
Buck Controller
_______________________________________________________________________________________ 7
Typical Operating Characteristics (continued)
(VIN = 24V, TA = +25NC, unless otherwise noted.)
STARTUP WITH PREBIASED
OUTPUT (0.5V)
MAX15046 toc15d
VOUT
2V/div
PGOOD
5V/div
VIN
10V/div
24V
0.5V
4ms/div
VOUT = 3.3V
STARTUP WITH PREBIASED
OUTPUT (2V)
MAX15046 toc15c
VOUT
2V/div
PGOOD
5V/div
IN
10V/div
24V
2V
4ms/div
VOUT = 3.3V
SINK CURRENT-LIMIT WAVEFORMS
(5V PREBIASED)
MAX15046 toc16
VLX
50V/div
ILX
5A/div
VOUT
500mV/div
200Fs/div
LINE-TRANSIENT RESPONSE
MAX15046 toc19
VIN
10V/div
5V
24V
VOUT
(AC-COUPLED)
200mV/div
10ms/div
OUTPUT SHORT-CIRCUIT BEHAVIOR
MAX15046 toc18
VOUT
200mV/div
IOUT
10A/div
10ms/div
DH_ AND DL_ DISOVERLAP
MAX15046 toc17b
VDL
5V/div
VLX
20V/div
VDH
20V/div
40ns/div
DH_ AND DL_ DISOVERLAP
MAX15046 toc17a
VDL
5V/div
VLX
20V/div
VDH
20V/div
40ns/div


Similar Part No. - MAX15046BAEE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15046BAEE++ MAXIM-MAX15046BAEE+ Datasheet
3Mb / 23P
   40V, High-Performance, Synchronous Buck Controller
Rev 0; 7/09
More results

Similar Description - MAX15046BAEE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15046 MAXIM-MAX15046 Datasheet
3Mb / 23P
   40V, High-Performance, Synchronous Buck Controller
Rev 0; 7/09
logo
Semtech Corporation
SC4612H SEMTECH-SC4612H_09 Datasheet
1Mb / 18P
   40V Synchronous Buck Controller
SC4612H SEMTECH-SC4612H Datasheet
539Kb / 21P
   40V Synchronous Buck Controller
logo
Vishay Siliconix
SI9142 VISHAY-SI9142 Datasheet
261Kb / 11P
   Synchronous Buck Controller for High Performance Processors
Rev. C, 05-Apr-99
logo
Renesas Technology Corp
ISL81401 RENESAS-ISL81401 Datasheet
3Mb / 47P
   40V 4-Switch Synchronous Buck-Boost Controller
Jan 27, 2022
logo
Semtech Corporation
SC4510 SEMTECH-SC4510 Datasheet
733Kb / 16P
   High Performance Synchronous Buck Controller With Reference Tracking
logo
Major-Power Technology ...
MA5621 MPOWER-MA5621 Datasheet
320Kb / 2P
   40V Synchronous Buck Controller with 2ch CC/CV
logo
Semtech Corporation
SC2545 SEMTECH-SC2545 Datasheet
1Mb / 24P
   High Performance Wide Input Range Dual Synchronous Buck Controller
SC2542 SEMTECH-SC2542 Datasheet
1Mb / 27P
   High Performance Wide Input Range Dual Synchronous Buck Controller
SC2544 SEMTECH-SC2544 Datasheet
1Mb / 24P
   High Performance Wide Input Range Dual Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com