Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX17079 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX17079
Description  4-Level or 2-Level Logic to High-Voltage Level Shifter for TFT LCD TV Display
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17079 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX17079_10 Datasheet HTML 4Page - Maxim Integrated Products MAX17079_10 Datasheet HTML 5Page - Maxim Integrated Products MAX17079_10 Datasheet HTML 6Page - Maxim Integrated Products MAX17079_10 Datasheet HTML 7Page - Maxim Integrated Products MAX17079_10 Datasheet HTML 8Page - Maxim Integrated Products MAX17079_10 Datasheet HTML 9Page - Maxim Integrated Products MAX17079_10 Datasheet HTML 10Page - Maxim Integrated Products MAX17079_10 Datasheet HTML 11Page - Maxim Integrated Products MAX17079_10 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
4-Level or 2-Level Logic to High-Voltage
Level Shifter for TFT LCD TV Display
10
______________________________________________________________________________________
Sequential Operation
Connect CH to AGND and ST to VCC for four-level
sequential operation. If EN is LOW or VCC is less than its
UVLO or VVLS is less than its UVLO, the outputs are in
STANDBY and the outputs connect to VCOM. After EN is
HIGH, VCC exceeds its UVLO and VLS exceeds its
UVLO, the outputs are ready to respond to logic inputs at
Ax and Bx. In sequential operation, the logic inputs and
corresponding output states sequence only in a prede-
fined order. In four-level operation, it is only possible to
progress from STATE 1 to STATE 2 or to STANDBY. The
same applies to the other transitions, including from
STATE 4 to STATE 1. Table 2 shows the logic states of
the level shifter in a sequential mode of operation.
Figure 3 shows the sequence of operation. Outputs
OAx and OBx always change in the same sequence.
Two-Level Operation
The MAX17079 also has a two-level output voltage
operation. Connect CH to VCC for two-level operation.
In two-level operation, the device transitions between
two states and the outputs can be connected only to
VH2 or VL2 or VCOM in STANDBY. Other than the start-
up condition, there is no way to distinguish between
sequential operation and combinational operation. If EN
is LOW or VCC is less than its UVLO or VLS is less than
its UVLO, the outputs are in STANDBY and the outputs
connect to VCOM. After EN is HIGH, VCC is greater
than its UVLO and VLS is greater than its UVLO, the
outputs are ready to respond to logic inputs at Ax.
Connect Bx to AGND, as the outputs respond only to
the rising and falling edge of Ax. The outputs transition
from VCOM to the specific output only on the rising
edge of Ax in sequential mode. In combinational mode,
the outputs transition from VCOM to the specific output
on either rising or falling edge of Ax. The following truth
table (Table 3) shows the output states.
EN
Ax
Bx
OAx
OBx
Figure 3. Sequential Mode Operation
STATE
Ax
Bx
OAx
OBx
STATE 1
H
H
VH1
VL1
STATE 2
H
L
VH2
VL2
STATE 3
L
H
VL1
VH1
STATE 4
L
L
VL2
VH2
Table 2. Truth Table Four-Level
Sequential Mode of Operation
HIGH (Ax)
OAx = VH2,
OBx = VL2
LOW (Ax)
OAx = VL2,
OBx = VH2
Table 3. Truth Table Two-Level Operation
x = Don’t care.


Similar Part No. - MAX17079_10

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17079GTL++ MAXIM-MAX17079GTL+ Datasheet
524Kb / 13P
   4-Level or 2-Level Logic to High-Voltage Level Shifter for TFT LCD TV Display
Rev 0; 2/08
More results

Similar Description - MAX17079_10

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17079 MAXIM-MAX17079 Datasheet
524Kb / 13P
   4-Level or 2-Level Logic to High-Voltage Level Shifter for TFT LCD TV Display
Rev 0; 2/08
logo
Renesas Technology Corp
ISL24010 RENESAS-ISL24010 Datasheet
501Kb / 9P
   Octal Voltage Level Shifter for TFT/LCD Panels High Voltage TFT-LCD Logic Driver
ISL24011 RENESAS-ISL24011 Datasheet
539Kb / 9P
   Octal Voltage Level Shifter for TFT/LCD Panels High Voltage TFT-LCD Logic Driver
March 28, 2006
logo
ON Semiconductor
MC74VHC1GT32DFT1G ONSEMI-MC74VHC1GT32DFT1G Datasheet
129Kb / 6P
   2-Input OR Gate/CMOS Logic Level Shifter
July, 2013 ??Rev. 12
logo
Renesas Technology Corp
HD74LV1GT32A RENESAS-HD74LV1GT32A_15 Datasheet
136Kb / 9P
   2?밿nput OR Gate / CMOS Logic Level Shifter
logo
ON Semiconductor
NL17SHT32 ONSEMI-NL17SHT32 Datasheet
104Kb / 5P
   2-Input OR Gate CMOS Logic Level Shifter
August, 2011 ??Rev. 0
logo
Renesas Technology Corp
HD74LV1GT32A RENESAS-HD74LV1GT32A Datasheet
101Kb / 7P
   2-input OR Gate / CMOS Logic Level Shifter
logo
ON Semiconductor
MC74VHC1GT32 ONSEMI-MC74VHC1GT32_07 Datasheet
79Kb / 6P
   2?묲nput OR Gate/CMOS Logic Level Shifter
February, 2007 ??Rev. 10
MC74VHC1GT32DF1G ONSEMI-MC74VHC1GT32DF1G Datasheet
129Kb / 6P
   2-Input OR Gate/CMOS Logic Level Shifter
July, 2013 ??Rev. 12
MC74VHC1GT32 ONSEMI-MC74VHC1GT32 Datasheet
89Kb / 8P
   2-Input OR Gate/CMOS Logic Level Shifter
November, 2001 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com