Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RMG20KT10R Datasheet(PDF) 3 Page - Token Electronics Industry Co., Ltd.

Part # RMG20KT10R
Description  RMG20 TO-220 Power Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

RMG20KT10R Datasheet(HTML) 3 Page - Token Electronics Industry Co., Ltd.

  RMG20KT10R Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. RMG20KT10R Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. RMG20KT10R Datasheet HTML 3Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
03 of 03
RMG20 Power Resistors
Environmental Characteristics
Test Item
Specification
Test Method
Temperature Coefficient of
Resistance
10Ω and above, ±50ppm/°C
1Ω and 10Ω, (±100ppm)/°C Referenced to 25°C, ΔR taken at +105°C
Short Time Overload
Δ R±0.3%
2 times rated power with applied voltage not to exceed
1.5 times maximum continuous operating voltage for 5
seconds.
Load Life
Δ R±1.0%
MIL-R-39009,2,000 hours at rated power.
Humidity (Steady State)
Δ R±0.5%
MIL-STD-202F, Method 103B
40°C, 90~95%RH, RCWV 1.5hours ON, 0.5hours
OFF. total 1000~1048 hours.
Thermal Shock
Δ R±0.3%
MIL-STD-202, Method 107G.
-65°C~150°C,100 cycle
Terminal Strength
Δ R±0.2%
MIL-STD-202, Method 211, Cond.A(Pull Test) 2.4N.
Vibration, High Frequency Δ R±0.2%
MIL-STD-202, Method 204, Cond.D.
Note:1.Lead Material: Tinned Copper.
2.Without a Heat Sink, when in Free Air at 25°C, the RMG20 is Rated for 2.25W.
3.The Case Temperature is to be used for the Definition of the Applied Power Limit.
4.The Case Temperature Measurement Must be Made with a Thermocouple Contacting the Center of the Component
Mounted on the Designed Heat Sink.
5.Thermal Grease Should be Applied Properly.
How to Order
20
J
P
RMG
D
10R
Part Number: TO-220 Power Resistors
Power Rating
Resistance
Code
Resistance
0R1
0.1Ω
10R
10Ω
1K
1KΩ
10K
10KΩ
Resistance Tolerance
Code
Resistance Tolerance
D
±0.5%
F
±1%
G
±2%
J
±5%
K
±10%
Packaging
Code
Packaging
T
Tube
P
Bulk
TCR
Code
TCR
D
±50PPM/°C
E
±100PPM/°C
F
±200PPM/°C
-
No specified
Back to 1st Page - TO-220 Power Resistors (RMG20)
Version 2010
http://www.token.com.tw/
rfq token.com.tw
TOKEN


Similar Part No. - RMG20KT10R

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
RMG100DP0R1 TOKEN-RMG100DP0R1 Datasheet
379Kb / 3P
   RMG100 TO-247 Power Resistors
RMG100DP10K TOKEN-RMG100DP10K Datasheet
379Kb / 3P
   RMG100 TO-247 Power Resistors
RMG100DP10R TOKEN-RMG100DP10R Datasheet
379Kb / 3P
   RMG100 TO-247 Power Resistors
RMG100DP1K TOKEN-RMG100DP1K Datasheet
379Kb / 3P
   RMG100 TO-247 Power Resistors
RMG100DPD0R1 TOKEN-RMG100DPD0R1 Datasheet
379Kb / 3P
   RMG100 TO-247 Power Resistors
More results

Similar Description - RMG20KT10R

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
PF2200 RIEDON-PF2200_11 Datasheet
246Kb / 2P
   TO-220 Power Film Resistors
PF2200 RIEDON-PF2200 Datasheet
238Kb / 2P
   TO-220 Power Film Resistors
logo
Bi technologies
MHP35 BITECH-MHP35 Datasheet
845Kb / 2P
   35W TO-220 HIGH POWER RESISTORS
logo
List of Unclassifed Man...
MHP20 ETC1-MHP20 Datasheet
846Kb / 2P
   20W TO-220 HIGH POWER RESISTORS
logo
Riedon Powertron
PF2203-5R6F1 RIEDON-PF2203-5R6F1 Datasheet
189Kb / 3P
   TO-220 Power Thin Film Resistors
PF2205-5R6F1 RIEDON-PF2205-5R6F1 Datasheet
189Kb / 3P
   TO-220 Power Thin Film Resistors
PF2203-200RF1 RIEDON-PF2203-200RF1 Datasheet
201Kb / 3P
   TO-220 Power Thin Film Resistors
PF2203-75RF1 RIEDON-PF2203-75RF1 Datasheet
189Kb / 3P
   TO-220 Power Thin Film Resistors
PF2205-0R05J1 RIEDON-PF2205-0R05J1 Datasheet
189Kb / 3P
   TO-220 Power Thin Film Resistors
PF2203-0R05J1 RIEDON-PF2203-0R05J1 Datasheet
218Kb / 2P
   TO-220 Power Thin Film Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com