Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS12885SN+ Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DS12885SN+
Description  Real-Time Clocks
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS12885SN+ Datasheet(HTML) 3 Page - Maxim Integrated Products

  DS12885SN+ Datasheet HTML 1Page - Maxim Integrated Products DS12885SN+ Datasheet HTML 2Page - Maxim Integrated Products DS12885SN+ Datasheet HTML 3Page - Maxim Integrated Products DS12885SN+ Datasheet HTML 4Page - Maxim Integrated Products DS12885SN+ Datasheet HTML 5Page - Maxim Integrated Products DS12885SN+ Datasheet HTML 6Page - Maxim Integrated Products DS12885SN+ Datasheet HTML 7Page - Maxim Integrated Products DS12885SN+ Datasheet HTML 8Page - Maxim Integrated Products DS12885SN+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Real-Time Clocks
_____________________________________________________________________
3
DC ELECTRICAL CHARACTERISTICS
(VCC = 0V, VBAT = 3.0V, TA = over the operating range, unless otherwise noted.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VBAT Current (OSC On);
TA = +25°C, VBACKUP = 3.0V
IBAT
(Note 8)
500
nA
VBAT Current (Oscillator Off)
IBATDR
(Note 8)
100
nA
AC ELECTRICAL CHARACTERISTICS
(VCC = 4.5V to 5.5V, TA = over the operating range.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Cycle Time
tCYC
385
DC
ns
Pulse Width, DS Low or R/W High
PWEL
150
ns
Pulse Width, DS High or R/W Low
PWEH
125
ns
Input Rise and Fall
tR, tF
30
ns
R/W Hold Time
tRWH
10
ns
R/W Setup Time Before DS/E
tRWS
50
ns
Chip-Select Setup Time Before
DS or R/W
tCS
20
ns
Chip-Select Hold Time
tCH
0ns
Read-Data Hold Time
tDHR
10
80
ns
Write-Data Hold Time
tDHW
0ns
Address Valid Time to AS Fall
tASL
30
ns
Address Hold Time to AS Fall
tAHL
10
ns
Delay Time DS/E to AS Rise
tASD
20
ns
Pulse Width AS High
PWASH
60
ns
Delay Time, AS to DS/E Rise
tASED
40
ns
Output Data Delay Time from DS
or R/W
tDDR
20
120
ns
Data Setup Time
tDSW
100
ns
Reset Pulse Width
tRWL
5µs
IRQ Release from DS
tIRDS
2µs
IRQ Release from RESET
tIRR
2µs


Similar Part No. - DS12885SN+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS12885SN++ MAXIM-DS12885SN+ Datasheet
361Kb / 22P
   Real-Time Clock
Rev 3; 2/07
More results

Similar Description - DS12885SN+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS17285 MAXIM-DS17285_1 Datasheet
333Kb / 31P
   Real-Time Clocks
Rev 1; 4/10
DS17285 MAXIM-DS17285 Datasheet
319Kb / 30P
   Real-Time Clocks
Rev 0; 4/06
DS1685 MAXIM-DS1685 Datasheet
420Kb / 33P
   3V/5V Real-Time Clocks
REV: 032604
DS1685 MAXIM-DS1685_12 Datasheet
654Kb / 34P
   3V/5V Real-Time Clocks
Rev 10/12
logo
Dallas Semiconductor
DS1685 DALLAS-DS1685_05 Datasheet
766Kb / 39P
   3V/5V Real-Time Clocks
logo
Maxim Integrated Produc...
DS1685 MAXIM-DS1685_10 Datasheet
350Kb / 34P
   3V/5V Real-Time Clocks
Rev 4/10
logo
Mercury United Electron...
ME83 MERCURY-ME83 Datasheet
399Kb / 5P
   Frequency reference for real time clocks
logo
Abracon Corporation
ASH7K ABRACON-ASH7K Datasheet
1Mb / 2P
   Clock drivers for Real Time Clocks
12.27.11
logo
Maxim Integrated Produc...
DS1501 MAXIM-DS1501 Datasheet
277Kb / 21P
   Y2K-Compliant Watchdog Real-Time Clocks
REV: 011607
logo
STMicroelectronics
M41T62 STMICROELECTRONICS-M41T62_10 Datasheet
695Kb / 41P
   Serial real-time clocks with alarm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com