Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS12885+ Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # DS12885+
Description  Real-Time Clocks
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS12885+ Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button DS12885+ Datasheet HTML 6Page - Maxim Integrated Products DS12885+ Datasheet HTML 7Page - Maxim Integrated Products DS12885+ Datasheet HTML 8Page - Maxim Integrated Products DS12885+ Datasheet HTML 9Page - Maxim Integrated Products DS12885+ Datasheet HTML 10Page - Maxim Integrated Products DS12885+ Datasheet HTML 11Page - Maxim Integrated Products DS12885+ Datasheet HTML 12Page - Maxim Integrated Products DS12885+ Datasheet HTML 13Page - Maxim Integrated Products DS12885+ Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Real-Time Clocks
10
____________________________________________________________________
Pin Description (continued)
PIN
SO,
PDIP
EDIP
PLCC
TQFP
NAME
FUNCTION
19
19
23
21
IRQ
Active-Low Interrupt Request Output. The IRQ pin is an active-low output of the
device that can be used as an interrupt input to a processor. The IRQ output
remains low as long as the status bit causing the interrupt is present and the
corresponding interrupt-enable bit is set. The processor program normally
reads the C register to clear the IRQ pin. The RESET pin also clears pending
interrupts. When no interrupt conditions are present, the IRQ level is in the high-
impedance state. Multiple interrupting devices can be connected to an IRQ
bus, provided that they are all open drain. The IRQ pin is an open-drain output
and requires an external pullup resistor to VCC.
20
24
22
VBAT
Connection for a Primary Battery. (DS12885 Only.) Battery voltage must be held
between the minimum and maximum limits for proper operation. If a backup
supply is not supplied, VBAT must be grounded. Connect the battery directly to
the VBAT pin. Diodes in series between the VBAT pin and the battery may
prevent proper operation. UL recognized to ensure against reverse charging
when used with a lithium battery.
21
21
(DS12887A/
DS12C887A)
25
24
RCLR
Active-Low RAM Clear. The RCLR pin is used to clear (set to logic 1) all the
general-purpose RAM, but does not affect the RAM associated with the RTC. To
clear the RAM, RCLR must be forced to an input logic 0 during battery-backup
mode when VCC is not applied. The RCLR function is designed to be used
through a human interface (shorting to ground manually or by a switch) and not
to be driven with external buffers. This pin is internally pulled up. Do not use an
external pullup resistor on this pin.
23
23
27
26
SQW
Square-Wave Output. The SQW pin can output a signal from one of 13 taps
provided by the 15 internal divider stages of the RTC. The frequency of the
SQW pin can be changed by programming Register A, as shown in Table 1.
The SQW signal can be turned on and off using the SQWE bit in Register B. The
SQW signal is not available when VCC is less than VPF.
24
24
28
28
VCC
DC Power Pin for Primary Power Supply. When VCC is applied within normal
limits, the device is fully accessible and data can be written and read. When
VCC is below VPF reads and writes are inhibited.


Similar Part No. - DS12885+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS12885++ MAXIM-DS12885+ Datasheet
361Kb / 22P
   Real-Time Clock
Rev 3; 2/07
More results

Similar Description - DS12885+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS17285 MAXIM-DS17285_1 Datasheet
333Kb / 31P
   Real-Time Clocks
Rev 1; 4/10
DS17285 MAXIM-DS17285 Datasheet
319Kb / 30P
   Real-Time Clocks
Rev 0; 4/06
DS1685 MAXIM-DS1685 Datasheet
420Kb / 33P
   3V/5V Real-Time Clocks
REV: 032604
DS1685 MAXIM-DS1685_12 Datasheet
654Kb / 34P
   3V/5V Real-Time Clocks
Rev 10/12
logo
Dallas Semiconductor
DS1685 DALLAS-DS1685_05 Datasheet
766Kb / 39P
   3V/5V Real-Time Clocks
logo
Maxim Integrated Produc...
DS1685 MAXIM-DS1685_10 Datasheet
350Kb / 34P
   3V/5V Real-Time Clocks
Rev 4/10
logo
Mercury United Electron...
ME83 MERCURY-ME83 Datasheet
399Kb / 5P
   Frequency reference for real time clocks
logo
Abracon Corporation
ASH7K ABRACON-ASH7K Datasheet
1Mb / 2P
   Clock drivers for Real Time Clocks
12.27.11
logo
Maxim Integrated Produc...
DS1501 MAXIM-DS1501 Datasheet
277Kb / 21P
   Y2K-Compliant Watchdog Real-Time Clocks
REV: 011607
logo
STMicroelectronics
M41T62 STMICROELECTRONICS-M41T62_10 Datasheet
695Kb / 41P
   Serial real-time clocks with alarm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com