Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS2784 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # DS2784
Description  1-Cell Stand-Alone Fuel Gauge IC with Li Protector and SHA-1
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2784 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button DS2784 Datasheet HTML 5Page - Maxim Integrated Products DS2784 Datasheet HTML 6Page - Maxim Integrated Products DS2784 Datasheet HTML 7Page - Maxim Integrated Products DS2784 Datasheet HTML 8Page - Maxim Integrated Products DS2784 Datasheet HTML 9Page - Maxim Integrated Products DS2784 Datasheet HTML 10Page - Maxim Integrated Products DS2784 Datasheet HTML 11Page - Maxim Integrated Products DS2784 Datasheet HTML 12Page - Maxim Integrated Products DS2784 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
DS2784: 1-Cell Stand-Alone Fuel Gauge IC with Li+ Protector and SHA-1 Authentication
TYPICAL OPERATING CIRCUIT
PIN DESCRIPTION
PIN
NAME
FUNCTION
1
VDD
Power-Supply Input. Chip supply input. Bypass with 0.1µF to VSS.
2
CTG
Connect to Ground
3
VSS
Device Ground. Chip ground and battery-side sense resistor input.
4
VIN
Battery Voltage-Sense Input. Connect to positive cell terminal through decoupling
network.
5, 9, 10
N.C.
No Connection
6
PLS
Pack Plus Terminal-Sense Input. Used to detect the removal of short-circuit, discharge
overcurrent, and charge overcurrent conditions.
7
CC
Charge Control. Charge FET control output.
8
DC
Discharge Control. Discharge FET control output.
11
DQ
Data Input/Output. Serial data I/O, includes weak pulldown to detect battery disconnect
and can be configured as wake input.
12
SNS
Sense Resistor Connection. Pack minus terminal and pack-side sense resistor sense
input.
13
CP
Charge Pump Output. Bypass with 0.1µF to VSS.
14
PIO
Programmable I/O Pin. Can be configured as wake input.
EP
Exposed Pad. Connect to VSS or leave unconnected.
DETAILED DESCRIPTION
The DS2784 functions as an accurate fuel gauge, Li+ protector, and SHA-1-based authentication token. The fuel
gauge provides accurate estimates of remaining capacity and reports timely voltage, temperature, and current-
measurement data. Capacity estimates are calculated from a piecewise-linear model of the battery performance
over load and temperature, and system parameters for full and empty conditions. The algorithm parameters are
user programmable and can be modified in pack. Critical capacity and aging data are periodically saved to
EEPROM in case of loss of power due to a short circuit or deep depletion.
The Li+ protection function ensures safe, high-performance operation. nFET protection switches are driven with a
9V charge pump that increase gate drive as the cell voltage decreases. The high-side topology preserves the
ground path for serial communication while eliminating the parasitic charge path formed when the fuel gauge IC is
9 of 43


Similar Part No. - DS2784

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2784 MAXIM-DS2784 Datasheet
456Kb / 38P
   1-Cell Stand-Alone Fuel Gauge IC with Li Protector and SHA-1 Authentication
REV: 071107
DS2784 MAXIM-DS2784 Datasheet
547Kb / 42P
   1-Cell Stand-Alone Fuel Gauge IC with Li Protector and SHA-1
Rev 8/09
DS2784 MAXIM-DS2784 Datasheet
612Kb / 43P
   1-Cell Stand-Alone Fuel Gauge IC with Li Protector and SHA-1 Authentication
Rev 3/12
DS2784 MAXIM-DS2784 Datasheet
2Mb / 40P
   1-Cell Fuel Gauge with FuelPack, Protector, and SHA-1 Authentication
2017
DS2784G++ MAXIM-DS2784G+ Datasheet
456Kb / 38P
   1-Cell Stand-Alone Fuel Gauge IC with Li Protector and SHA-1 Authentication
REV: 071107
More results

Similar Description - DS2784

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2784 MAXIM-DS2784_09 Datasheet
547Kb / 42P
   1-Cell Stand-Alone Fuel Gauge IC with Li Protector and SHA-1
Rev 8/09
DS2784 MAXIM-DS2784_12 Datasheet
612Kb / 43P
   1-Cell Stand-Alone Fuel Gauge IC with Li Protector and SHA-1 Authentication
Rev 3/12
DS2784 MAXIM-DS2784 Datasheet
456Kb / 38P
   1-Cell Stand-Alone Fuel Gauge IC with Li Protector and SHA-1 Authentication
REV: 071107
DS2775 MAXIM-DS2775 Datasheet
684Kb / 44P
   2-Cell, Stand-Alone, Li Fuel-Gauge IC with Protector and Optional SHA-1 Authentication
Rev 0; 10/08
DS2775 MAXIM-DS2775_10 Datasheet
707Kb / 46P
   2-Cell, Stand-Alone, Li Fuel-Gauge IC with Protector and Optional SHA-1 Authentication
Rev 3; 5/10
DS2775 MAXIM-DS2775_09 Datasheet
665Kb / 45P
   2-Cell, Stand-Alone, Li Fuel-Gauge IC with Protector and Optional SHA-1 Authentication
Rev 2; 7/09
DS2775 MAXIM-DS2775_11 Datasheet
711Kb / 46P
   2-Cell, Stand-Alone, Li Fuel-Gauge IC with Protector and Optional SHA-1 Authentication
Rev 4; 6/11
DS2781 MAXIM-DS2781_V01 Datasheet
408Kb / 31P
   1-Cell or 2-Cell Stand-Alone Fuel Gauge IC
2008
DS2784 MAXIM-DS2784_V01 Datasheet
2Mb / 40P
   1-Cell Fuel Gauge with FuelPack, Protector, and SHA-1 Authentication
2017
DS2775 MAXIM-DS2775_V01 Datasheet
1Mb / 46P
   2-Cell, Fuel Gauge with FuelPack, Protector, and SHA-1 Authentication
2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com