Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1877T+TR Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # DS1877T+TR
Description  SFP Controller for Dual Rx Interface
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1877T+TR Datasheet(HTML) 5 Page - Maxim Integrated Products

  DS1877T+TR Datasheet HTML 1Page - Maxim Integrated Products DS1877T+TR Datasheet HTML 2Page - Maxim Integrated Products DS1877T+TR Datasheet HTML 3Page - Maxim Integrated Products DS1877T+TR Datasheet HTML 4Page - Maxim Integrated Products DS1877T+TR Datasheet HTML 5Page - Maxim Integrated Products DS1877T+TR Datasheet HTML 6Page - Maxim Integrated Products DS1877T+TR Datasheet HTML 7Page - Maxim Integrated Products DS1877T+TR Datasheet HTML 8Page - Maxim Integrated Products DS1877T+TR Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 65 page
background image
SFP Controller for Dual Rx Interface
5
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Voltage Range on RSSI1_, RSSI2_, INX, LOS1,
and LOS2 Pins Relative to Ground...... -0.5V to (VCC + 0.5V)*
Voltage Range on VCC, SDA, SCL, OUTX, FAULT,
RSELOUT, and LOSOUT Pins Relative to Ground....-0.5V to +6V
Continuous Power Dissipation
28-Pin TQFN (derate 34.5mW/NC) above +70NC....2758.6mW
Operating Temperature Range.......................... -40NC to +95NC
Programming Temperature Range ....................... 0NC to +95NC
Storage Temperature Range............................ -55NC to +125NC
Lead Temperature (soldering, 10s) ................................+300NC
Soldering Temperature (reflow) ......................................+260NC
RECOMMENDED OPERATING CONDITIONS
(TA = -40NC to +95NC, unless otherwise noted.)
DC ELECTRICAL CHARACTERISTICS
(VCC = +2.85V to +3.9V, TA = -40NC to +95NC, unless otherwise noted.)
ABSOLUTE MAXIMUM RATINGS
*Subject to not exceeding +6V.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Main Supply Voltage
VCC
(Note 1)
+2.85
+3.9
V
High-Level Input Voltage
(SDA, SCL)
VIH:1
0.7 x
VCC
VCC +
0.3
V
Low-Level Input Voltage
(SDA, SCL)
VIL:1
-0.3
0.3 x
VCC
V
High-Level Input Voltage
(FAULT, RSEL, INX, LOS1,
LOS2)
VIH:2
2.0
VCC +
0.3
V
Low-Level Input Voltage
(FAULT, RSEL, INX, LOS1,
LOS2)
VIL:2
-0.3
+0.8
V
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Current
ICC
(Notes 1, 2)
2.5
10
mA
Output Leakage (SDA, OUTX,
RSELOUT, LOSOUT, FAULT)
ILO
1
F
A
Low-Level Output Voltage
(SDA, OUTX, RSELOUT, LOSOUT,
DAC1, DAC2, FAULT)
VOL
IOL = 4mA
0.4
V
IOL = 6mA
0.6
High-Level Output Voltage
(DAC1, DAC2)
VOH
IOH = 4mA
VCC -
0.4
V
DAC1 and DAC2 Before LUT
Recall
10
100
nA
Input Leakage Current
(SCL, RSEL, INX, LOS1, LOS2)
ILI
1
F
A
Digital Power-On Reset
POD
1.0
2.2
V
Analog Power-On Reset
POA
2.0
2.75
V


Similar Part No. - DS1877T+TR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1877 MAXIM-DS1877 Datasheet
2Mb / 65P
   SFP Controller for Dual Rx Interface
19-5188; Rev 1; 4/10
DS1877 MAXIM-DS1877_V01 Datasheet
2Mb / 65P
   SFP Controller for Dual Rx Interface
19-5188; Rev 1; 4/10
More results

Similar Description - DS1877T+TR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1877 MAXIM-DS1877_V01 Datasheet
2Mb / 65P
   SFP Controller for Dual Rx Interface
19-5188; Rev 1; 4/10
DS1876 MAXIM-DS1876 Datasheet
2Mb / 69P
   SFP Controller with Dual LDD Interface
Rev 0; 2/10
DS1876 MAXIM-DS1876_V01 Datasheet
2Mb / 69P
   SFP Controller with Dual LDD Interface
19-5153; Rev 0; 2/10
DS1873 MAXIM-DS1873 Datasheet
1Mb / 85P
   SFP Controller with Analog LDD Interface
Rev 0; 9/09
DS1878 MAXIM-DS1878 Datasheet
1Mb / 101P
   SFP Controller with Digital LDD Interface
Rev 1; 8/11
DS1874 MAXIM-DS1874 Datasheet
1Mb / 88P
   SFP Controller with Digital LDD Interface
Rev 0; 6/09
DS1886 MAXIM-DS1886_V01 Datasheet
3Mb / 92P
   SFP and PON ONU Controller with Digital LDD Interface
19-6259; Rev 1; 8/12
DS1884 MAXIM-DS1884 Datasheet
2Mb / 92P
   SFP and PON ONU Controller with Digital LDD Interface
19-5928; Rev 1; 7/11
DS1886_V1 MAXIM-DS1886_V1 Datasheet
3Mb / 92P
   SFP and PON ONU Controller with Digital LDD Interface
Rev 1; 8/12
DS1886 MAXIM-DS1886 Datasheet
3Mb / 92P
   SFP and PON ONU Controller with Digital LDD Interface
Rev 0; 3/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com