Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA199A3RSWT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # INA199A3RSWT
Description  Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series CURRENT SHUNT MONITOR
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA199A3RSWT Datasheet(HTML) 1 Page - Texas Instruments

  INA199A3RSWT Datasheet HTML 1Page - Texas Instruments INA199A3RSWT Datasheet HTML 2Page - Texas Instruments INA199A3RSWT Datasheet HTML 3Page - Texas Instruments INA199A3RSWT Datasheet HTML 4Page - Texas Instruments INA199A3RSWT Datasheet HTML 5Page - Texas Instruments INA199A3RSWT Datasheet HTML 6Page - Texas Instruments INA199A3RSWT Datasheet HTML 7Page - Texas Instruments INA199A3RSWT Datasheet HTML 8Page - Texas Instruments INA199A3RSWT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
SC70
Package
QFN
Package
INA199Ax
V+
OUT
GND
IN-
IN+
C
BYPASS
0.01 F
m
to
0.1 F
m
+2.7Vto+26V
REF
Reference
Voltage
Supply
Load
R
SHUNT
Output
R
1
R
3
R
2
R
4
INA199A1
INA199A2
INA199A3
www.ti.com
SBOS469B – MAY 2009 – REVISED FEBRUARY 2010
Voltage Output, High or Low Side Measurement, Bi-Directional Zerø-Drift Series
CURRENT SHUNT MONITOR
Check for Samples: INA199A1, INA199A2, INA199A3
1
FEATURES
DESCRIPTION
2
WIDE COMMON-MODE RANGE: –0.3V to 26V
The INA199Ax series of voltage output current shunt
monitors
can
sense
drops
across
shunts
at
OFFSET VOLTAGE: ±150mV (Max)
common-mode
voltages
from
–0.3V
to
26V,
(Enables shunt drops of 10mV full-scale)
independent of the supply voltage. Three fixed gains
ACCURACY
are available: 50V/V, 100V/V, and 200V/V. The low
±1.5% Gain Error (Max over temperature)
offset of the Zerø-Drift architecture enables current
sensing with maximum drops across the shunt as low
0.5mV/°C Offset Drift (Max)
as 10mV full-scale.
10ppm/°C Gain Drift (Max)
These devices operate from a single +2.7V to +26V
CHOICE OF GAINS:
power supply, drawing a maximum of 100mA of
INA199A1: 50V/V
supply current. All versions are specified from –40°C
INA199A2: 100V/V
to +105°C, and offered in both SC70 and thin
QFN-10 packages.
INA199A3: 200V/V
QUIESCENT CURRENT: 100mA (max)
PRODUCT FAMILY TABLE
PACKAGES: SC70, THIN QFN-10
PRODUCT
GAIN
R3 AND R4
R1 AND R2
INA199A1
50
20k
1M
APPLICATIONS
INA199A2
100
10k
1M
NOTEBOOK COMPUTERS
INA199A3
200
5k
1M
CELL PHONES
TELECOM EQUIPMENT
POWER MANAGEMENT
BATTERY CHARGERS
WELDING EQUIPMENT
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - INA199A3RSWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA199A3RSWT TI-INA199A3RSWT Datasheet
1Mb / 28P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series CURRENT SHUNT MONITOR
INA199A3RSWT TI1-INA199A3RSWT Datasheet
1Mb / 34P
[Old version datasheet]   Voltage Output Current Shunt Monitor
More results

Similar Description - INA199A3RSWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA199B1RSWT TI-INA199B1RSWT Datasheet
1Mb / 28P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series CURRENT SHUNT MONITOR
INA213BIDCKR TI1-INA213BIDCKR Datasheet
1Mb / 29P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series Current-Shunt Monitor
INA214AIRSWR TI1-INA214AIRSWR Datasheet
1Mb / 30P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series Current-Shunt Monitor
INA214 TI-INA214 Datasheet
1Mb / 30P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series CURRENT-SHUNT MONITOR
INA210 TI-INA210 Datasheet
581Kb / 17P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series CURRENT SHUNT MONITOR
INA199B2DCKR TI1-INA199B2DCKR Datasheet
1Mb / 28P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series CURRENT SHUNT MONITOR
INA199A1 TI1-INA199A1_14 Datasheet
1Mb / 28P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series
INA210 TI-INA210_08 Datasheet
583Kb / 17P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zero-Drift Series CURRENT SHUNT MONITOR
INA213A-Q1 TI1-INA213A-Q1 Datasheet
850Kb / 20P
[Old version datasheet]   VOLTAGE OUTPUT, HIGH OR LOW SIDE MEASUREMENT, BIDIRECTIONAL, ZERO-DRIFT CURRENT SHUNT MONITOR
INA191 TI1-INA191 Datasheet
461Kb / 22P
[Old version datasheet]   Low-supply, voltage-output, low-side or high-side measurement, zero-drift series, current-shunt monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com