Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC3283IRGZR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DAC3283IRGZR
Description  Dual-Channel, 16-Bit, 800 MSPS, Digital-to-Analog Converter (DAC)
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC3283IRGZR Datasheet(HTML) 10 Page - Texas Instruments

Back Button DAC3283IRGZR Datasheet HTML 6Page - Texas Instruments DAC3283IRGZR Datasheet HTML 7Page - Texas Instruments DAC3283IRGZR Datasheet HTML 8Page - Texas Instruments DAC3283IRGZR Datasheet HTML 9Page - Texas Instruments DAC3283IRGZR Datasheet HTML 10Page - Texas Instruments DAC3283IRGZR Datasheet HTML 11Page - Texas Instruments DAC3283IRGZR Datasheet HTML 12Page - Texas Instruments DAC3283IRGZR Datasheet HTML 13Page - Texas Instruments DAC3283IRGZR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 50 page
background image
-5
-4
-3
-2
-1
0
1
2
3
4
5
0
10000 20000 30000 40000 50000 60000 70000
Code
0
10000 20000 30000 40000 50000 60000 70000
Code
-5
-4
-3
-2
-1
0
1
2
3
4
5
50
55
60
65
70
75
80
85
90
95
100
0
50
100
150
200
250
300
350
f
-MHz
OUT
0dBFS
-6dBFS
-12dBFS
f
= 800 MSPS, 4x Interpolation,
IOUTFS = 20 mA
DAC
0dBFS
-6dBFS
-12dBFS
f
= 800 MSPS, 4x Interpolation,
IOUTFS = 20 mA
DAC
50
55
60
65
70
75
80
85
90
95
100
0
50
100
150
200
250
300
350
f
-MHz
OUT
DAC3283
SLAS693A – MARCH 2010 – REVISED APRIL 2010
www.ti.com
TYPICAL CHARACTERISTICS
Figure 1. INTEGRAL NON-LINEARITY
Figure 2. DIFFERENTIAL NON-LINEARITY
Figure 3. SPURIOUS FREE DYNAMIC RANGE vs INPUT SCALE
Figure 4. SECOND HARMONIC vs INPUT SCALE
10
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): DAC3283


Similar Part No. - DAC3283IRGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC3283 TI-DAC3283 Datasheet
484Kb / 49P
[Old version datasheet]   Wideband Transmit-Receive Digital Signal Processors
DAC3283 TI1-DAC3283 Datasheet
1Mb / 63P
[Old version datasheet]   Dual-Channel, 16-Bit, 800 MSPS, Digital-to-Analog Converter (DAC)
DAC3283 TI1-DAC3283_14 Datasheet
1Mb / 63P
[Old version datasheet]   Dual-Channel, 16-Bit, 800 MSPS, Digital-to-Analog Converter (DAC)
DAC3283 TI-DAC3283_15 Datasheet
1Mb / 67P
[Old version datasheet]   DAC3283 Dual-Channel, 16-Bit, 800 MSPS, Digital-to-Analog Converter (DAC)
More results

Similar Description - DAC3283IRGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC3283 TI1-DAC3283_14 Datasheet
1Mb / 63P
[Old version datasheet]   Dual-Channel, 16-Bit, 800 MSPS, Digital-to-Analog Converter (DAC)
DAC3283 TI-DAC3283_15 Datasheet
1Mb / 67P
[Old version datasheet]   DAC3283 Dual-Channel, 16-Bit, 800 MSPS, Digital-to-Analog Converter (DAC)
DAC5688 TI-DAC5688_10 Datasheet
1Mb / 55P
[Old version datasheet]   DUAL-CHANNEL, 16-BIT, 800 MSPS, 2x-8x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5689 TI-DAC5689 Datasheet
1Mb / 48P
[Old version datasheet]   16-BIT 800 MSPS 2x-8x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5689 TI-DAC5689_15 Datasheet
1Mb / 50P
[Old version datasheet]   16-BIT, 800 MSPS 2x??x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5688 TI1-DAC5688_14 Datasheet
1Mb / 57P
[Old version datasheet]   DUAL-CHANNEL, 16-BIT, 800 MSPS, 2x??x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5688 TI-DAC5688 Datasheet
1Mb / 47P
[Old version datasheet]   16-BIT, 800 MSPS 2x-8x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5688 TI-DAC5688_15 Datasheet
1Mb / 56P
[Old version datasheet]   DUAL-CHANNEL, 16-BIT, 800 MSPS, 2x??x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5687IPZPR TI-DAC5687IPZPR Datasheet
2Mb / 79P
[Old version datasheet]   16-BIT, 500 MSPS 2?? INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC3282 TI-DAC3282 Datasheet
1Mb / 49P
[Old version datasheet]   16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com