Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC3283IRGZR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # DAC3283IRGZR
Description  Dual-Channel, 16-Bit, 800 MSPS, Digital-to-Analog Converter (DAC)
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC3283IRGZR Datasheet(HTML) 8 Page - Texas Instruments

Back Button DAC3283IRGZR Datasheet HTML 4Page - Texas Instruments DAC3283IRGZR Datasheet HTML 5Page - Texas Instruments DAC3283IRGZR Datasheet HTML 6Page - Texas Instruments DAC3283IRGZR Datasheet HTML 7Page - Texas Instruments DAC3283IRGZR Datasheet HTML 8Page - Texas Instruments DAC3283IRGZR Datasheet HTML 9Page - Texas Instruments DAC3283IRGZR Datasheet HTML 10Page - Texas Instruments DAC3283IRGZR Datasheet HTML 11Page - Texas Instruments DAC3283IRGZR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 50 page
background image
DAC3283
SLAS693A – MARCH 2010 – REVISED APRIL 2010
www.ti.com
ELECTRICAL CHARACTERISTICS – DIGITAL SPECIFICATIONS
over recommended operating free-air temperature range, nominal supplies, IOUTFS = 20 mA (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LVDS INTERFACE:D[7:0]P/N, DATACLKP/N, FRAMEP/N (1)
Byte-wide DDR format
fDATA
Input data rate
312.5
MSPS
DATACLK frequency = 625 MHz
fBUS
Byte-wide LVDS data transfer rate
1250
MSPS
VA,B+
Logic high differential input voltage threshold
150
400
mV
VA,B–
Logic low differential input voltage threshold
–150
–400
mV
VCOM
Input common mode
0.9
1.2
1.5
V
ZT
Internal termination
85
110
135
CL
LVDS Input capacitance
2
pF
TIMING LVDS INPUTS: DATACLKP/N DOUBLE EDGE LATCHING – See Figure 40
Setup time, D[7:0]P/N and FRAMEP/N, valid
FRAMEP/N latched on rising edge of
ts(DATA)
–25
ps
to either edge of DATACLKP/N
DATACLKP/N only
Hold time, D[7:0]P/N and FRAMEP/N, valid
FRAMEP/N latched on rising edge of
th(DATA)
375
ps
after either edge of DATACLKP/N
DATACLKP/N only
t(FRAME)
FRAMEP/N pulse width
fDATACLK is DATACLK frequency in MHz
1/2fDATACLK
ns
Maximum offset between DATACLKP/N and
FIFO bypass mode only fDACCLK is
1/2fDACCLK
t_align
ns
DACCLKP/N rising edges
DACCLK frequency in MHz
–0.55
CLOCK INPUT (DACCLKP/N)
Duty cycle
40%
60%
Differential voltage(2)
0.4
1.0
V
DACCLKP/N Input Frequency
800
MHz
OUTPUT STROBE (OSTRP/N)
fOSTR = fDACCLK / (n × 8 × Interp) where n is
fDACCLK / (8
fOSTR
Frequency
any positive integer fDACCLK is DACCLK
x interp)
frequency in MHz
Duty cycle
40%
60%
Differential voltage
0.4
1.0
V
TIMING OSTRP/N INPUT: DACCLKP/N RISING EDGE LATCHING
Setup time, OSTRP/N valid to rising edge of
ts(OSTR)
200
ps
DACCLKP/N
Hold time, OSTRP/N valid after rising edge
th(OSTR)
200
ps
of DACCLKP/N
CMOS INTERFACE: ALARM_SDO, SDIO, SCLK, SDENB, TXENABLE
VIH
High-level input voltage
1.25
V
VIL
Low-level input voltage
0.54
V
IIH
High-level input current
–40
40
mA
IIL
Low-level input current
–40
40
mA
CI
CMOS input capacitance
2
pF
DIGVDD18
Iload = –100 mA
V
–0.2
VOH
ALARM_SDO, SDIO
0.8 x
Iload = –2mA
V
DIGVDD18
Iload = 100 mA
0.2
V
VOL
ALARM_SDO, SDIO
Iload = 2 mA
0.5
V
SERIAL PORT TIMING – See Figure 32 and Figure 33
ts(SDENB)
Setup time, SDENB to rising edge of SCLK
20
ns
Setup time, SDIO valid to rising edge of
ts(SDIO)
10
ns
SCLK
th(SDIO)
Hold time, SDIO valid to rising edge of SCLK
5
ns
Register CONFIG5 read (temperature
1
ms
sensor read)
t(SCLK)
Period of SCLK
All other registers
100
ns
(1)
See LVDS INPUTS section for terminology.
(2)
Driving the clock input with a differential voltage lower than 1V will result in degraded performance.
8
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): DAC3283


Similar Part No. - DAC3283IRGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC3283 TI-DAC3283 Datasheet
484Kb / 49P
[Old version datasheet]   Wideband Transmit-Receive Digital Signal Processors
DAC3283 TI1-DAC3283 Datasheet
1Mb / 63P
[Old version datasheet]   Dual-Channel, 16-Bit, 800 MSPS, Digital-to-Analog Converter (DAC)
DAC3283 TI1-DAC3283_14 Datasheet
1Mb / 63P
[Old version datasheet]   Dual-Channel, 16-Bit, 800 MSPS, Digital-to-Analog Converter (DAC)
DAC3283 TI-DAC3283_15 Datasheet
1Mb / 67P
[Old version datasheet]   DAC3283 Dual-Channel, 16-Bit, 800 MSPS, Digital-to-Analog Converter (DAC)
More results

Similar Description - DAC3283IRGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC3283 TI1-DAC3283_14 Datasheet
1Mb / 63P
[Old version datasheet]   Dual-Channel, 16-Bit, 800 MSPS, Digital-to-Analog Converter (DAC)
DAC3283 TI-DAC3283_15 Datasheet
1Mb / 67P
[Old version datasheet]   DAC3283 Dual-Channel, 16-Bit, 800 MSPS, Digital-to-Analog Converter (DAC)
DAC5688 TI-DAC5688_10 Datasheet
1Mb / 55P
[Old version datasheet]   DUAL-CHANNEL, 16-BIT, 800 MSPS, 2x-8x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5689 TI-DAC5689 Datasheet
1Mb / 48P
[Old version datasheet]   16-BIT 800 MSPS 2x-8x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5689 TI-DAC5689_15 Datasheet
1Mb / 50P
[Old version datasheet]   16-BIT, 800 MSPS 2x??x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5688 TI1-DAC5688_14 Datasheet
1Mb / 57P
[Old version datasheet]   DUAL-CHANNEL, 16-BIT, 800 MSPS, 2x??x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5688 TI-DAC5688 Datasheet
1Mb / 47P
[Old version datasheet]   16-BIT, 800 MSPS 2x-8x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5688 TI-DAC5688_15 Datasheet
1Mb / 56P
[Old version datasheet]   DUAL-CHANNEL, 16-BIT, 800 MSPS, 2x??x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5687IPZPR TI-DAC5687IPZPR Datasheet
2Mb / 79P
[Old version datasheet]   16-BIT, 500 MSPS 2?? INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC3282 TI-DAC3282 Datasheet
1Mb / 49P
[Old version datasheet]   16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com