Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RMG100GPD0R1 Datasheet(PDF) 2 Page - Token Electronics Industry Co., Ltd.

Part # RMG100GPD0R1
Description  RMG100 TO-247 Power Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

RMG100GPD0R1 Datasheet(HTML) 2 Page - Token Electronics Industry Co., Ltd.

  RMG100GPD0R1 Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. RMG100GPD0R1 Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. RMG100GPD0R1 Datasheet HTML 3Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
02 of 03
RMG100 TO-247 Power Resistors
Dimensions (Unit: mm)
Electrical Characteristics Specifications
Power Derating Curve
W
D1
T
T1
T2
C
D
R
Type
W
H
T
T1
T2
B
B1
C
D
D1
G
R
RMG100
15.49
~
16.01
20.44
~
20.96
4.69
~
5.21
0.55
~
1.07
2.15
~
2.67
13.21
~
15.75
2.03
~
3.55
9.90
~
10.42
1.42
~
1.62
3.45
~
3.81
5.07
~
5.59
3.53
~
3.73
Resistance Range
Resistance Tolerance
TCR(PPM/°C)
0.1Ω~1Ω
±5%
±10%
-
>1Ω~3Ω
±1%
±300
>3Ω~10Ω
±1%
±5%
±10%
±100
±200
>10Ω~10KΩ
±1%
±5%
±10%
±50
±100
±200
Note: Operating Voltage: 350V Max. Dielectric Strength: 1800V AC.
Insulation Resistance: 10GΩ min. Working Temperature Range: -65°C to +175°C.
100
80
60
40
20
0
25
50
75
150
125
100
0
175
Derating Curve
Version 2010
http://www.token.com.tw/
rfq token.com.tw
TOKEN


Similar Part No. - RMG100GPD0R1

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
RMG1C1.5 BELDEN-RMG1C1.5 Datasheet
140Kb / 2P
   RailTuff™ Medium wall cable 1800V 1 C 1.5 mm² Str TC,XLPO Ins
11-27-2023
RMG1C10 BELDEN-RMG1C10 Datasheet
139Kb / 2P
   RailTuff™ Medium wall cable 1800V 1 C 10 mm² Str TC,XLPO Ins
11-27-2023
RMG1C120 BELDEN-RMG1C120 Datasheet
140Kb / 2P
   RailTuff™ Medium wall cable 1800V 1 C 120 mm² Str TC,XLPO Ins
11-27-2023
RMG1C150 BELDEN-RMG1C150 Datasheet
142Kb / 2P
   RailTuff™ Medium wall cable 1800V 1 C 150 mm² Str TC,XLPO Ins
11-27-2023
RMG1C16 BELDEN-RMG1C16 Datasheet
140Kb / 2P
   RailTuff™ Medium wall cable 1800V 1 C 16 mm² Str TC,XLPO Ins
11-27-2023
More results

Similar Description - RMG100GPD0R1

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
PF2470 RIEDON-PF2470_16 Datasheet
239Kb / 3P
   TO-247 Power Film Resistors
PF2472-0R05J1 RIEDON-PF2472-0R05J1 Datasheet
226Kb / 3P
   TO-247 Power Film Resistors
PF2472-30RF1 RIEDON-PF2472-30RF1 Datasheet
226Kb / 3P
   TO-247 Power Film Resistors
PF2470 RIEDON-PF2470 Datasheet
222Kb / 2P
   TO-247 Power Film Resistors
PF2472-15RF1 RIEDON-PF2472-15RF1 Datasheet
226Kb / 3P
   TO-247 Power Film Resistors
PF2472-0R2F1 RIEDON-PF2472-0R2F1 Datasheet
226Kb / 3P
   TO-247 Power Film Resistors
logo
Bi technologies
MHP140 BITECH-MHP140 Datasheet
909Kb / 2P
   140W TO-247 HIGH POWER RESISTORS
logo
Riedon Powertron
PF2470 RIEDON-PF2470_13 Datasheet
206Kb / 2P
   TO-247 Power Thin Film Resistors
logo
List of Unclassifed Man...
MHP100 ETC1-MHP100 Datasheet
876Kb / 2P
   100W TO-247 HIGH POWER RESISTORS
logo
Ohmite Mfg. Co.
AP101 OHMITE-AP101_15 Datasheet
338Kb / 2P
   100W TO-247 High Power Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com