Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

bq24079TRGTR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # bq24079TRGTR
Description  1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

bq24079TRGTR Datasheet(HTML) 3 Page - Texas Instruments

  bq24079TRGTR Datasheet HTML 1Page - Texas Instruments bq24079TRGTR Datasheet HTML 2Page - Texas Instruments bq24079TRGTR Datasheet HTML 3Page - Texas Instruments bq24079TRGTR Datasheet HTML 4Page - Texas Instruments bq24079TRGTR Datasheet HTML 5Page - Texas Instruments bq24079TRGTR Datasheet HTML 6Page - Texas Instruments bq24079TRGTR Datasheet HTML 7Page - Texas Instruments bq24079TRGTR Datasheet HTML 8Page - Texas Instruments bq24079TRGTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
bq24072T
bq24075T, bq24079T
www.ti.com
SLUS937A – DECEMBER 2009 – REVISED APRIL 2010
ABSOLUTE MAXIMUM RATINGS
(1) (2)
over operating free-air temperature range (unless otherwise noted)
VALUE / UNIT
IN (with respect to VSS)
–0.3 to 28 V
BAT (with respect to VSS)
–0.3V to 5V
Input voltage
OUT, EN1, EN2, CE, TS, ISET, PGOOD, CHG, ILIM, VREF, ITERM, SYSOFF, TD
–0.3 TO 7 V
(with respect to VSS)
Input current
IN
1.6 A
OUT
5A
Output current
BAT (Discharge mode)
5A
(Continuous)
BAT (Charging mode)
1.5A
Output sink current
CHG, PGOOD
15 mA
Junction temperature, TJ
–40°C to 150°C
Storage temperature, TSTG
–65°C to 150°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The IC operational charging life is reduced to 20,000 hours, when charging at 1.5A and 125°C. The thermal regulation feature reduces
charge current if the IC’s junction temperature reaches 125°C; thus without a good thermal design the maximum programmed charge
current may not be reached.
DISSIPATION RATINGS
TA < 25°C
DERATING FACTOR
PACKAGE
RqJA
RqJC
POWER RATING
ABOVE TA = 25°C
QFN-16 RGT
39.47 °C/W
2.4°C/W
2.3 W
225 mW
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNITS
IN voltage range
4.35
26
V
VIN
IN operating voltage range
4.35
6.4
V
IIN
Input current, IN pin
1.5
A
IOUT
Current, OUT pin
4.5
A
IBAT
Current, BAT pin (Discharging)
4.5
A
ICHG
Current, BAT pin (Charging)
1.5(1)
A
TJ
Junction Temperature
0
125
°C
RILIM
Maximum input current programming resistor
1.07
7.5
k
RISET
Fast-charge current programming resistor(2)
590
3000
RITERM
Termination current programming resistor
0
15
k
RTMR
Timer programming resistor
18
72
k
(1)
The IC operational charging life is reduced to 20,000 hours, when charging at 1.5A and 125°C. The thermal regulation feature reduces
charge current if the IC’s junction temperature reaches 125°C; thus without a good thermal design the maximum programmed charge
current may not be reached.
(2)
Use a 1% tolerance resistor RISET to avoid issues with the RISET short test when using the maximum charge current setting.
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): bq24072T bq24075T bq24079T


Similar Part No. - bq24079TRGTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
bq24079TRGTR TI-bq24079TRGTR Datasheet
2Mb / 29P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
BQ24079TRGTR TI-BQ24079TRGTR Datasheet
2Mb / 34P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
BQ24079TRGTR TI-BQ24079TRGTR Datasheet
2Mb / 36P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
More results

Similar Description - bq24079TRGTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24072T TI-BQ24072T_2 Datasheet
2Mb / 36P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
BQ24072 TI-BQ24072_10 Datasheet
2Mb / 42P
[Old version datasheet]   1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24072T TI-BQ24072T_1 Datasheet
2Mb / 34P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
BQ24072 TI-BQ24072 Datasheet
2Mb / 38P
[Old version datasheet]   1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24075T TI-BQ24075T Datasheet
2Mb / 29P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
BQ24079 TI-BQ24079 Datasheet
2Mb / 39P
[Old version datasheet]   1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24075-Q1 TI1-BQ24075-Q1 Datasheet
2Mb / 36P
[Old version datasheet]   1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24072 TI-BQ24072 Datasheet
1Mb / 31P
[Old version datasheet]   1.2A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24230 TI-BQ24230 Datasheet
1Mb / 33P
[Old version datasheet]   USB-FRIENDLY LITHIUM-ION BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24232H TI1-BQ24232H Datasheet
1Mb / 37P
[Old version datasheet]   USB-Friendly Lithium-Ion Battery Charger and Power-Path Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com