Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPUD5011-101M Datasheet(PDF) 1 Page - Token Electronics Industry Co., Ltd.

Part # TPUD5011-101M
Description  TPUD Wire-wound Power Inductor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TPUD5011-101M Datasheet(HTML) 1 Page - Token Electronics Industry Co., Ltd.

  TPUD5011-101M Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TPUD5011-101M Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TPUD5011-101M Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TPUD5011-101M Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TPUD5011-101M Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TPUD5011-101M Datasheet HTML 6Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
01 of 06
Version 2010
SMT Unshielded
Wire-wound
Power Inductor
TPUD Wire-wound Power Inductor
SMT Unshielded Wire-wound Power Inductors
Compact Low Profile to 0.8 mm (TPUD)
Preview
Token TPUD wire-wound series are designed for the smallest possible size and high performance with high
energy storage and very low resistance. Those devices are ideal power inductors for notebook, DC-DC converter,
digital camera and scanner, LCD Driver, and CD-Rom.
Utilize open Magnetic circuit construction and advance winding technology in manufacturing low profile
TPUD series. The maximum height of TPUD4006/4008 is only 0.8/1.0 mm, TPUD4011/4013 1.2/1.45 mm, and
TPUD5011/5013 1.2/1.5 mm.
The performance of the power components directly affects the overall efficiency of the supply in DC-DC
converters and power supplies, so it is of vital importance. The TPUD5013 features low DC resistance, down
to 0.081 ohm, and high rated current; up to 1.25 A is supported. Depending on version, the inductance values of
these surface mount inductors range from 2.2 uH to 100 uH.
Token power inductors unshielded (TPUD) series conform to the RoHS directive and Lead-free. Custom parts
are available for tighter tolerances on request. Application of specific designs also available including different
inductance and frequency specifications adjusted to requirements. Please contact our sales for more information.
Features :
- Open Magnetic circuit construction.
- Low Profile.
Applications :
- LCD Driver, Cellular Phone.
- Small DC/DC Converter.
- Transformers.
TOKEN
http://www.token.com.tw/
rfq token.com.tw


Similar Part No. - TPUD5011-101M

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
TPU104 TOKEN-TPU104 Datasheet
496Kb / 16P
   TPUA SMT Power Inductors
TPU105 TOKEN-TPU105 Datasheet
496Kb / 16P
   TPUA SMT Power Inductors
TPU106 TOKEN-TPU106 Datasheet
496Kb / 16P
   TPUA SMT Power Inductors
TPU1608DF TOKEN-TPU1608DF Datasheet
410Kb / 5P
   TPUDF Wire Wound Power Inductors
TPU1608DF-100M TOKEN-TPU1608DF-100M Datasheet
410Kb / 5P
   TPUDF Wire Wound Power Inductors
More results

Similar Description - TPUD5011-101M

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
SCWL252010R47YTFQ SOCAY-SCWL252010R47YTFQ Datasheet
510Kb / 4P
   Wire-wound Type Power Inductor
SCWL252010R47MTF SOCAY-SCWL252010R47MTF Datasheet
203Kb / 5P
   Wire-wound Type Power Inductor
SCWL201610R24MTF SOCAY-SCWL201610R24MTF Datasheet
213Kb / 5P
   Wire-wound Type Power Inductor
SCWL252012R47MTF SOCAY-SCWL252012R47MTF Datasheet
204Kb / 5P
   Wire-wound Type Power Inductor
SCWL252012R47YTFQ SOCAY-SCWL252012R47YTFQ Datasheet
510Kb / 6P
   Wire-wound Type Power Inductor
logo
Superworld Electronics
SDI453226 SUPERWORLD-SDI453226_15 Datasheet
202Kb / 5P
   Wire Wound Inductor
WI565050 SUPERWORLD-WI565050_15 Datasheet
253Kb / 5P
   Wire Wound Inductor
WI453232 SUPERWORLD-WI453232_15 Datasheet
263Kb / 5P
   Wire Wound Inductor
WI322522 SUPERWORLD-WI322522_15 Datasheet
260Kb / 5P
   Wire Wound Inductor
HWI453232 SUPERWORLD-HWI453232_15 Datasheet
238Kb / 4P
   Wire Wound Inductor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com