Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

bq24640RVAR Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # bq24640RVAR
Description  High-Efficiency Synchronous Switch-Mode Super Capacitor Charger
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

bq24640RVAR Datasheet(HTML) 20 Page - Texas Instruments

Back Button bq24640RVAR Datasheet HTML 16Page - Texas Instruments bq24640RVAR Datasheet HTML 17Page - Texas Instruments bq24640RVAR Datasheet HTML 18Page - Texas Instruments bq24640RVAR Datasheet HTML 19Page - Texas Instruments bq24640RVAR Datasheet HTML 20Page - Texas Instruments bq24640RVAR Datasheet HTML 21Page - Texas Instruments bq24640RVAR Datasheet HTML 22Page - Texas Instruments bq24640RVAR Datasheet HTML 23Page - Texas Instruments bq24640RVAR Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
Adapter
Connector
R1(2010)
2 W
D1
C1
2.2 F
m
R2(1206)
4.7-30 W
C2
0.1-1 F
m
VCCpin
bq24640
SLUSA44 – MARCH 2010
www.ti.com
A cost effective and small size solution is shown in Figure 13. The R1 and C1 are composed of a damping RC
network to damp the hot plug-in oscillation. As a result the over voltage spike is limited to a safe level. D1 is used
for reverse voltage protection for VCC pin. C2 is VCC pin decoupling capacitor and it should be place to VCC pin
as close as possible. The R2 and C2 form a damping RC network to further protect the IC from high dv/dt and
high voltage spike. C2 value should be less than C1 value so R1 can dominant the equivalent ESR value to get
enough damping effect for hot plug-in. R1 and R2 package must be sized enough to handle inrush current power
loss according to resistor manufacturer’s datasheet. The filter components value always need to be verified with
real application and minor adjustments may need to fit in the real application circuit.
Figure 13. Input Filter
PCB LAYOUT
The switching node rise and fall times should be minimized for minimum switching loss. Proper layout of the
components to minimize high frequency current path loop (see Figure 14) is important to prevent electrical and
magnetic field radiation and high frequency resonant problems. Here is a PCB layout priority list for proper
layout. Layout PCB according to this specific order is essential.
1. Place input capacitor as close as possible to switching MOSFET’s supply and ground connections and use
shortest copper trace connection. These parts should be placed on the same layer of PCB instead of on
different layers and using vias to make this connection.
2. The IC should be placed close to the switching MOSFET’s gate terminals and keep the gate drive signal
traces short for a clean MOSFET drive. The IC can be placed on the other side of the PCB of switching
MOSFETs.
3. Place inductor input terminal to switching MOSFET’s output terminal as close as possible. Minimize the
copper area of this trace to lower electrical and magnetic field radiation but make the trace wide enough to
carry the charging current. Do not use multiple layers in parallel for this connection. Minimize parasitic
capacitance from this area to any other trace or plane.
4. The charging current sensing resistor should be placed right next to the inductor output. Route the sense
leads connected across the sensing resistor back to the IC in same layer, close to each other (minimize loop
area) and do not route the sense leads through a high-current path (see Figure 14 for Kelvin connection for
best current accuracy). Place decoupling capacitor on these traces next to the IC.
5. Place output capacitor next to the sensing resistor output and ground.
6. Output capacitor ground connections need to be tied to the same copper that connects to the input capacitor
ground before connecting to system ground.
7. Route analog ground separately from power ground and use single ground connection to tie charger power
ground to charger analog ground. Just beneath the IC use analog ground copper pour but avoid power pins
to reduce inductive and capacitive noise coupling. Connect analog ground to GND pin. using PowerPAD as
the single ground connection point to connect analog ground and power ground together. Or using a 0
Ω
resistor to tie analog ground to power ground (PowerPAD should tie to analog ground in this case). A
star-connection under PowerPAD is highly recommended.
8. It is critical that the exposed PowerPAD on the backside of the IC package be soldered to the PCB ground.
Ensure that there are sufficient thermal vias directly under the IC, connecting to the ground plane on the
other layers.
9. Decoupling capacitors should be placed next to the IC pins and make trace connection as short as possible.
10. All via size and number should be enough for a given current path.
20
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): bq24640


Similar Part No. - bq24640RVAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24600 TI-BQ24600 Datasheet
1Mb / 29P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with Low Iq
BQ24600 TI-BQ24600 Datasheet
1Mb / 31P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with Low Iq
bq24600RVAR TI-bq24600RVAR Datasheet
1Mb / 29P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with Low Iq
BQ24600RVAR TI-BQ24600RVAR Datasheet
1Mb / 31P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with Low Iq
bq24600RVAT TI-bq24600RVAT Datasheet
1Mb / 29P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with Low Iq
More results

Similar Description - bq24640RVAR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3808 AD-ADP3808 Datasheet
414Kb / 16P
   High Efficiency Switch Mode Li-Ion Battery Charger
REV. 0
logo
ON Semiconductor
ADP3808A ONSEMI-ADP3808A Datasheet
210Kb / 15P
   High Efficiency Switch Mode Li-Ion Battery Charger
January, 2009 ??Rev. 1
logo
Anpec Electronics Corop...
APW7262 ANPEC-APW7262 Datasheet
799Kb / 41P
   3MHz Synchronous Switch-Mode Battery Charger
logo
Silicon Mitus, Inc.
SM5451 SILICONMITUS-SM5451 Datasheet
733Kb / 2P
   A Very High Efficiency Switched Capacitor 6A Charger with Quadruple Mode
May 2021 Rev. 1.0.0
SM5470 SILICONMITUS-SM5470 Datasheet
881Kb / 2P
   A Very High Efficiency Switched Capacitor 6A Charger with Bypass Mode
July 2021 Rev. 0.0.0
logo
Richtek Technology Corp...
RT9535B RICHTEK-RT9535B Datasheet
1Mb / 18P
   High Efficiency Switching Mode Battery Charger
logo
Rohm
BU1840AMUV-E ROHM-BU1840AMUV-E Datasheet
710Kb / 17P
   For 2Cell Solar,Synchronous Switch-Mode Charger IC
BU1840AMUV ROHM-BU1840AMUV Datasheet
710Kb / 17P
   For 2Cell Solar, Synchronous Switch-Mode Charger IC
logo
Monolithic Power System...
MP26075 MPS-MP26075 Datasheet
306Kb / 12P
   High Efficiency Cradle Charger
logo
JILIN SINO-MICROELECTRO...
JCS1HN65C JSMC-JCS1HN65C Datasheet
422Kb / 9P
   High efficiency switch mode power supplies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com