Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADXRS624WBBGZ-RL Datasheet(PDF) 1 Page - Analog Devices

Part # ADXRS624WBBGZ-RL
Description  짹50째/s Yaw Rate Gyro
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXRS624WBBGZ-RL Datasheet(HTML) 1 Page - Analog Devices

  ADXRS624WBBGZ-RL Datasheet HTML 1Page - Analog Devices ADXRS624WBBGZ-RL Datasheet HTML 2Page - Analog Devices ADXRS624WBBGZ-RL Datasheet HTML 3Page - Analog Devices ADXRS624WBBGZ-RL Datasheet HTML 4Page - Analog Devices ADXRS624WBBGZ-RL Datasheet HTML 5Page - Analog Devices ADXRS624WBBGZ-RL Datasheet HTML 6Page - Analog Devices ADXRS624WBBGZ-RL Datasheet HTML 7Page - Analog Devices ADXRS624WBBGZ-RL Datasheet HTML 8Page - Analog Devices ADXRS624WBBGZ-RL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
±50°/s Yaw Rate Gyro
ADXRS624
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2010 Analog Devices, Inc. All rights reserved.
FEATURES
Complete rate gyroscope on a single chip
Z-axis (yaw rate) response
High vibration rejection over wide frequency
2000 g powered shock survivability
Ratiometric to referenced supply
5 V single-supply operation
105°C operation
Self-test on digital command
Ultrasmall and light (<0.15 cc, <0.5 gram)
Temperature sensor output
RoHS compliant
Qualified for automotive applications
APPLICATIONS
Navigation systems
Inertial measurement units
Platform stabilization
Robotics
GENERAL DESCRIPTION
The ADXRS624 is a complete angular rate sensor (gyroscope)
that uses the Analog Devices, Inc., surface-micromachining
process to create a functionally complete and low cost angular
rate sensor integrated with all required electronics on one chip.
The manufacturing technique for this device is the same high
volume BiMOS process used for high reliability automotive
airbag accelerometers.
The output signal, RATEOUT (1B, 2A), is a voltage proportional
to angular rate about the axis normal to the top surface of the
package. The output is ratiometric with respect to a provided
reference supply. A single external resistor between SUMJ and
RATEOUT can be used to lower the scale factor. An external
capacitor sets the bandwidth. Other external capacitors are
required for operation.
A temperature output is provided for compensation techniques.
Two digital self-test inputs electromechanically excite the sensor
to test proper operation of both the sensor and the signal
conditioning circuits. The ADXRS624 is available in a 7 mm ×
7 mm × 3 mm BGA chip scale package.
FUNCTIONAL BLOCK DIAGRAM
VDD
AGND
PGND
AVCC
ST2
ST1
TEMP
VRATIO
CP1
CP2
CP3
CP4
CP5
SUMJ
RATEOUT
DEMOD
200k
Ω ±5%
22nF
100nF
22nF
100nF
100nF
100nF
DRIVE
AMP
MECHANICAL
SENSOR
CHARGE PUMP
AND VOLTAGE
REGULATOR
COUT
+5V
+5V
+5V
(ADC REF)
AC
AMP
VGA
25k
AT 25°C
ADXRS624
25k
SELF-TEST
Figure 1. ADXRS624 Block Diagram
ADXRS624


Similar Part No. - ADXRS624WBBGZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXRS624WBBGZ-RL AD-ADXRS624WBBGZ-RL Datasheet
547Kb / 12P
   50,-50/s Yaw Rate Gyro
REV. A
More results

Similar Description - ADXRS624WBBGZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXRS614 AD-ADXRS614 Datasheet
746Kb / 12P
   짹50째/s Yaw Rate Gyro
REV. 0
ADXRS614 AD-ADXRS614_15 Datasheet
550Kb / 12P
   50/s Yaw Rate Gyro
ADXRS624BBGZ AD-ADXRS624BBGZ Datasheet
547Kb / 12P
   50,-50/s Yaw Rate Gyro
REV. A
ADXRS642 AD-ADXRS642 Datasheet
200Kb / 10P
   Vibration Rejecting 짹250째/s Yaw Rate Gyro
Rev. Pr A
ADXRS610 AD-ADXRS610 Datasheet
714Kb / 12P
   짹300째/sec Yaw Rate Gyro
REV. 0
ADXRS612 AD-ADXRS612 Datasheet
1Mb / 12P
   짹250째/sec Yaw Rate Gyro
REV. 0
ADXRS620 AD-ADXRS620 Datasheet
558Kb / 12P
   짹300째/sec Yaw Rate Gyro
REV. 0
ADXRS610 AD-ADXRS610_15 Datasheet
546Kb / 12P
   300/sec Yaw Rate Gyro
ADXRS620BBGZ AD-ADXRS620BBGZ Datasheet
527Kb / 12P
   짹300째/sec Yaw Rate Gyro
REV. B
ADXRS652 AD-ADXRS652 Datasheet
329Kb / 12P
   짹250째/sec Yaw Rate Gyro
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com