Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPSH0302-470M Datasheet(PDF) 8 Page - Token Electronics Industry Co., Ltd.

Part # TPSH0302-470M
Description  TPSH SMT Low Profile Power Inductors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TPSH0302-470M Datasheet(HTML) 8 Page - Token Electronics Industry Co., Ltd.

Back Button TPSH0302-470M Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TPSH0302-470M Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TPSH0302-470M Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TPSH0302-470M Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. TPSH0302-470M Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. TPSH0302-470M Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. TPSH0302-470M Datasheet HTML 10Page - Token Electronics Industry Co., Ltd. TPSH0302-470M Datasheet HTML 11Page - Token Electronics Industry Co., Ltd. TPSH0302-470M Datasheet HTML 12Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
08 of 14
TPSH0503 Low Profile Power Inductors
Version 2010
(TPSH0503) Electrical Characteristics
Part Number
Inductance (µH)
Test Freq. (KHz)
DCR (Ω) (max)
IDC (A) (max)
TPSH0503 - 1R0N
1.0
100
0.015
4.00
TPSH0503 - 1R2N
1.2
100
0.022
3.80
TPSH0503 - 2R0N
2.0
100
0.027
2.92
TPSH0503 - 2R2N
2.2
100
0.029
2.41
TPSH0503 - 3R3N
3.3
100
0.034
2.36
TPSH0503 - 4R7N
4.7
100
0.045
1.87
TPSH0503 - 5R6N
5.6
100
0.052
1.60
TPSH0503 - 6R8N
6.8
100
0.068
1.51
TPSH0503 - 100M
10
100
0.090
1.33
TPSH0503 - 150M
15
100
0.142
1.05
TPSH0503 - 220M
22
100
0.208
0.86
TPSH0503 - 330M
33
100
0.257
0.72
TPSH0503 - 470M
47
100
0.352
0.62
TPSH0503 - 680M
68
100
0.525
0.51
TPSH0503 - 101M
100
1
0.80
0.43
TPSH0503 - 121M
120
1
0.85
0.34
TPSH0503 - 151M
150
1
1.10
0.26
TPSH0503 - 181M
180
1
1.19
0.24
TPSH0503 - 221M
220
1
1.53
0.20
TPSH0503 - 331M
330
1
2.03
0.19
TPSH0503 - 391M
390
1
3.00
0.16
TPSH0503 - 471M
470
1
3.50
0.15
TPSH0503 - 561M
560
1
3.08
0.14
Note: 1.0 ~ 82µH Test Freq.: 100KHz/0.25V; 100 ~ 560µH Test Freq.: 1KHz / 0.3V.
IDC: The current when the inductance becomes 35% lower than its nominal value.(ta=20°C).
TOKEN
http://www.token.com.tw/
rfq token.com.tw


Similar Part No. - TPSH0302-470M

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPS TOPPOWER-TPS Datasheet
605Kb / 3P
   2W 6KVDC Isolated Dual Output DC/DC Converters
logo
AVX Corporation
TPS AVX-TPS Datasheet
1Mb / 13P
   Low ESR
logo
Eaton All Rights Reserv...
TPS EATON-TPS Datasheet
865Kb / 4P
   TPS DC non-indicating power distribution fuses
logo
Toppower Electronic Tec...
TPS TOPPOWER-TPS Datasheet
734Kb / 3P
   2W 6KVDC Isolated Dual Output DC/DC Converters
logo
Transko Electronics, In...
TPS TRANSKO-TPS Datasheet
411Kb / 1P
   FR-4 SMD LVPECL OUTPUT OSCILLATOR (14.3 x 8.7 x 5.5mm)
Rev.2: Nov. 2014
More results

Similar Description - TPSH0302-470M

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SPA252010HFR16M SUPERWORLD-SPA252010HFR16M Datasheet
307Kb / 8P
   Low Profile Power Inductors
SPS6045N1R0YF SUPERWORLD-SPS6045N1R0YF Datasheet
1Mb / 7P
   LOW PROFILE POWER INDUCTORS
L252010SFR24MA SUPERWORLD-L252010SFR24MA Datasheet
518Kb / 5P
   Low Profile Power Inductors
logo
ice Components, Ins.
LP01 ICE-LP01 Datasheet
257Kb / 1P
   Low Profile Power Inductors
logo
Superworld Electronics
SPS4012FT SUPERWORLD-SPS4012FT Datasheet
694Kb / 9P
   Low Profile Power Inductors
SPS3012FT SUPERWORLD-SPS3012FT Datasheet
254Kb / 5P
   Low Profile Power Inductors
SPS3020FT SUPERWORLD-SPS3020FT Datasheet
248Kb / 5P
   Low Profile Power Inductors
logo
Cooper Bussmann, Inc.
DR1040-1R5-R COOPER-DR1040-1R5-R Datasheet
175Kb / 3P
   Low Profile Power Inductors
logo
Superworld Electronics
SPS5012FTR47N SUPERWORLD-SPS5012FTR47N Datasheet
303Kb / 8P
   Low Profile Power Inductors
SPC4018FT-R56NZF SUPERWORLD-SPC4018FT-R56NZF Datasheet
848Kb / 7P
   Low Profile Power Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com