Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPSH0302-1R8N Datasheet(PDF) 2 Page - Token Electronics Industry Co., Ltd.

Part # TPSH0302-1R8N
Description  TPSH SMT Low Profile Power Inductors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TPSH0302-1R8N Datasheet(HTML) 2 Page - Token Electronics Industry Co., Ltd.

  TPSH0302-1R8N Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TPSH0302-1R8N Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TPSH0302-1R8N Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TPSH0302-1R8N Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TPSH0302-1R8N Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TPSH0302-1R8N Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TPSH0302-1R8N Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. TPSH0302-1R8N Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. TPSH0302-1R8N Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
02 of 14
TPSH Low Profile Power Inductors
Dimensions & Configurations
Version 2010
Type
A
B
C
(Max)
D
(typ.)
E
(typ.)
F
(typ.)
G
H
(typ.)
I
(typ.)
J
(typ.)
TCSH0301
3.85 ± 0.30
3.85 ± 0.30
1.30
1.60
0.50
3.20
3.9 ± 0.2
4.55
1.90
3.0
TCSH0302
3.85 ± 0.30
3.85 ± 0.30
2.0
1.60
0.50
3.20
3.9 ± 0.2
4.55
1.90
3.0
TCSH0303
3.85 ± 0.30
3.85 ± 0.30
3.0
1.60
0.50
3.20
3.9 ± 0.2
4.55
1.90
3.0
TCSH0501
5.3Max
5.3Max
1.30
1.60
0.50
4.20
5.4 ± 0.4
5.7
1.90
3.9
TCSH0502
5.3Max
5.3Max
2.0
1.60
0.50
4.20
5.4 ± 0.4
5.7
1.90
3.9
TCSH0503
5.3Max
5.3Max
3.0
1.60
0.50
4.20
5.4 ± 0.4
5.7
1.90
3.9
TCSH0601
5.9 ± 0.2
5.9 ± 0.2
1.2
2.40
0.80
3.20
6.4 ± 0.3
6.5
2.70
4.4
TCSH06015 5.9 ± 0.2
5.9 ± 0.2
1.5
2.40
0.80
3.20
6.4 ± 0.3
6.5
2.70
4.4
TCSH0602
5.9 ± 0.2
5.9 ± 0.2
2.0
2.40
0.80
3.20
6.4 ± 0.3
6.5
2.70
4.4
TCSH06025 5.9 ± 0.2
5.9 ± 0.2
2.5
2.40
0.80
3.20
6.4 ± 0.3
6.5
2.70
4.4
TCSH0603
5.9 ± 0.2
5.9 ± 0.2
3.0
2.40
0.80
3.20
6.4 ± 0.3
6.5
2.70
4.4
Note: Design as Customer’s Requested Specifications.
I
C
B
A
H
XXX
J
G
E
D
F
I
E
Land Pattern
TOKEN
http://www.token.com.tw/
rfq token.com.tw


Similar Part No. - TPSH0302-1R8N

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPS TOPPOWER-TPS Datasheet
605Kb / 3P
   2W 6KVDC Isolated Dual Output DC/DC Converters
logo
AVX Corporation
TPS AVX-TPS Datasheet
1Mb / 13P
   Low ESR
logo
Eaton All Rights Reserv...
TPS EATON-TPS Datasheet
865Kb / 4P
   TPS DC non-indicating power distribution fuses
logo
Toppower Electronic Tec...
TPS TOPPOWER-TPS Datasheet
734Kb / 3P
   2W 6KVDC Isolated Dual Output DC/DC Converters
logo
Transko Electronics, In...
TPS TRANSKO-TPS Datasheet
411Kb / 1P
   FR-4 SMD LVPECL OUTPUT OSCILLATOR (14.3 x 8.7 x 5.5mm)
Rev.2: Nov. 2014
More results

Similar Description - TPSH0302-1R8N

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SPA252010HFR16M SUPERWORLD-SPA252010HFR16M Datasheet
307Kb / 8P
   Low Profile Power Inductors
SPS6045N1R0YF SUPERWORLD-SPS6045N1R0YF Datasheet
1Mb / 7P
   LOW PROFILE POWER INDUCTORS
L252010SFR24MA SUPERWORLD-L252010SFR24MA Datasheet
518Kb / 5P
   Low Profile Power Inductors
logo
ice Components, Ins.
LP01 ICE-LP01 Datasheet
257Kb / 1P
   Low Profile Power Inductors
logo
Superworld Electronics
SPS4012FT SUPERWORLD-SPS4012FT Datasheet
694Kb / 9P
   Low Profile Power Inductors
SPS3012FT SUPERWORLD-SPS3012FT Datasheet
254Kb / 5P
   Low Profile Power Inductors
SPS3020FT SUPERWORLD-SPS3020FT Datasheet
248Kb / 5P
   Low Profile Power Inductors
logo
Cooper Bussmann, Inc.
DR1040-1R5-R COOPER-DR1040-1R5-R Datasheet
175Kb / 3P
   Low Profile Power Inductors
logo
Superworld Electronics
SPS5012FTR47N SUPERWORLD-SPS5012FTR47N Datasheet
303Kb / 8P
   Low Profile Power Inductors
SPC4018FT-R56NZF SUPERWORLD-SPC4018FT-R56NZF Datasheet
848Kb / 7P
   Low Profile Power Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com