Electronic Components Datasheet Search |
|
TPULF7045-3R9M Datasheet(PDF) 1 Page - Token Electronics Industry Co., Ltd. |
|
TPULF7045-3R9M Datasheet(HTML) 1 Page - Token Electronics Industry Co., Ltd. |
1 / 4 page 01 of 04 Version 2010 TPULF7032/7045 Power Inductors SMT Unshielded Power Inductors Cut Down On Resistance (TPULF7032/7045) Preview Token produces a wide and varied range of power inductors that are ideal for all portable applications. Other application areas include: telecommunications, consumer and industrial electronics. In order to handle high rated current, SMT power inductors must have a low ohmic resistance and minimal losses at high frequencies. Token TPULF7032/7045 surface mount unshielded series are designed for high-current with lowest DCR wire-wound inductors. With a footprint of 7.4 x 7.4 mm, the TPULF7032 version has an insertion height of 3.5 mm. Available inductance values for the new TPULF7032 are from 1.00 uH to 100.00 uH with rated current up to 2.88A. With inductance values from 1.00 uH to 1000.00 uH, the TPULF7045 has a rated current up to 2.8A. Thanks to its temperature stability, it can be used in ambient temperatures ranging from -40°C ~ +85°C. The power inductors are wound around a ferrite core and are particularly suitable for cost-critical mass applications thanks to their surface-mounting capability. These material saving power inductors are ideal for applications such as storage chokes in DC/DC convertors as well as in the EMC sector. Token TPULF7032/7045 series conform to the RoHS directive and Lead-free. Custom parts are available on request. Token will also produce devices outside these specifications to meet specific customer requirements, please contact our sales for more information. Features : - Low profile (3.5mm Height and 7.4mm Width max.) - High-Current Inductor with Lowest DCR. Applications : - Notebook, Portable communication equipments, DC/DC converters, etc.. TOKEN SMT Unshielded Power Inductors http://www.token.com.tw/ rfq token.com.tw |
Similar Part No. - TPULF7045-3R9M |
|
Similar Description - TPULF7045-3R9M |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |