Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADAU1401AWBSTZ-RL Datasheet(PDF) 10 Page - Analog Devices

Part # ADAU1401AWBSTZ-RL
Description  SigmaDSP 28-/56-Bit Audio Processor with Two ADCs and Four DACs
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1401AWBSTZ-RL Datasheet(HTML) 10 Page - Analog Devices

Back Button ADAU1401AWBSTZ-RL Datasheet HTML 6Page - Analog Devices ADAU1401AWBSTZ-RL Datasheet HTML 7Page - Analog Devices ADAU1401AWBSTZ-RL Datasheet HTML 8Page - Analog Devices ADAU1401AWBSTZ-RL Datasheet HTML 9Page - Analog Devices ADAU1401AWBSTZ-RL Datasheet HTML 10Page - Analog Devices ADAU1401AWBSTZ-RL Datasheet HTML 11Page - Analog Devices ADAU1401AWBSTZ-RL Datasheet HTML 12Page - Analog Devices ADAU1401AWBSTZ-RL Datasheet HTML 13Page - Analog Devices ADAU1401AWBSTZ-RL Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
ADAU1401A
Rev. 0 | Page 10 of 10
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
36
35
34
33
32
31
30
29
28
27
26
25
1
2
3
4
5
6
7
8
9
10
11
12
AVDD
PLL_LF
PVDD
PGND
MCLKI
OSCO
RSVD
MP2/SDATA_IN2/AUX_ADC1
MP3/SDATA_IN3/AUX_ADC2
MP8/SDATA_OUT2/AUX_ADC3
MP9/SDATA_OUT3/AUX_ADC0
DGND
AGND
ADC1
ADC_RES
ADC0
RESET
SELFBOOT
ADDR0
MP4/INPUT_LRCLK
MP5/INPUT_BCLK
MP1/SDATA_IN1
MP0/SDATA_IN0
DGND
13 14 15 16 17 18 19 20 21 22 23 24
48 47 46 45 44 43 42 41 40 39 38 37
ADAU1401A
TOP VIEW
(Not to Scale)
PIN 1
INDICATOR
Figure 7. 48-Lead LQFP Pin Configuration
Table 11. Pin Function Descriptions
Pin No.
Mnemonic
Type1
Description
1, 37, 42
AGND
PWR
Analog Ground Pin. The AGND, DGND, and PGND pins can be tied directly together in a
common ground plane. AGND should be decoupled to an AVDD pin with a 100 nF capacitor.
2
ADC1
A_IN
Analog Audio Input 1. Full-scale 100 μA rms input. The current input allows the input voltage
level to be scaled with an external resistor. An 18 kΩ resistor results in a 2 V rms full-scale input.
See the Audio ADCs section for details.
3
ADC_RES
A_IN
ADC Reference Current. The full-scale current of the ADCs can be set with an external 18 kΩ
resistor connected between this pin and ground. See the Audio ADCs section for details.
4
ADC0
A_IN
Analog Audio Input 0. Full-scale 100 μA rms input. The current input allows the input voltage
level to be scaled with an external resistor. An 18 kΩ resistor results in a 2 V rms full-scale input.
5
RESET
D_IN
Active Low Reset Input. Reset is triggered on a high-to-low edge, and the ADAU1401A exits
reset on a low-to-high edge. For more information about initialization, see the Power-Up
Sequence section for details.
6
SELFBOOT
D_IN
Enable/Disable Self-Boot. SELFBOOT selects control port (low) or self-boot (high). Setting
this pin high initiates a self-boot operation when the ADAU1401A is brought out of a reset.
This pin can be tied directly to the control voltage or pulled up/down with a resistor. See
the Self-Boot section.
7
ADDR0
D_IN
I2C and SPI Address 0. In combination with ADDR1, this pin allows up to four ADAU1401A
devices to be used on the same I2C bus or up to two ICs to be used with a common SPI
CLATCH signal. See the I2C Port section for details.
8
MP4/INPUT_LRCLK
D_IO
Multipurpose GPIO/Serial Input Port LRCLK. See the Multipurpose Pins section for more details.
9
MP5/INPUT_BCLK
D_IO
Multipurpose GPIO/Serial Input Port BCLK. See the Multipurpose Pins section for more details.
10
MP1/SDATA_IN1
D_IO
Multipurpose GPIO/Serial Input Port Data 1. See the Multipurpose Pins section for more details.
11
MP0/SDATA_IN0
D_IO
Multipurpose GPIO/Serial Input Port Data 0. See the Multipurpose Pins section for more details.
12, 25
DGND
PWR
Digital Ground Pin. The AGND, DGND, and PGND pins can be tied directly together in a
common ground plane. DGND should be decoupled to a DVDD pin with a 100 nF capacitor.
13, 24
DVDD
PWR
1.8 V Digital Supply. The input for this pin can be supplied either externally or generated
from a 3.3 V supply with the on-board 1.8 V regulator. DVDD should be decoupled to DGND
with a 100 nF capacitor.


Similar Part No. - ADAU1401AWBSTZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADAU1401AWBSTZ-RL AD-ADAU1401AWBSTZ-RL Datasheet
859Kb / 53P
   SigmaDSP 28-/56-Bit Audio Processor
More results

Similar Description - ADAU1401AWBSTZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADAU1401 AD-ADAU1401_15 Datasheet
903Kb / 52P
   SigmaDSP 28-/56-Bit Audio Processor with Two ADCs and Four DACs
REV. C
ADAU1401 AD-ADAU1401 Datasheet
1Mb / 52P
   SigmaDSP 28-/56-Bit Audio Processor with Two ADCs and Four DACs
REV. 0
ADAU1702 AD-ADAU1702 Datasheet
1Mb / 52P
   SigmaDSP 28-56-Bit Audio Processor with Two ADCs and Four DACs
REV. 0
ADAU1702 AD-ADAU1702_15 Datasheet
897Kb / 52P
   SigmaDSP 28-/56-Bit Audio Processor with Two ADCs and Four DACs
REV. C
ADAU1702 AD-ADAU1702_17 Datasheet
1Mb / 53P
   SigmaDSP 28-/56-Bit Audio Processor
ADAU1701 AD-ADAU1701_16 Datasheet
1Mb / 52P
   SigmaDSP 28-/56-Bit Audio Processor
ADAU1401A AD-ADAU1401A_17 Datasheet
859Kb / 53P
   SigmaDSP 28-/56-Bit Audio Processor
ADAU1701 AD-ADAU1701 Datasheet
624Kb / 43P
   SigmaDSP 28/56-Bit Audio Processor with 2ADC/4DAC
Rev. PrF
AD1940 AD-AD1940_15 Datasheet
421Kb / 36P
   SigmaDSP Multichannel 28-Bit Audio Processor
REV. B
AD1941 AD-AD1941_15 Datasheet
421Kb / 36P
   SigmaDSP Multichannel 28-Bit Audio Processor
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com