Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADA4320-1 Datasheet(PDF) 6 Page - Analog Devices

Part # ADA4320-1
Description  High Power, Low Distortion Upstream
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4320-1 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADA4320-1 Datasheet HTML 2Page - Analog Devices ADA4320-1 Datasheet HTML 3Page - Analog Devices ADA4320-1 Datasheet HTML 4Page - Analog Devices ADA4320-1 Datasheet HTML 5Page - Analog Devices ADA4320-1 Datasheet HTML 6Page - Analog Devices ADA4320-1 Datasheet HTML 7Page - Analog Devices ADA4320-1 Datasheet HTML 8Page - Analog Devices ADA4320-1 Datasheet HTML 9Page - Analog Devices ADA4320-1 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADA4320-1
Rev. 0 | Page 6 of 16
ABSOLUTE MAXIMUM RATINGS
MAXIMUM POWER DISSIPATION
Table 4.
Parameter
Rating
Supply Voltage
5.5 V
Maximum Power Dissipation
1.65 W
Storage Temperature Range
−65°C to +125°C
Operating Temperature Range
−40°C to +85°C
Lead Temperature (Soldering, 10 sec)
300°C
Junction Temperature
150°C
The maximum safe power dissipation in the ADA4320-1 package
is limited by the associated rise in junction temperature (TJ) on
the die. At approximately 150°C, which is the glass transition
temperature, the plastic changes its properties. Even temporarily
exceeding this temperature limit can change the stresses that
the package exerts on the die, permanently shifting the parametric
performance of the ADA4320-1. Exceeding a junction temperature
of 150°C for an extended time can result in changes in the silicon
devices, potentially causing failure.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Airflow increases heat dissipation, effectively reducing θJA. In
addition, more metal directly in contact with the package leads
from metal traces, through-holes, ground, and power planes,
reduces the θJA. The exposed paddle on the underside of the
package must be soldered to a pad on the PCB surface that is
thermally connected to a copper plane to achieve the specified θJA.
THERMAL RESISTANCE
θJA is specified for the device soldered to a high thermal
conductivity 4-layer (2s2p) circuit board, as described in
EIA/JESD 51-7.
ESD CAUTION
Table 5. Thermal Resistance
Package Type
θJA
θJC
Unit
24-lead LFCSP
31.2
5.7
°C/W


Similar Part No. - ADA4320-1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4302-4 AD-ADA4302-4 Datasheet
70Kb / 2P
   Active RF Splitter
Rev. Sp0
ADA4302-4 AD-ADA4302-4 Datasheet
231Kb / 12P
   Active RF Splitter
REV. B
ADA4302-4ACP-REEL AD-ADA4302-4ACP-REEL Datasheet
230Kb / 12P
   Active RF Splitter
REV. B
ADA4302-4ACP-RL7 AD-ADA4302-4ACP-RL7 Datasheet
230Kb / 12P
   Active RF Splitter
REV. B
ADA4302-4ACPZ-EBDI AD-ADA4302-4ACPZ-EBDI Datasheet
230Kb / 12P
   Active RF Splitter
REV. B
More results

Similar Description - ADA4320-1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4940-1 AD-ADA4940-1 Datasheet
926Kb / 32P
   Ultralow Power, Low Distortion
REV. B
logo
Texas Instruments
LM6171 TI1-LM6171 Datasheet
1Mb / 30P
[Old version datasheet]   High Speed Low Power Low Distortion Voltage Feedback Amplifier
logo
National Semiconductor ...
LM6171 NSC-LM6171 Datasheet
708Kb / 17P
   High Speed Low Power Low Distortion Voltage Feedback Amplifier
logo
Intersil Corporation
HFA1110883 INTERSIL-HFA1110883 Datasheet
104Kb / 13P
   750MHz, Low Distortion 750MHz, Low Distortion
logo
List of Unclassifed Man...
EFA060B-70 ETC-EFA060B-70 Datasheet
25Kb / 2P
   Low Distortion GaAs Power FET
EFA072A ETC-EFA072A Datasheet
43Kb / 2P
   Low Distortion GaAs Power FET
EFC120 ETC-EFC120 Datasheet
23Kb / 2P
   Low Distortion GaAs Power FET
logo
Excelics Semiconductor,...
EFA025A-100P EXCELICS-EFA025A-100P Datasheet
107Kb / 2P
   Low Distortion GaAs Power FET
logo
List of Unclassifed Man...
EFA080A-100F ETC1-EFA080A-100F Datasheet
33Kb / 2P
   Low Distortion GaAs Power FET
EFC060B ETC1-EFC060B Datasheet
27Kb / 2P
   Low Distortion GaAs Power FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com