Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPSLF7032 Datasheet(PDF) 2 Page - Token Electronics Industry Co., Ltd.

Part # TPSLF7032
Description  TPSLF Wirewound Power Inductors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TPSLF7032 Datasheet(HTML) 2 Page - Token Electronics Industry Co., Ltd.

  TPSLF7032 Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TPSLF7032 Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TPSLF7032 Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TPSLF7032 Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TPSLF7032 Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TPSLF7032 Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TPSLF7032 Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. TPSLF7032 Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. TPSLF7032 Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
02 of 10
(TPSLF6028, TPSLF7032, TPSLF7045, TPSLF10145) Dimensions & Configurations (Unit: mm)
(TPSLF12555, TPSLF12565, TPSLF12575) Dimensions & Configurations (Unit: mm)
A
B
TP
XXX
C
D
E
F
G
H
Land Pattern
Type
A(max)
B(max)
C(max)
D±0.2
E(max)
F
G
H
TPSLF6028
6.2
6.2
3.0
1.8
3.0
2.2
1.8
2.5
TPSLF7032
7.4
7.4
3.5
2.0
5.4
3.0
2.0
4.4
TPSLF7045
7.4
7.4
5.1
2.0
5.4
3.0
2.0
4.4
TPSLF10145
10.1
10.1
4.5
2.0
6.0
3.0
2.5
5.6
Note: Design as Customer’s Requested Specifications.
E
A
B
TC
XXX
C
D
G
Land Pattern
H
I
J
Type
A±0.3
B±0.3
C±0.3
D(Ref) E(Ref) F(Ref)
G(Ref)
H
I
J
TPSLF12555
12.5
12.5
5.5
0.1
3.0
8.3
2.0
3.2
2.5
8.6
TPSLF12565
12.5
12.5
6.5
0.1
3.0
8.3
2.0
3.2
2.5
8.6
TPSLF12575
12.5
12.5
7.5
0.1
3.0
8.3
2.0
3.2
2.5
8.6
Note: Design as Customer’s Requested Specifications.
TPSLF Wirewound Power Inductors
TOKEN
Version 2010
http://www.token.com.tw/
rfq token.com.tw


Similar Part No. - TPSLF7032

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPS TOPPOWER-TPS Datasheet
605Kb / 3P
   2W 6KVDC Isolated Dual Output DC/DC Converters
logo
AVX Corporation
TPS AVX-TPS Datasheet
1Mb / 13P
   Low ESR
logo
Eaton All Rights Reserv...
TPS EATON-TPS Datasheet
865Kb / 4P
   TPS DC non-indicating power distribution fuses
logo
Toppower Electronic Tec...
TPS TOPPOWER-TPS Datasheet
734Kb / 3P
   2W 6KVDC Isolated Dual Output DC/DC Converters
logo
Transko Electronics, In...
TPS TRANSKO-TPS Datasheet
411Kb / 1P
   FR-4 SMD LVPECL OUTPUT OSCILLATOR (14.3 x 8.7 x 5.5mm)
Rev.2: Nov. 2014
More results

Similar Description - TPSLF7032

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
TPU1813DHP TOKEN-TPU1813DHP Datasheet
403Kb / 4P
   TPUDHP Wirewound Power Inductors
logo
Pulse A Technitrol Comp...
PD0120NL PULSE-PD0120NL Datasheet
192Kb / 2P
   SMT POWER INDUCTORS Wirewound - PD0120NL Series
logo
TOKO, Inc
LLQ1608 TOKO-LLQ1608 Datasheet
377Kb / 2P
   Wirewound Chip Inductors
logo
Superworld Electronics
SCI0805HQ SUPERWORLD-SCI0805HQ_15 Datasheet
205Kb / 4P
   WIREWOUND CHIP INDUCTORS
SCI0805LP SUPERWORLD-SCI0805LP_15 Datasheet
206Kb / 4P
   WIREWOUND CHIP INDUCTORS
SDI565047 SUPERWORLD-SDI565047_15 Datasheet
126Kb / 4P
   WIREWOUND CHIP INDUCTORS
SCI0402S SUPERWORLD-SCI0402S Datasheet
278Kb / 7P
   WIREWOUND CHIP INDUCTORS
SCI0603S SUPERWORLD-SCI0603S Datasheet
279Kb / 7P
   WIREWOUND CHIP INDUCTORS
SDI321618 SUPERWORLD-SDI321618 Datasheet
304Kb / 7P
   WIREWOUND CHIP INDUCTORS
SCI0402S SUPERWORLD-SCI0402S_10 Datasheet
329Kb / 8P
   WIREWOUND CHIP INDUCTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com