Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPSDS126-120N Datasheet(PDF) 2 Page - Token Electronics Industry Co., Ltd.

Part # TPSDS126-120N
Description  TPSDS Low DCR Chip Power Inductors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TPSDS126-120N Datasheet(HTML) 2 Page - Token Electronics Industry Co., Ltd.

  TPSDS126-120N Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TPSDS126-120N Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TPSDS126-120N Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TPSDS126-120N Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TPSDS126-120N Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TPSDS126-120N Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TPSDS126-120N Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. TPSDS126-120N Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. TPSDS126-120N Datasheet HTML 9Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
02 of 09
Dimensions & Configurations
A
C
H
G
I
Land Pattern
TP
XXX
F
TC
XXX
B
E
D
Type
A(max)
B(max)
C(max)
D ± 0.2 E(max)
F
G
H
I
TPSDS0620
6.3
6.2
2.0
2.0
0.6
4.6
2.6
1.0
4.6
TPSDS0625
6.3
6.2
2.5
2.0
0.6
4.6
2.6
1.0
4.6
TPSDS0630
6.3
6.2
3.0
2.0
0.6
4.6
2.6
1.0
4.6
TPSDS0635
6.3
6.2
3.5
2.0
0.6
4.6
2.6
1.0
4.6
TPSDS104
10.4
10.3
4.8
3.0
2.0
6.0
3.6
2.65
5.4
TPSDS106
10.4
10.3
6.8
3.0
2.0
6.0
3.6
2.65
5.4
TPSDS126
12.8
12.6
6.8
3.0
2.0
8.5
3.6
2.60
7.9
Note: Design as Customer’s Requested Specifications.
(TPSDS0620) Electrical Characteristics
Part Number
Inductance (µH)
Test Freq. (KHz)
DCR (Ω) (max)
IDC (A) (max)
TPSDS0620 - 1R0N
1.00
100
0.022
3.50
TPSDS0620 - 1R5N
1.50
100
0.030
2.94
TPSDS0620 - 2R0N
2.00
100
0.040
2.47
TPSDS0620 - 3R3N
3.30
100
0.055
1.99
TPSDS0620 - 4R7N
4.70
100
0.070
1.59
TPSDS0620 - 6R2N
6.20
100
0.110
1.49
TPSDS0620 - 8R2N
8.20
100
0.140
1.25
TPSDS0620 - 100M
10.00
100
0.160
1.22
TPSDS0620 - 120M
12.00
100
0.200
0.99
TPSDS0620 - 150M
15.00
100
0.230
0.94
TPSDS0620 - 180M
18.00
100
0.260
0.83
TPSDS0620 - 220M
22.00
100
0.310
0.80
TPSDS0620 - 270M
27.00
100
0.390
0.65
TPSDS0620 - 330M
33.00
100
0.510
0.63
TPSDS0620 - 390M
39.00
100
0.570
0.55
TPSDS0620 - 470M
47.00
100
0.730
0.50
Note: Test Freq.: 100KHz / 0.1V.
Operating Temp.: -40°C ~ +85°C.
Inductance drop=30% typ. at IDC.
TPSDS Low DCR Chip Power Inductors
TOKEN
Version 2010
http://www.token.com.tw/
rfq token.com.tw


Similar Part No. - TPSDS126-120N

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TPSD106*025#0500 AVX-TPSD106*025#0500 Datasheet
199Kb / 16P
   Low ESR
TPSD106*025T0500V AVX-TPSD106*025T0500V Datasheet
199Kb / 16P
   Low ESR
TPSD106*035#0125 AVX-TPSD106*035#0125 Datasheet
199Kb / 16P
   Low ESR
TPSD106*035#0300 AVX-TPSD106*035#0300 Datasheet
199Kb / 16P
   Low ESR
TPSD106*035T0300V AVX-TPSD106*035T0300V Datasheet
199Kb / 16P
   Low ESR
More results

Similar Description - TPSDS126-120N

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
TPS1608DC TOKEN-TPS1608DC Datasheet
432Kb / 7P
   TPSDC Chip Low DCR Power Inductors
logo
RENCO ELECTRONICS, INC.
RL-1606 RENCO-RL-1606 Datasheet
404Kb / 2P
   LOW DCR/LOW PROFILE SMD POWER INDUCTORS
logo
Vishay Siliconix
IHLP-1616BZ-1A VISHAY-IHLP-1616BZ-1A Datasheet
231Kb / 4P
   Automotive Inductors, Low DCR
Revision: 12-Sep-17
IHLP-2020CZ-1A VISHAY-IHLP-2020CZ-1A Datasheet
315Kb / 6P
   Automotive Inductors, Low DCR
Revision: 12-Sep-17
IHLP-3232DZ-1A VISHAY-IHLP-3232DZ-1A Datasheet
344Kb / 6P
   Automotive Inductors, Low DCR
Revision: 12-Sep-17
IHLP-4040DZ-1A VISHAY-IHLP-4040DZ-1A_17 Datasheet
143Kb / 4P
   Automotive Inductors, Low DCR
Revision: 12-Sep-17
IHLM2525CZERR10M06 VISHAY-IHLM2525CZERR10M06 Datasheet
117Kb / 4P
   10 % DCR Tolerance, Low Profile, Power Inductors
Revision: 12-May-09
logo
RENCO ELECTRONICS, INC.
RL-7485-2 RENCO-RL-7485-2 Datasheet
388Kb / 2P
   LOW DCR/LOW PROFILE SMD INDUCTORS
RL-7550-2 RENCO-RL-7550-2 Datasheet
1Mb / 2P
   LOW DCR/ LOW PROFILE SMD INDUCTORS
RL-7550-1 RENCO-RL-7550-1 Datasheet
1Mb / 2P
   LOW DCR/ LOW PROFILE SMD INDUCTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com