Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPSDS106-221M Datasheet(PDF) 6 Page - Token Electronics Industry Co., Ltd.

Part # TPSDS106-221M
Description  TPSDS Low DCR Chip Power Inductors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TPSDS106-221M Datasheet(HTML) 6 Page - Token Electronics Industry Co., Ltd.

  TPSDS106-221M Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TPSDS106-221M Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TPSDS106-221M Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TPSDS106-221M Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TPSDS106-221M Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TPSDS106-221M Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TPSDS106-221M Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. TPSDS106-221M Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. TPSDS106-221M Datasheet HTML 9Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
06 of 09
(TPSDS104) Electrical Characteristics
Part Number
Inductance (µH)
Test Freq. (KHz)
DCR (Ω) (max)
IDC (A) (max)
TPSDS104 - 1R1N
1.10
100
0.011
11.70
TPSDS104 - 1R8N
1.80
100
0.014
8.70
TPSDS104 - 2R7N
2.70
100
0.016
7.30
TPSDS104 - 3R9N
3.90
100
0.018
5.80
TPSDS104 - 5R1N
5.10
100
0.026
4.90
TPSDS104 - 6R8N
6.80
100
0.035
4.50
TPSDS104 - 8R2N
8.20
100
0.040
4.10
TPSDS104 - 100M
10.00
100
0.044
3.60
TPSDS104 - 120M
12.00
100
0.051
3.30
TPSDS104 - 150M
15.00
100
0.062
3.10
TPSDS104 - 180M
18.00
100
0.079
2.70
TPSDS104 - 220M
22.00
100
0.087
2.40
TPSDS104 - 270M
27.00
100
0.100
2.20
TPSDS104 - 330M
33.00
100
0.125
2.00
TPSDS104 - 390M
39.00
100
0.150
1.80
TPSDS104 - 470M
47.00
100
0.175
1.70
TPSDS104 - 560M
56.00
100
0.195
1.50
TPSDS104 - 680M
68.00
100
0.240
1.30
TPSDS104 - 820M
82.00
100
0.295
1.20
TPSDS104 - 101M
100.00
100
0.380
1.10
TPSDS104 - 121M
120.00
100
0.460
0.97
Note: Test Freq.: 100KHz / 0.1V.
Operating Temp.: -40°C ~ +85°C.
Inductance drop=30% typ. at IDC.
TPSDS Low DCR Chip Power Inductors
TOKEN
Version 2010
http://www.token.com.tw/
rfq token.com.tw


Similar Part No. - TPSDS106-221M

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TPSD106*025#0500 AVX-TPSD106*025#0500 Datasheet
199Kb / 16P
   Low ESR
TPSD106*025T0500V AVX-TPSD106*025T0500V Datasheet
199Kb / 16P
   Low ESR
TPSD106*035#0125 AVX-TPSD106*035#0125 Datasheet
199Kb / 16P
   Low ESR
TPSD106*035#0300 AVX-TPSD106*035#0300 Datasheet
199Kb / 16P
   Low ESR
TPSD106*035T0300V AVX-TPSD106*035T0300V Datasheet
199Kb / 16P
   Low ESR
More results

Similar Description - TPSDS106-221M

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
TPS1608DC TOKEN-TPS1608DC Datasheet
432Kb / 7P
   TPSDC Chip Low DCR Power Inductors
logo
RENCO ELECTRONICS, INC.
RL-1606 RENCO-RL-1606 Datasheet
404Kb / 2P
   LOW DCR/LOW PROFILE SMD POWER INDUCTORS
logo
Vishay Siliconix
IHLP-1616BZ-1A VISHAY-IHLP-1616BZ-1A Datasheet
231Kb / 4P
   Automotive Inductors, Low DCR
Revision: 12-Sep-17
IHLP-2020CZ-1A VISHAY-IHLP-2020CZ-1A Datasheet
315Kb / 6P
   Automotive Inductors, Low DCR
Revision: 12-Sep-17
IHLP-3232DZ-1A VISHAY-IHLP-3232DZ-1A Datasheet
344Kb / 6P
   Automotive Inductors, Low DCR
Revision: 12-Sep-17
IHLP-4040DZ-1A VISHAY-IHLP-4040DZ-1A_17 Datasheet
143Kb / 4P
   Automotive Inductors, Low DCR
Revision: 12-Sep-17
IHLM2525CZERR10M06 VISHAY-IHLM2525CZERR10M06 Datasheet
117Kb / 4P
   10 % DCR Tolerance, Low Profile, Power Inductors
Revision: 12-May-09
logo
RENCO ELECTRONICS, INC.
RL-7485-2 RENCO-RL-7485-2 Datasheet
388Kb / 2P
   LOW DCR/LOW PROFILE SMD INDUCTORS
RL-7550-2 RENCO-RL-7550-2 Datasheet
1Mb / 2P
   LOW DCR/ LOW PROFILE SMD INDUCTORS
RL-7550-1 RENCO-RL-7550-1 Datasheet
1Mb / 2P
   LOW DCR/ LOW PROFILE SMD INDUCTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com