Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LRC10JTRKS1M50G Datasheet(PDF) 1 Page - Token Electronics Industry Co., Ltd.

Part # LRC10JTRKS1M50G
Description  LRC Current Strip Chip Resistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

LRC10JTRKS1M50G Datasheet(HTML) 1 Page - Token Electronics Industry Co., Ltd.

  LRC10JTRKS1M50G Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. LRC10JTRKS1M50G Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. LRC10JTRKS1M50G Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. LRC10JTRKS1M50G Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. LRC10JTRKS1M50G Datasheet HTML 5Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
01 of 05
Preview
Providing design engineers with an economical low
ohmic value, current sense metal strip chip resistor
with high quality performance, Token Electronics
LRC Series is suitable for applications in the
automotive sector for applications that require high
power handling (Up to 3W) and low resistance 0.5mΩ.
From a certified supplier offering the automotive
quality, Token’s LRC Series gives all round superior
performance for current sensing in lamp detection,
mirrors, window lift, steering and seat controls.
As a first instance, the LRC Series displays enhanced
power handling capabilities, against other technologies.
Thermal conductivity is important for chip resistors - little heat is dissipated directly into the air, and instead, is
conducted out through the solder pads.
The heat generated from the specially constructed LRC resistor is more readily dispersed, therefore preventing
localised heating, which contributes to TCR and thermal EMF errors, premature aging and possible scorching of
the PC board.
They are rated for ambient operation from -55°C to +170°C.
The LRC Series is RoHS compliant and lead free. Contact us with your specific needs.
LRC Current Strip Chip Resistors
Ultra Low Ohm Resistor Save Space, Time,
and Money (LRC)
Metal Strip
Current Sense
Chip Resistors
Features
- Low TCR ±50, ±100PPM/°C
- High Wattage Rating Up to 3W
- Customized Resistance Available
- Resistance Values from 0.5m ohms to 20m ohms
- Without Laser Trimmed with Very Low Inductance
Applications
- For NB power management.
- For MB power management.
- For Monitor power management.
- SWPS: DC-DC converter, Charger,
Adaptor.
TOKEN
Version 2010
http://www.token.com.tw/
rfq token.com.tw


Similar Part No. - LRC10JTRKS1M50G

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
LRC10JTRKS1M50G TOKEN-LRC10JTRKS1M50G Datasheet
943Kb / 12P
   Metal Strip Chip Current Sense Resistor
More results

Similar Description - LRC10JTRKS1M50G

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CRG2512 BOURNS-CRG2512 Datasheet
746Kb / 3P
   Metal Strip Current Sense Chip Resistors
08/22
logo
KOA Speer Electronics, ...
SL2TTE KOA-SL2TTE Datasheet
177Kb / 6P
   Current Sensing Chip Resistors
logo
NIC-Components Corp.
NCSR NIC-NCSR Datasheet
484Kb / 5P
   Current Sensing Chip Resistors
logo
List of Unclassifed Man...
TS-16949 ETC2-TS-16949 Datasheet
613Kb / 6P
   Current Sensing Chip Resistors
logo
NIC-Components Corp.
NCSS NIC-NCSS Datasheet
92Kb / 6P
   Current Sensing Chip Resistors
logo
Bourns Electronic Solut...
CRF0805 BOURNS-CRF0805 Datasheet
265Kb / 1P
   Current Sensing Chip Resistors
logo
KOA Speer Electronics, ...
TSL1TTE KOA-TSL1TTE Datasheet
98Kb / 6P
   Current Detecting Chip Resistors
logo
NIC-Components Corp.
NCSP NIC-NCSP Datasheet
119Kb / 2P
   Current Sensing Chip Resistors
NCST NIC-NCST Datasheet
176Kb / 6P
   Current Sensing Chip Resistors
logo
American Accurate Compo...
CRL10R020JNM AAC-CRL10R020JNM_17 Datasheet
269Kb / 1P
   CURRENT SENSING CHIP RESISTORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com