Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCRB0807-681M Datasheet(PDF) 2 Page - Token Electronics Industry Co., Ltd.

Part # TCRB0807-681M
Description  TCRB Coil Choke Inductors Radial
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TCRB0807-681M Datasheet(HTML) 2 Page - Token Electronics Industry Co., Ltd.

  TCRB0807-681M Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TCRB0807-681M Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TCRB0807-681M Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TCRB0807-681M Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TCRB0807-681M Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TCRB0807-681M Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TCRB0807-681M Datasheet HTML 7Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
02 of 07
Configurations & Dimensions
TCRB0605) Electrical Characteristics
B
C
E
A
F
Type
ΦA(max)
B(max)
C ± 1.0
E ± 0.05
F ± 0.5
TCRB0605
6.5
5.5
4.0
0.50
4.0
TCRB0606
6.5
6.5
4.0
0.50
4.0
TCRB0805
8.3
5.5
5.0
0.65
5.0
TCRB0807
8.3
7.5
5.0
0.65
5.0
TCRB0809
8.3
9.5
5.0
0.65
5.0
Note: Design as Customer’s Requested Specifications.
Part Number
Inductance (µH)
Test Freq. (KHz)
DCR (Ω)(max)
IDC (A)(max)
TCRB0605 - 220M
22.00
1
0.180
0.90
TCRB0605 - 270M
27.00
1
0.210
0.81
TCRB0605 - 330M
33.00
1
0.270
0.74
TCRB0605 - 390M
39.00
1
0.290
0.68
TCRB0605 - 470M
47.00
1
0.340
0.62
TCRB0605 - 560M
56.00
1
0.420
0.57
TCRB0605 - 680M
68.00
1
0.480
0.51
TCRB0605 - 820M
82.00
1
0.550
0.47
TCRB0605 - 101M
100.00
1
0.680
0.42
TCRB0605 - 121M
120.00
1
0.770
0.39
TCRB0605 - 151M
150.00
1
0.950
0.35
TCRB0605 - 181M
180.00
1
1.150
0.32
TCRB0605 - 221M
220.00
1
1.300
0.29
TCRB0605 - 271M
270.00
1
1.550
0.26
TCRB0605 - 331M
330.00
1
2.180
0.23
TCRB0605 - 391M
390.00
1
2.470
0.21
TCRB0605 - 471M
470.00
1
2.920
0.20
TCRB0605 - 561M
560.00
1
3.970
0.18
TCRB0605 - 681M
680.00
1
4.570
0.16
TCRB0605 - 821M
820.00
1
5.280
0.15
TCRB0605 - 102M
1000.00
1
7.060
0.13
Note: Test Freq.: 1KHz / 0.25V.
Operating Temp.: -40°C ~ +85°C
Inductance drop = 10% typ. at IDC.
Version 2010
TCRB Coil Choke Inductors Radial
http://www.token.com.tw/
rfq token.com.tw
TOKEN


Similar Part No. - TCRB0807-681M

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TCRB10145F TRANSKO-TCRB10145F Datasheet
764Kb / 3P
   Power Inductor SMD (10.10 X 10.10 X 4.50 mm)
Rev 1: 05-07-2019
TCRB10145F-100M TRANSKO-TCRB10145F-100M Datasheet
764Kb / 3P
   Power Inductor SMD (10.10 X 10.10 X 4.50 mm)
Rev 1: 05-07-2019
TCRB10145F-101M TRANSKO-TCRB10145F-101M Datasheet
764Kb / 3P
   Power Inductor SMD (10.10 X 10.10 X 4.50 mm)
Rev 1: 05-07-2019
TCRB10145F-102M TRANSKO-TCRB10145F-102M Datasheet
764Kb / 3P
   Power Inductor SMD (10.10 X 10.10 X 4.50 mm)
Rev 1: 05-07-2019
TCRB10145F-150M TRANSKO-TCRB10145F-150M Datasheet
764Kb / 3P
   Power Inductor SMD (10.10 X 10.10 X 4.50 mm)
Rev 1: 05-07-2019
More results

Similar Description - TCRB0807-681M

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
18401 FRONTIER-18401 Datasheet
116Kb / 2P
   Radial Leads Inductors (Choke Coil)
18402 FRONTIER-18402 Datasheet
116Kb / 2P
   Radial Leads Inductors (Choke Coil)
logo
Token Electronics Indus...
TCRC0406 TOKEN-TCRC0406 Datasheet
416Kb / 9P
   TCRC Choke Coil Inductors Radial
TCRS0606 TOKEN-TCRS0606 Datasheet
404Kb / 4P
   TCRS Choke Coil Inductors Radial
logo
Frontier Electronics.
18403 FRONTIER-18403 Datasheet
117Kb / 2P
   Radial Leads Inductors (Choke Coil)
logo
Superworld Electronics
RCB1823 SUPERWORLD-RCB1823 Datasheet
596Kb / 4P
   RADIAL CHOKE COIL
RCB1620 SUPERWORLD-RCB1620 Datasheet
596Kb / 4P
   RADIAL CHOKE COIL
RCS1010 SUPERWORLD-RCS1010 Datasheet
455Kb / 4P
   RADIAL CHOKE COIL
RCB0710470KZF SUPERWORLD-RCB0710470KZF_16 Datasheet
914Kb / 4P
   RADIAL CHOKE COIL
RCB0810 SUPERWORLD-RCB0810 Datasheet
601Kb / 4P
   RADIAL CHOKE COIL
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com