Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RGM16M510MKP Datasheet(PDF) 2 Page - Token Electronics Industry Co., Ltd.

Part # RGM16M510MKP
Description  RFM High Frequency MELF Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

RGM16M510MKP Datasheet(HTML) 2 Page - Token Electronics Industry Co., Ltd.

  RGM16M510MKP Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. RGM16M510MKP Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. RGM16M510MKP Datasheet HTML 3Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
02 of 03
RFM High Frequency MELF Resistors
Dimensions & Recommended Soldering Bath Dimensions
Characteristics
L
D1
D
K
L1
W
S
H
Type
RFM72
RFM73
RFM74
RFM75
Metric sizes
DIN: 0102
DIN: 0204
DIN: 0207
DIN: 0207
Dimension (mm)
L±0.2
2.2
3.45
5.7
6.0
L1±0.2
1.2
1.6
3.0
3.3
D±0.2
1.3
1.3
2.1
2.1
K±0.1
0.4
0.8 min
1.2 min
1.2 min
D1±0.1
D+0/D-0.15
D+0/D-0.25
D+0/D-0.3
D+0/D-0.3
Soldering bath
(recommended)
(mm)
S
1.0
1.6
2.6
2.8
W
2.0
2.0
2.5
2.5
H
2.0
2.5
2.5
2.5
Type
RFM72
RFM73
RFM74
RFM75
Metric sizes
DIN: 0102
DIN: 0204
DIN: 0207
DIN: 0207
Resistance range
25Ω ~ 200Ω
Operating Temperature range
-55°C ~ 125°C
Resistance Tolerance (%)
D(±0.5); F(±1.0); J(±5.0)
Temperature coefficient (PPM/°C)
C2(±50); C3(±25); C5(±15); C6(±10)
Rated dissipation (W) P
70
0.125
0.25
0.5
0.75
Operating mode
standard
standard
standard
power
Climatic category (LCT/UCT/days)
55/125/56
55/125/56
55/155/56
55/155/56
Endurance,
Max, resistance change at P70,
ΔR/R max., after 1000h
≤0.5% for Tol.=±1% & ≤1% for Tol.=±5%
Derating
standard type linear from 70°C to 125°C
Insulation voltage
500V
Insulation resistance
>1GΩ
TOKEN
Version 2010
http://www.token.com.tw/
rfq token.com.tw


Similar Part No. - RGM16M510MKP

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
RGM16M510MKP TOKEN-RGM16M510MKP Datasheet
425Kb / 5P
   Anti-Surge Pulse Load Melf Resistors
More results

Similar Description - RGM16M510MKP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MMU0102HF VISHAY-MMU0102HF Datasheet
150Kb / 11P
   High Frequency Thin Film MELF Resistors
Revision: 26-Oct-15
MMU-0102-HF VISHAY-MMU-0102-HF Datasheet
150Kb / 11P
   High Frequency Thin Film MELF Resistors
Revision: 26-Oct-15
logo
Token Electronics Indus...
RFM TOKEN-RFM Datasheet
439Kb / 5P
   Non-Inductive High Frequency Melf Resistors
logo
List of Unclassifed Man...
WRM0207C-470RFI ETC2-WRM0207C-470RFI Datasheet
238Kb / 3P
   MELF Resistors
logo
Vishay Siliconix
MMA0204HT VISHAY-MMA0204HT Datasheet
148Kb / 10P
   Professional High Temperature MELF Resistors
Revision: 08-Jul-15
CMA0204 VISHAY-CMA0204_10 Datasheet
161Kb / 10P
   High Pulse Load MELF Resistors
Revision: 01-Mar-10
MMA02040C3303FB300 VISHAY-MMA02040C3303FB300 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMU01020C1009FB300 VISHAY-MMU01020C1009FB300 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
CMA0204HF VISHAY-CMA0204HF Datasheet
119Kb / 7P
   Pulse Load Carbon Film MELF Resistors for High Frequency Applications
Revision: 01-Dec-09
MMA02040C2203FB300 VISHAY-MMA02040C2203FB300 Datasheet
256Kb / 14P
   Professional MELF Resistors
Revision: 05-Mar-12
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com