Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RI821WC4M7M Datasheet(PDF) 4 Page - Token Electronics Industry Co., Ltd.

Part # RI821WC4M7M
Description  RI82 Thick Film High Voltage Resistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

RI821WC4M7M Datasheet(HTML) 4 Page - Token Electronics Industry Co., Ltd.

  RI821WC4M7M Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. RI821WC4M7M Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. RI821WC4M7M Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. RI821WC4M7M Datasheet HTML 4Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
How to Order
0.125W
c
47M
RI82
K
04 of 04
Part Number: RI82
Rated Power (W): 0.125W, 0.25W, 0.5W, 1W
Style: a Style, b Style, c Style
Resistance Value (Ω)
Code
Resistance Value (Ω)
4M7
4.7MΩ
47M
47MΩ
47M5
47.5MΩ
470M
470MΩ
Resistance Tolerance
Code
Resistance Tolerance
F
±1%
G
±2%
J
±5%
K
±10%
M
±20%
RI82 Non-Inductive & Serpentine Pattern - Advance Technique
Non-Inductive Performance:
1. Token’s RI82 Non-Inductive Design which uses a serpentine resistive pattern that offers for zigzag-
ging lines to carry current in opposite directions, thereby neutralizing maximum of flux fields over the
entire length of the resistor.
2. This efficient non-inductive construction retains performance advantages and heavy load characteris-
tics which is ideal for high frequency applications.
Serpentine Pattern Screen Printing Design:
1. Type RI82 Precision High Voltage Resistors combine Token’s Non-Inductive serpentine pattern, high
thru-put screen printed silicone coating.
2. The alignment of the gap in the serpentine resistor pattern with the gap in the coating pattern provides
a complete encapsulation of the resistor element.
3. The lead assemblies are pressed onto the resistor core, finishing the resistor and providing rugged
terminal attachment.
Version 2010
RI82 Thick Film High Voltage Resistors
Back to 1st Page - High Voltage Resistors (RI82)
http://www.token.com.tw/
rfq token.com.tw
TOKEN


Similar Part No. - RI821WC4M7M

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
RI821WC4M7M TOKEN-RI821WC4M7M Datasheet
633Kb / 6P
   High Voltage Resistors
More results

Similar Description - RI821WC4M7M

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
HTE15 RIEDON-HTE15_13 Datasheet
224Kb / 2P
   High Voltage / Thick Film Resistors
logo
Welwyn Components Limit...
F43D WELWYN-F43D Datasheet
96Kb / 2P
   High Voltage Thick Film Resistors
HV31 WELWYN-HV31 Datasheet
114Kb / 2P
   High Voltage Thick film Resistors
logo
Riedon Powertron
HTE15 RIEDON-HTE15 Datasheet
259Kb / 2P
   High Voltage / Thick Film Resistors
logo
Welwyn Components Limit...
VRW25 WELWYN-VRW25 Datasheet
79Kb / 3P
   High Voltage Thick Film Resistors
logo
Riedon Powertron
HTE39-100MJ RIEDON-HTE39-100MJ Datasheet
141Kb / 2P
   High Voltage / Thick Film Resistors
HTE RIEDON-HTE Datasheet
141Kb / 2P
   High Voltage / Thick Film Resistors
HVR25 RIEDON-HVR25_13 Datasheet
170Kb / 2P
   High Voltage / Thick Film Leaded Resistors
logo
List of Unclassifed Man...
HVP03 ETC-HVP03 Datasheet
428Kb / 1P
   HIGH VOLTAGE THICK FILM PLANAR RESISTORS
logo
Bourns Electronic Solut...
CHV BOURNS-CHV Datasheet
165Kb / 4P
   Thick Film High Voltage Chip Resistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com