Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9313WS3 Datasheet(PDF) 5 Page - Xicor Inc.

Part # X9313WS3
Description  E2POT??Nonvolatile Digital Potentiometer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9313WS3 Datasheet(HTML) 5 Page - Xicor Inc.

  X9313WS3 Datasheet HTML 1Page - Xicor Inc. X9313WS3 Datasheet HTML 2Page - Xicor Inc. X9313WS3 Datasheet HTML 3Page - Xicor Inc. X9313WS3 Datasheet HTML 4Page - Xicor Inc. X9313WS3 Datasheet HTML 5Page - Xicor Inc. X9313WS3 Datasheet HTML 6Page - Xicor Inc. X9313WS3 Datasheet HTML 7Page - Xicor Inc. X9313WS3 Datasheet HTML 8Page - Xicor Inc. X9313WS3 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
X9313
5
RECOMMENDED OPERATING CONDITIONS
Temperature
Min.
Max.
Commercial
0
°C
+70
°C
Industrial
–40
°C
+85
°C
Military
–55
°C
+125
°C
3866 PGM T03.1
Supply Voltage
Limits
X9313
5V
±10%
X9313-3
3V to 5.5V
3866 PGM T04.1
D.C. OPERATING CHARACTERISTICS (Over recommended operating conditions unless otherwise specified.)
Limits
Symbol
Parameter
Min.
Typ.(4)
Max.
Units
Test Conditions
ICC
VCC Active Current
1
3
mA
CS = VIL, U/D = VIL or VIH and
INC = 0.4V/2.4V @ max. tCYC
ISB
Standby Supply Current
200
500
µA
CS = VCC – 0.3V, U/D and INC =
VSS or VCC – 0.3V
ILI
CS, INC, U/D Input
±10
µAVIN = VSS to VCC
Leakage Current
VIH
CS, INC, U/D Input
2
VCC + 1
V
HIGH Voltage
VIL
CS, INC, U/D Input
–1
0.8
V
LOW Voltage
RW
Wiper Resistence
40
100
Max. Wiper Current
±1mA
VVH
VH Terminal Voltage
–5
+5
V
VVL
VL Terminal Voltage
–5
+5
V
CIN(5)
CS, INC, U/D Input
10
pF
VCC = 5V, VIN = VSS,
Capacitance
TA = 25°C, f = 1MHz
3866 PGM T05.3
STANDARD PARTS
Part Number
Maximum Resistance
Wiper Increments
Minimum Resistance
X9313Z
1K
32.3
40
X9313W
10K
323
40
X9313U
50K
2381
40
X9313T
100K
3226
40
3866 PGM T08.1
Notes: (4) Typical values are for TA = 25°C and nominal supply voltage.
(5) This parameter is periodically sampled and not 100% tested.


Similar Part No. - X9313WS3

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9313WS INTERSIL-X9313WS Datasheet
276Kb / 11P
   Terminal Voltages -5V, 32 Taps
X9313WS INTERSIL-X9313WS Datasheet
277Kb / 12P
   Digitally Controlled Potentiometer
X9313WS INTERSIL-X9313WS Datasheet
284Kb / 12P
   Linear, 32 Taps, 3 Wire Interface, Terminal Voltages 짹 VCC
X9313WS-3 INTERSIL-X9313WS-3 Datasheet
277Kb / 12P
   Digitally Controlled Potentiometer
X9313WS-3 INTERSIL-X9313WS-3 Datasheet
284Kb / 12P
   Linear, 32 Taps, 3 Wire Interface, Terminal Voltages 짹 VCC
More results

Similar Description - X9313WS3

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9314 XICOR-X9314 Datasheet
53Kb / 10P
   E2POT??Nonvolatile Digital Potentiometer
X9312 XICOR-X9312 Datasheet
50Kb / 9P
   E2POT??Nonvolatile Digital Potentiometer
X9C102 XICOR-X9C102 Datasheet
83Kb / 15P
   E2POT??Nonvolatile Digital Potentiometer
X9241 XICOR-X9241 Datasheet
76Kb / 16P
   Quad E2POT??Nonvolatile Digital Potentiometer
X9221 XICOR-X9221 Datasheet
65Kb / 14P
   Dual E2POT??Nonvolatile Digital Potentiometer
logo
Dallas Semiconductor
DS4301 DALLAS-DS4301 Datasheet
150Kb / 7P
   Nonvolatile, 32-Position Digital Potentiometer
logo
Maxim Integrated Produc...
DS4301 MAXIM-DS4301 Datasheet
155Kb / 7P
   Nonvolatile, 32-Position Digital Potentiometer
Rev 0; 8/03
DS3903 MAXIM-DS3903 Datasheet
619Kb / 11P
   Triple 128-Position Nonvolatile Digital Potentiometer
Rev 0; 6/02
logo
Analog Devices
AD5231 AD-AD5231_15 Datasheet
536Kb / 28P
   Nonvolatile Memory, 1024-Position Digital Potentiometer
REV. D
logo
Xicor Inc.
X9316 XICOR-X9316 Datasheet
68Kb / 12P
   E 2 POT??Nonvolatile Digital Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com