Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RGM16M5M1KT Datasheet(PDF) 1 Page - Token Electronics Industry Co., Ltd.

Part # RGM16M5M1KT
Description  RFM High Frequency MELF Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

RGM16M5M1KT Datasheet(HTML) 1 Page - Token Electronics Industry Co., Ltd.

  RGM16M5M1KT Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. RGM16M5M1KT Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. RGM16M5M1KT Datasheet HTML 3Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
01 of 03
RFM High Frequency MELF Resistors
High Frequency
Non-Inductance
Melf Resistors
Non-Inductance MELF Offer Greater Choice
for High Frequency Applications
Preview
The RFM speciality series of high frequency non-inductance MELF resistor from Token Electronics has
been extended to offer more than GHz operation, making the devices more suitable for high frequency RF
applications.
They are the perfect choice in high frequency circuit designs where the parasitic inductance of regular, helical
trimmed resistors can not be accepted, but where also pulse energies apply. Typical applications are in the fields
of telecommunication equipment and industrial electronics.
These high stability, non-inductance MELF resistors have a footprint very close to comparable chip resistors
but maintain their tolerance and deliver higher stability over a wider temperature range. Sizes range from 5.7 x
2.1mm for the RFM74 MELF-0207, through 3.45 x 1.3mm for the RFM73 MELF-0204 down to 2.2 x 1.3mm for
the RFM72 MELF-0102.
Production is strictly controlled and follows and extensive set of instructions established for reproducibility.
The groove on the metal alloy film of high grade ceramic rod is special designed to achieve non inductance. The
resistor elements are covered by a protective coating designed for mechanical, electrical and climatic protection.
The terminations are covered with a final pure tin plating for keeping perfect solderability. Four or five color
code rings designate the resistance value and tolerance in accordance with IEC 60062.
Token’s RFM MELF standard series can be a replacement for Vishay, IRC, EBG, KAO, Panasonic Precision
Devices with more competitive price and short lead time. Contact us with your specific needs.
Features
- Lead (Pb)-free and RoHS compliant.
- Ower dissipation rating at 70°C up to 0.75W.
- Low-inductance non-helical trimmed product.
- Special metal film technology, DIN: 0102, 0204, 0207.
- Tolerance range: ±0.5% to ±5.0%; Resistance range: 25Ω to 200Ω.
- Suitable for more than GHz operation; Excellent overall stability:
Class 0.5.
Applications :
- Medical Equipment.
- Industrial electronics.
- Automatic Equipment Controller.
- Communication Device, Cell phone, GPS, PDA.
- HF and pulse loading applications.
- Testing & Measurement Equipment.
- Consumer Product, Printer Equipment.
TOKEN
Version 2010
http://www.token.com.tw/
rfq token.com.tw


Similar Part No. - RGM16M5M1KT

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
RGM16M5M1KTR TOKEN-RGM16M5M1KTR Datasheet
425Kb / 5P
   Anti-Surge Pulse Load Melf Resistors
More results

Similar Description - RGM16M5M1KT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MMU0102HF VISHAY-MMU0102HF Datasheet
150Kb / 11P
   High Frequency Thin Film MELF Resistors
Revision: 26-Oct-15
MMU-0102-HF VISHAY-MMU-0102-HF Datasheet
150Kb / 11P
   High Frequency Thin Film MELF Resistors
Revision: 26-Oct-15
logo
Token Electronics Indus...
RFM TOKEN-RFM Datasheet
439Kb / 5P
   Non-Inductive High Frequency Melf Resistors
logo
List of Unclassifed Man...
WRM0207C-470RFI ETC2-WRM0207C-470RFI Datasheet
238Kb / 3P
   MELF Resistors
logo
Vishay Siliconix
MMA0204HT VISHAY-MMA0204HT Datasheet
148Kb / 10P
   Professional High Temperature MELF Resistors
Revision: 08-Jul-15
CMA0204 VISHAY-CMA0204_10 Datasheet
161Kb / 10P
   High Pulse Load MELF Resistors
Revision: 01-Mar-10
MMA02040C3303FB300 VISHAY-MMA02040C3303FB300 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMU01020C1009FB300 VISHAY-MMU01020C1009FB300 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
CMA0204HF VISHAY-CMA0204HF Datasheet
119Kb / 7P
   Pulse Load Carbon Film MELF Resistors for High Frequency Applications
Revision: 01-Dec-09
MMA02040C2203FB300 VISHAY-MMA02040C2203FB300 Datasheet
256Kb / 14P
   Professional MELF Resistors
Revision: 05-Mar-12
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com