Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCRS0807-152M Datasheet(PDF) 2 Page - Token Electronics Industry Co., Ltd.

Part # TCRS0807-152M
Description  TCRS Choke Coil Inductors Radial
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TCRS0807-152M Datasheet(HTML) 2 Page - Token Electronics Industry Co., Ltd.

  TCRS0807-152M Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TCRS0807-152M Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TCRS0807-152M Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TCRS0807-152M Datasheet HTML 4Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
02 of 04
Version 2010
TCRS Choke Coil Inductors Radial
Configurations & Dimensions
B
A
C
D
E
Type
ΦA (max)
B (max)
C ± 1.0
D ± 0.05
E ± 0.5
TCRS0606
6.5
6.5
4.0
0.50
4.0
TCRS0807
8.3
7.5
5.0
0.65
5.0
Note: Design as Customer’s Requested Specifications.
(TCRS0606) Electrical Characteristics
Part Number
Inductance(µH)
Test Freq.(KHz)
DCR (Ω)(max)
IDC (A)(max)
TCRS0606 - 220M
22.00
1
0.130
0.96
TCRS0606 - 270M
27.00
1
0.180
0.87
TCRS0606 - 330M
33.00
1
0.210
0.78
TCRS0606 - 390M
39.00
1
0.260
0.72
TCRS0606 - 470M
47.00
1
0.290
0.66
TCRS0606 - 560M
56.00
1
0.330
0.60
TCRS0606 - 680M
68.00
1
0.360
0.55
TCRS0606 - 820M
82.00
1
0.390
0.50
TCRS0606 - 101M
100.00
1
0.540
0.45
TCRS0606 - 121M
120.00
1
0.620
0.41
TCRS0606 - 151M
150.00
1
0.720
0.37
TCRS0606 - 181M
180.00
1
0.880
0.34
TCRS0606 - 221M
220.00
1
0.990
0.30
TCRS0606 - 271M
270.00
1
1.520
0.27
TCRS0606 - 331M
330.00
1
1.690
0.25
TCRS0606 - 391M
390.00
1
1.850
0.23
TCRS0606 - 471M
470.00
1
2.850
0.21
TCRS0606 - 561M
560.00
1
3.210
0.19
TCRS0606 - 681M
680.00
1
3.600
0.17
TCRS0606 - 821M
820.00
1
4.870
0.16
TCRS0606 - 102M
1000.00
1
5.560
0.14
Note: Test Freq.: 1KHz / 0.25V.
Operating Temp.: -40°C ~ +85°C
Inductance drop = 10% typ. at IDC.
http://www.token.com.tw/
rfq token.com.tw
TOKEN


Similar Part No. - TCRS0807-152M

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
TCR-4-48G BEL-TCR-4-48G Datasheet
799Kb / 5P
   Compatible with all TCP3500 PSU models
logo
MORNSUN Science& Techno...
TCR03PI MORNSUN-TCR03PI Datasheet
456Kb / 3P
   Thermocouple Temperature Signal Input Alarms
logo
QuWireless
TCR100 QUWIRELESS-TCR100 Datasheet
3Mb / 6P
   INTEGRATED MULTI-BAND LTE OMNI ANTENNA PLACE TO INSTALL Teltonika TCR100 (ALL-IN-ONE)
2.07
logo
Toshiba Semiconductor
TCR13AGADJ TOSHIBA-TCR13AGADJ Datasheet
537Kb / 21P
   1.3 A CMOS Ultra Low Dropout Regulator
TCR15AG TOSHIBA-TCR15AG Datasheet
404Kb / 13P
   1.5 A CMOS Ultra Low Dropout, Ultra High ripple rejection ratio Regulator
2017-11-08
More results

Similar Description - TCRS0807-152M

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
TCRB0605 TOKEN-TCRB0605 Datasheet
405Kb / 7P
   TCRB Coil Choke Inductors Radial
logo
Frontier Electronics.
18401 FRONTIER-18401 Datasheet
116Kb / 2P
   Radial Leads Inductors (Choke Coil)
18402 FRONTIER-18402 Datasheet
116Kb / 2P
   Radial Leads Inductors (Choke Coil)
logo
Token Electronics Indus...
TCRC0406 TOKEN-TCRC0406 Datasheet
416Kb / 9P
   TCRC Choke Coil Inductors Radial
logo
Frontier Electronics.
18403 FRONTIER-18403 Datasheet
117Kb / 2P
   Radial Leads Inductors (Choke Coil)
logo
Superworld Electronics
RCB1823 SUPERWORLD-RCB1823 Datasheet
596Kb / 4P
   RADIAL CHOKE COIL
RCB1620 SUPERWORLD-RCB1620 Datasheet
596Kb / 4P
   RADIAL CHOKE COIL
RCS1010 SUPERWORLD-RCS1010 Datasheet
455Kb / 4P
   RADIAL CHOKE COIL
RCB0710470KZF SUPERWORLD-RCB0710470KZF_16 Datasheet
914Kb / 4P
   RADIAL CHOKE COIL
RCB0810 SUPERWORLD-RCB0810 Datasheet
601Kb / 4P
   RADIAL CHOKE COIL
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com