Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PR03DPC31000N Datasheet(PDF) 3 Page - Token Electronics Industry Co., Ltd.

Part # PR03DPC31000N
Description  PR Anti-Corrosive Chip Resistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

PR03DPC31000N Datasheet(HTML) 3 Page - Token Electronics Industry Co., Ltd.

  PR03DPC31000N Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. PR03DPC31000N Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. PR03DPC31000N Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. PR03DPC31000N Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. PR03DPC31000N Datasheet HTML 5Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
03 of 05
Recommend Land Pattern (Unit: mm)
B
A
C
Codes
A
B
C
PR12 (2512)
4.90
1.60
3.10±0.2
PR10 (2010)
3.60
1.40
2.50±0.2
PR06 (1206)
2.00
1.15
1.70±0.2
PR05 (0805)
1.00
1.00
1.35±0.2
PR03 (0603)
0.80
1.00
0.90±0.2
PR02 (0402)
0.50
0.50
0.60±0.2
Surface Mount Chip (PR) Packaging Quantity & Reel Specifications (Unit: mm)
T
Φ C
W
Codes
ΦA
ΦB
ΦC
W
T
Paper Tape
(PCS)
Emboss
Plastic Tape
(PCS)
PR02 (0402) 178.0±1.0
60.0±1.0
13.5±0.7
9.5±1.0
11.5±1.0
10,000
-
PR03 (0603) 178.0±1.0
60.0±1.0
13.5±0.7
9.5±1.0
11.5±1.0
5,000
-
PR05 (0805) 178.0±1.0
60.0±1.0
13.5±0.7
9.5±1.0
11.5±1.0
5,000
-
PR06 (1206) 178.0±1.0
60.0±1.0
13.5±0.7
9.5±1.0
11.5±1.0
5,000
-
PR10 (2010) 178.0±1.0
60.0±1.0
13.5±0.7
13.5±1.0
15.5±1.0
-
4,000
PR12 (2512) 178.0±1.0
60.0±1.0
13.5±0.7
13.5±1.0
15.5±1.0
-
4,000
Version 2010
PR Anti-Corrosive Chip Resistor
TOKEN
http://www.token.com.tw/
rfq token.com.tw


Similar Part No. - PR03DPC31000N

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PR03 VISHAY-PR03 Datasheet
141Kb / 14P
   Power Metal Film Resistors
Revision: 24-Feb-04
PR03 VISHAY-PR03 Datasheet
193Kb / 20P
   Power Metal Film Leaded Resistors
Revision: 10-Sep-15
PR03 VISHAY-PR03 Datasheet
220Kb / 20P
   Power Metal Film Leaded Resistors
01-Jan-2022
logo
International Rectifier
PR03000201802JAC00 IRF-PR03000201802JAC00 Datasheet
5Mb / 30P
   Drives 1 x 70W HID lamp
logo
Alpha Wire
PR0300113 ALPHAWIRE-PR0300113 Datasheet
131Kb / 2P
   Mini Male 7/8??Internal Thread
More results

Similar Description - PR03DPC31000N

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
RNCS-AS SEI-RNCS-AS Datasheet
463Kb / 7P
   Anti-corrosive Anti-sulfur Tantalum Nitride Replacement Resistor
4/22/2022
RNCS0603BTEKIT SEI-RNCS0603BTEKIT Datasheet
43Kb / 1P
   Anti-Corrosive Tantalum Nitride Replacement Resistor
08/21/2014
logo
NIC-Components Corp.
NTRC NIC-NTRC Datasheet
490Kb / 4P
   Anti-Corrosive Thin Film Chip Resistors
logo
Rohm
ESR25 ROHM-ESR25 Datasheet
72Kb / 5P
   Anti-surge thick film chip resistor
ESR25 ROHM-ESR25_08 Datasheet
76Kb / 5P
   Anti-surge thick film chip resistor
logo
Riedon Powertron
ASC0805-100RF1 RIEDON-ASC0805-100RF1 Datasheet
183Kb / 3P
   Anti-Sulfur Thick Film Chip Resistor
ASC0402-100RF1 RIEDON-ASC0402-100RF1 Datasheet
183Kb / 3P
   Anti-Sulfur Thick Film Chip Resistor
ASC1206-100RF1 RIEDON-ASC1206-100RF1 Datasheet
183Kb / 3P
   Anti-Sulfur Thick Film Chip Resistor
logo
Rohm
ESR01 ROHM-ESR01 Datasheet
147Kb / 4P
   Anti-surge thick film chip resistor
logo
Riedon Powertron
ASC0603-100RF1 RIEDON-ASC0603-100RF1 Datasheet
183Kb / 3P
   Anti-Sulfur Thick Film Chip Resistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com