Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT10.7MHYEP Datasheet(PDF) 1 Page - Token Electronics Industry Co., Ltd.

Part # LT10.7MHYEP
Description  LT10.7M Ceramic Filters for FM Receiver
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

LT10.7MHYEP Datasheet(HTML) 1 Page - Token Electronics Industry Co., Ltd.

  LT10.7MHYEP Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. LT10.7MHYEP Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. LT10.7MHYEP Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. LT10.7MHYEP Datasheet HTML 4Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
01 of 04
LT10.7M Ceramic Filters for FM Receiver
Ceramic Filters
for FM Receiver
(LT10.7M) Ceramic Filters
are Compatible Murata SFELF10M7
Preview
Token LT10.7M series are monolithic devices whichutilize
the energy-trapped thickness vibration-mode. This principle
of operation is based upon the fact that an excellent
resonating element with low spurious vibration can be
obtained by adhering to certain theoretical parameters of
design. These parameters include the physical dimensions
of the peizo element, the electrode pattern, and the associated
mass loading effect of the electrodes.
Token categorizes the LT 10.7 family according to rank of
center frequency. This ranking indicates that a given LT 10.7
will be marked with one of the colors listed in the following
chart and will exhibit the center frequency in Technical
Characteristics Table.
The LT10.7M offers three series: LT10.7M for FM Receiver (Compatible Murata SFELF10M7), LT10.7M A10
Insertion Loss 2.5±2.0 db ~ 4.5±2.0 db (Compatible Murata SFELF10M7 A10), and LT10.7M Wide Band-width
950 kHz at 20dB/Narrow Band-width 95 kHz at 20dB (Compatible Murata SFELF10M7 DBS Receiver).
LT10.7M Narrow Band-width series features stable low spurious and temperature characteristics. This series
is suitable for European car-audio or AM up conversion use that needs narrow band characteristics are stable.
LT10.7M Wide Band-width series are specified to make up conventional ceramic filters which wider band
characteristics not obtained.
Custom parts are available on request. Token will also produce devices outside these specifications to meet
specific customer requirements,
please contact our sales for more information.
Applications
- Change in center frequency is typically within ±30ppm/°C at -20°C to +80°C.
- Various band widths are available for applications in wide to narrow bands.
- Low loss, favorable waveform symmetry, and high selectivity.
- These miniature filters have high mechanical strength.
- Excellent shape factor of frequency response.
- Small dispersion and stable characteristics.
- Good waveform symmetry.
- High reliability.
TOKEN
Version 2010
http://www.token.com.tw/
rfq token.com.tw


Similar Part No. - LT10.7MHYEP

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
LT10.7MHYEP TOKEN-LT10.7MHYEP Datasheet
921Kb / 48P
   Filters for FM ,TV/VCR Stage, Communication
More results

Similar Description - LT10.7MHYEP

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
CFSKNS TOKO-CFSKNS Datasheet
205Kb / 2P
   FM CERAMIC FILTERS
CFSKNX TOKO-CFSKNX Datasheet
125Kb / 1P
   FM CERAMIC FILTERS
CFSKNG TOKO-CFSKNG Datasheet
123Kb / 1P
   FM CERAMIC FILTERS
SL107M1-AO-10 TOKO-SL107M1-AO-10 Datasheet
134Kb / 1P
   FM Ceramic Filters
SC107M2-A0-20C TOKO-SC107M2-A0-20C Datasheet
139Kb / 1P
   FM Ceramic Filters
SK107MAN-AO-10 TOKO-SK107MAN-AO-10 Datasheet
239Kb / 2P
   FM Ceramic Filters
logo
Murata Manufacturing Co...
P61E7 MURATA-P61E7 Datasheet
992Kb / 57P
   Ceramic Filters (CERAFIL) for FM Receivers
logo
TOKO, Inc
SKP107M1-A0-20 TOKO-SKP107M1-A0-20 Datasheet
168Kb / 1P
   Radial Taping / FM Ceramic Filters
CFSKP TOKO-CFSKP Datasheet
116Kb / 1P
   RADIAL TAPING FM CERAMIC FILTERS
logo
Shenzhen Luguang Electr...
JT107MC1 LUGUANG-JT107MC1 Datasheet
141Kb / 7P
   Ceramics discriminator for FM receiver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com