Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XM28C020PMHR-25 Datasheet(PDF) 8 Page - Xicor Inc.

Part # XM28C020PMHR-25
Description  5 Volt, Byte Alterable E2PROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

XM28C020PMHR-25 Datasheet(HTML) 8 Page - Xicor Inc.

Back Button XM28C020PMHR-25 Datasheet HTML 4Page - Xicor Inc. XM28C020PMHR-25 Datasheet HTML 5Page - Xicor Inc. XM28C020PMHR-25 Datasheet HTML 6Page - Xicor Inc. XM28C020PMHR-25 Datasheet HTML 7Page - Xicor Inc. XM28C020PMHR-25 Datasheet HTML 8Page - Xicor Inc. XM28C020PMHR-25 Datasheet HTML 9Page - Xicor Inc. XM28C020PMHR-25 Datasheet HTML 10Page - Xicor Inc. XM28C020PMHR-25 Datasheet HTML 11Page - Xicor Inc. XM28C020PMHR-25 Datasheet HTML 12Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
XM28C020
8
RESETTING SOFTWARE DATA PROTECTION
Figure 8. Reset Software Data Protection Timing Sequence
3872 FHD F16
WRITE DATA 55
TO ADDRESS
2AAA
WRITE DATA 55
TO ADDRESS
2AAA
WRITE DATA 80
TO ADDRESS
5555
WRITE DATA AA
TO ADDRESS
5555
WRITE DATA 20
TO ADDRESS
5555
WRITE DATA AA
TO ADDRESS
5555
3872 FHD F17
Figure 9. Software Sequence to Deactivate
Software Data Protection
In the event the user wants to deactivate the software
data protection feature for testing or reprogramming in
an E2PROM programmer, the following six step algo-
rithm will reset the internal protection circuit. After tWC,
the device will be in standard operating mode.
CE
WE
STANDARD
OPERATING
MODE
VCC
DATA
ADDRESS
A0–A15*
AA
5555
55
2AAA
80
5555
*A16 & A17 select one of four devices on the module.
≥t
WC
AA
5555
55
2AAA
20
5555
SYMBOL TABLE
WAVEFORM
INPUTS
OUTPUTS
Must be
steady
Will be
steady
May change
from LOW
to HIGH
Will change
from LOW
to HIGH
May change
from HIGH
to LOW
Will change
from HIGH
to LOW
Don’t Care:
Changes
Allowed
Changing:
State Not
Known
N/A
Center Line
is High
Impedance


Similar Part No. - XM28C020PMHR-25

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
XM28C010P XICOR-XM28C010P Datasheet
25Kb / 3P
   High Speed 5 Volt Byte Alterable Nonvolatile Memory Array
XM28C010P-12 XICOR-XM28C010P-12 Datasheet
25Kb / 3P
   High Speed 5 Volt Byte Alterable Nonvolatile Memory Array
XM28C010P-15 XICOR-XM28C010P-15 Datasheet
25Kb / 3P
   High Speed 5 Volt Byte Alterable Nonvolatile Memory Array
XM28C010P-20 XICOR-XM28C010P-20 Datasheet
25Kb / 3P
   High Speed 5 Volt Byte Alterable Nonvolatile Memory Array
XM28C010P-70 XICOR-XM28C010P-70 Datasheet
25Kb / 3P
   High Speed 5 Volt Byte Alterable Nonvolatile Memory Array
More results

Similar Description - XM28C020PMHR-25

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
XM28C040 XICOR-XM28C040 Datasheet
76Kb / 17P
   5 Volt, Byte Alterable E2PROM
X28HC256 XICOR-X28HC256 Datasheet
110Kb / 24P
   5 Volt, Byte Alterable E2PROM
X28HC64 XICOR-X28HC64 Datasheet
112Kb / 24P
   5 Volt, Byte Alterable E2PROM
X28VC256 XICOR-X28VC256 Datasheet
109Kb / 24P
   5 Volt, Byte Alterable E2PROM
X28C010 XICOR-X28C010 Datasheet
127Kb / 25P
   5 Volt, Byte Alterable E2PROM
X28C256 XICOR-X28C256 Datasheet
113Kb / 24P
   5 Volt, Byte Alterable E2PROM
X28C64 XICOR-X28C64 Datasheet
110Kb / 25P
   5 Volt, Byte Alterable E2PROM
X2804C XICOR-X2804C Datasheet
54Kb / 13P
   5 Volt, Byte Alterable E2PROM
X2816C XICOR-X2816C Datasheet
72Kb / 16P
   5 Volt, Byte Alterable E2PROM
X28C512 XICOR-X28C512 Datasheet
126Kb / 25P
   5 Volt, Byte Alterable E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com